Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS3VH253PAG8 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # QS3VH253PAG8
Description  HIGH BANDWIDTH BUS SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

QS3VH253PAG8 Datasheet(HTML) 8 Page - Integrated Device Technology

  QS3VH253PAG8 Datasheet HTML 1Page - Integrated Device Technology QS3VH253PAG8 Datasheet HTML 2Page - Integrated Device Technology QS3VH253PAG8 Datasheet HTML 3Page - Integrated Device Technology QS3VH253PAG8 Datasheet HTML 4Page - Integrated Device Technology QS3VH253PAG8 Datasheet HTML 5Page - Integrated Device Technology QS3VH253PAG8 Datasheet HTML 6Page - Integrated Device Technology QS3VH253PAG8 Datasheet HTML 7Page - Integrated Device Technology QS3VH253PAG8 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
INDUSTRIAL TEMPERATURE
RANGE
IDTQS3VH253
2.5V / 3.3V DUAL 4:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
ORDERING INFORMATION
QS
XXXXX
XX
Package
Device Type
X
Blank
8
Tube or Tray
Tape and Reel
3VH253
2.5V / 3.3V Dual 4:1 Mux/Demux
High Bandwidth Bus Switch
QG
PAG
QSOP - Green
TSSOP - Green
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
logichelp@idt.com
San Jose, CA 95138
fax: 408-284-2775
www.idt.com
Datasheet Document History
09/01/08
Pg. 4, 8
Revise ICCQ Typ. and Max. Remove non green package version and updated the ordering
informationbyremovingthe“IDT”notation.
02/24/14
Pg. 8
Updated the Ordering Information by Adding Tape and Reel information.


Similar Part No. - QS3VH253PAG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
QS3VH251PAG IDT-QS3VH251PAG Datasheet
277Kb / 8P
   HIGH BANDWIDTH BUS SWITCH
QS3VH251PAG8 IDT-QS3VH251PAG8 Datasheet
277Kb / 8P
   HIGH BANDWIDTH BUS SWITCH
QS3VH251QG IDT-QS3VH251QG Datasheet
277Kb / 8P
   HIGH BANDWIDTH BUS SWITCH
QS3VH251QG8 IDT-QS3VH251QG8 Datasheet
277Kb / 8P
   HIGH BANDWIDTH BUS SWITCH
logo
List of Unclassifed Man...
QS3VH257PAG ETC2-QS3VH257PAG Datasheet
275Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V/3.3V QUAD 2:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
More results

Similar Description - QS3VH253PAG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3VH257 IDT-IDTQS3VH257_14 Datasheet
275Kb / 8P
   HIGH BANDWIDTH BUS SWITCH
IDTQS3VH251 IDT-IDTQS3VH251_14 Datasheet
277Kb / 8P
   HIGH BANDWIDTH BUS SWITCH
logo
Pericom Semiconductor C...
PI3C16211 PERICOM-PI3C16211 Datasheet
398Kb / 4P
   3.3V HIGH BANDWIDTH 24-BIT BUS SWITCH
logo
Texas Instruments
SN74CB3Q3305 TI-SN74CB3Q3305 Datasheet
131Kb / 10P
[Old version datasheet]   DUAL FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
logo
Integrated Device Techn...
IDTQS3VH16212 IDT-IDTQS3VH16212_13 Datasheet
262Kb / 8P
   2.5V / 3.3V 24-BIT BUS EXCHANGE HIGH BANDWIDTH BUS SWITCH
IDTQS34XVH2245 IDT-IDTQS34XVH2245_13 Datasheet
270Kb / 8P
   2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH384 IDT-IDTQS3VH384_08 Datasheet
280Kb / 8P
   2.5V / 3.3V 10-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16244 IDT-IDTQS3VH16244_13 Datasheet
281Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16245 IDT-IDTQS3VH16245_14 Datasheet
279Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS32XVH384 IDT-IDTQS32XVH384_11 Datasheet
270Kb / 8P
   2.5V/3.3V 20-BIT HIGH BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com