Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS3VH862QG Datasheet(PDF) 2 Page - Integrated Device Technology

Part # QS3VH862QG
Description  2.5V / 3.3V 10-BIT HIGH AND LOW ENABLE HIGH BANDWIDTH BUS SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

QS3VH862QG Datasheet(HTML) 2 Page - Integrated Device Technology

  QS3VH862QG Datasheet HTML 1Page - Integrated Device Technology QS3VH862QG Datasheet HTML 2Page - Integrated Device Technology QS3VH862QG Datasheet HTML 3Page - Integrated Device Technology QS3VH862QG Datasheet HTML 4Page - Integrated Device Technology QS3VH862QG Datasheet HTML 5Page - Integrated Device Technology QS3VH862QG Datasheet HTML 6Page - Integrated Device Technology QS3VH862QG Datasheet HTML 7Page - Integrated Device Technology QS3VH862QG Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
INDUSTRIAL TEMPERATURE RANGE
IDTQS3VH862
2.5V / 3.3V 10-BIT ACTIVE HIGH AND LOW ENABLE, HIGH BANDWIDTH BUS SWITCH
PIN CONFIGURATION
Symbol
Description
Max
Unit
VTERM(2) SupplyVoltage to Ground
–0.5 to +4.6
V
VTERM(3) DC Switch Voltage VS
–0.5 to +5.5
V
VTERM(3) DC Input Voltage VIN
–0.5 to +5.5
V
VAC
AC Input Voltage (pulse width
≤20ns)
–3
V
IOUT
DC Output Current (max. sink current/pin)
120
mA
TSTG
Storage Temperature
–65 to +150
°C
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. VCC terminals.
3. All terminals except VCC .
Symbol
Parameter(1)
Typ.
Max.
Unit
CIN
Control Inputs
3
5
pF
CI/O
Quickswitch Channels (Switch OFF)
4
6
pF
CI/O
Quickswitch Channels (Switch ON)
8
12
pF
CAPACITANCE (TA = +25°C, F = 1MHz, VIN = 0V, VOUT =
0V)
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
Z = High-Impedence
BE
BE
A0 - A9
Function
L
L
Z
Disconnect
L
H
Z
Disconnect
HL
B0 - B9
Connect
H
H
Z
Disconnect
FUNCTION TABLE(1)
NOTE:
1. This parameter is guaranteed but not production tested.
QSOP
TOP VIEW
24
BE
VCC
1
23
BE
2
A0
22
3
A1
B0
21
4
A2
B1
20
5
A3
B2
19
6
A4
B3
17
8
A6
B5
16
9
A7
B6
15
10
A8
B7
18
7
A5
B4
14
11
A9
B8
13
GND
12
B9
Pin Names
Description
BE
Active HIGH Bus Enable
BE
Active LOW Bus Enable
A0 - A9
Bus A
B0 - B9
Bus B
PIN DESCRIPTION


Similar Part No. - QS3VH862QG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
QS3VH861QG IDT-QS3VH861QG Datasheet
278Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
More results

Similar Description - QS3VH862QG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3VH862 IDT-IDTQS3VH862 Datasheet
71Kb / 8P
   2.5V / 3.3V 10-BIT HIGH AND LOW ENABLE, HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH862 RENESAS-IDTQS3VH862 Datasheet
456Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 10-BIT HIGH AND LOW ENABLE, HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014
logo
Pericom Semiconductor C...
PI3CH1010 PERICOM-PI3CH1010 Datasheet
284Kb / 6P
   10-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
logo
Integrated Device Techn...
IDTQS3VH384 IDT-IDTQS3VH384_08 Datasheet
280Kb / 8P
   2.5V / 3.3V 10-BIT HIGH BANDWIDTH BUS SWITCH
logo
Pericom Semiconductor C...
PI3CH1012 PERICOM-PI3CH1012 Datasheet
308Kb / 7P
   10-Bit Bus Switch, 2-Enable High and Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH1000 PERICOM-PI3CH1000_15 Datasheet
279Kb / 6P
   10-Bit Bus Switch, 2-Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH200LEX PERICOM-PI3CH200LEX Datasheet
259Kb / 7P
   2-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH800 PERICOM-PI3CH800_15 Datasheet
669Kb / 8P
   8-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH400 PERICOM-PI3CH400_15 Datasheet
421Kb / 7P
   4-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH200 PERICOM-PI3CH200_15 Datasheet
284Kb / 7P
   2-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com