Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS3VH16244PAG Datasheet(PDF) 2 Page - Integrated Device Technology

Part # QS3VH16244PAG
Description  2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

QS3VH16244PAG Datasheet(HTML) 2 Page - Integrated Device Technology

  QS3VH16244PAG Datasheet HTML 1Page - Integrated Device Technology QS3VH16244PAG Datasheet HTML 2Page - Integrated Device Technology QS3VH16244PAG Datasheet HTML 3Page - Integrated Device Technology QS3VH16244PAG Datasheet HTML 4Page - Integrated Device Technology QS3VH16244PAG Datasheet HTML 5Page - Integrated Device Technology QS3VH16244PAG Datasheet HTML 6Page - Integrated Device Technology QS3VH16244PAG Datasheet HTML 7Page - Integrated Device Technology QS3VH16244PAG Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
INDUSTRIALTEMPERATURERANGE
IDTQS3VH16244
2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Description
Max.
Unit
VTERM(2)
SupplyVoltagetoGround
– 0.5 to 4.6
V
VTERM(3)
DC Switch Voltage VS
– 0.5 to 5.5
V
VTERM(3)
DC Input Voltage VIN
– 0.5 to 5.5
V
VAC
AC Input Voltage (pulse width
≤20ns)
– 3
V
IOUT
DCOutputCurrent(max.current/pin)
120
mA
TSTG
StorageTemperature
-65to+150
°C
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
2. VCC terminals.
3. All terminals except VCC.
PIN CONFIGURATION
TSSOP
TOP VIEW
CAPACITANCE (TA = +25oC, f = 1MHz, VIN = 0V, VOUT = 0V)
Symbol
Parameter(1)
Typ.
Max.
Unit
CIN
ControlInputs
3
5
pF
CI/O
Quickswitch Channels (Switch OFF)
4
6
pF
CI/O
Quickswitch Channels (Switch ON)
8
12
pF
NOTE:
1. This parameter is guaranteed but not production tested.
PIN DESCRIPTION
Pin Names
Description
xG
OutputEnable
xAx
Data I/Os
xYx
Data I/Os
FUNCTION TABLE(1)
xG
Outputs
H
Disconnected
L
xAx = xYx
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
48
1G
2G
1
47
1
A1
2
1
Y1
46
3
1
Y2
1
A2
45
4
GND
GND
44
5
1
Y3
1
A3
43
6
1
Y4
1
A4
41
8
2
Y1
2
A1
40
9
2
Y2
2
A2
39
10
GND
GND
42
7
VCC
VCC
38
11
2
Y3
2
A3
37
2
Y4
12
2
A4
36
3
Y1
3
A1
13
35
3
A2
14
3
Y2
34
15
GND
GND
33
16
3
Y3
3
A3
32
17
3
Y4
3
A4
31
18
VCC
VCC
29
20
4
Y2
4
A2
28
21
GND
GND
27
22
4
Y3
4
A3
30
19
4
Y1
4
A1
26
23
4
Y4
4
A4
25
4G
24
3G


Similar Part No. - QS3VH16244PAG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
QS3VH16245PAG IDT-QS3VH16245PAG Datasheet
279Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
QS3VH16245PAG8 IDT-QS3VH16245PAG8 Datasheet
279Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
More results

Similar Description - QS3VH16244PAG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS32XVH245 IDT-IDTQS32XVH245 Datasheet
83Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16245 IDT-IDTQS3VH16245_14 Datasheet
279Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS32XVH2245 IDT-IDTQS32XVH2245_11 Datasheet
268Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
QS32XVH2245 IDT-QS32XVH2245 Datasheet
76Kb / 8P
   QUICKSWITCH 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16245 IDT-IDTQS3VH16245 Datasheet
71Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS32XVH245Q2G8 IDT-IDTQS32XVH245Q2G8 Datasheet
266Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16244 IDT-IDTQS3VH16244 Datasheet
82Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16211 IDT-IDTQS3VH16211_13 Datasheet
244Kb / 8P
   2.5V / 3.3V 24-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH384 IDT-IDTQS3VH384_08 Datasheet
280Kb / 8P
   2.5V / 3.3V 10-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS32XVH384 IDT-IDTQS32XVH384_11 Datasheet
270Kb / 8P
   2.5V/3.3V 20-BIT HIGH BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com