Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP131-39Y Datasheet(PDF) 3 Page - Anachip Corp

Part # AP131-39Y
Description  300mA Low Dropout Linear Regulator with Shutdown
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP131-39Y Datasheet(HTML) 3 Page - Anachip Corp

  AP131-39Y Datasheet HTML 1Page - Anachip Corp AP131-39Y Datasheet HTML 2Page - Anachip Corp AP131-39Y Datasheet HTML 3Page - Anachip Corp AP131-39Y Datasheet HTML 4Page - Anachip Corp AP131-39Y Datasheet HTML 5Page - Anachip Corp AP131-39Y Datasheet HTML 6Page - Anachip Corp AP131-39Y Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AP131
300mA Low Dropout Linear Regulator with Shutdown
Anachip Corp.
www.anachip.com.tw
Rev. 1.2 Oct 28, 2004
3/7
Electrical Characteristics
TA=25ºC, CIN=1µF, COUT=10µF, unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VDROP
Dropout voltage (Note 1)
IL=300mA
-
400
500
mV
ILIMIT
Current Limit (Note 2)
VIN=5V, VOUT=0V
350
450
-
mA
∆VLINE
Line regulation
IL=1mA, VIN=5~7V
-
0.1
0.3
%/V
∆VLOAD
Load regulation (Note 3)
IL=1~300mA, VIN=5V
-
30
35
mV
Output voltage accuracy
IL=1mA, VIN=5V
-2
-
+2
%
∆VOUT
Output voltage temperature
coefficient (Note 4)
-
50
150
PPM/ºC
PSRR
Ripple Rejection
F=100Hz,
CIN=1µF, CO=10uF,
IL=100mA
-
60
-
dB
ISB
Standby current
IL=0mA, VIN=5V, EN=0V
-
-
5
µA
IQ
Quiescent current
IL=0mA, VIN=5V, EN=5V
-
50
100
µA
IEN
Enable pin current
-
-
< 0.1
µA
VENON
Output ON
1.5
-
VIN
V
VENOFF
Enable pin voltage
Output OFF
0
-
0.8
V
TDELAY
Enable delay time
CBP=0.1µF, COUT=1µF,
IOUT=30mA
-
8
-
µS
Note 1. Dropout voltage is defined as the input to output differential voltage. Dropout is measured at constant junction temperature by
using pulsed ON time, and the criterion is VOUT inside target value ±2%. This test is skipped at the condition of VIN<3V.
Note 2. Current limit is measured at constant junction temperature by using pulsed testing with a low ON time.
Note 3. Regulation is measured at constant junction temperature by using pulsed testing with a low ON time.
Note 4. Guaranteed by design.
Typical Application Circuit
IN
OUT
GND
AP131
BP
EN
EN
VIN
C
IN
C
BP
C
OUT
VOUT
ON
OFF
1uF
0.1uF
10uF


Similar Part No. - AP131-39Y

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP131-30W DIODES-AP131-30W Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
AP131-30WG-13 DIODES-AP131-30WG-13 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
AP131-30WG-7 DIODES-AP131-30WG-7 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
AP131-30WL-13 DIODES-AP131-30WL-13 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
AP131-30WL-7 DIODES-AP131-30WL-7 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
More results

Similar Description - AP131-39Y

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SULR1731 SMC-SULR1731 Datasheet
413Kb / 11P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731 Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A_16 Datasheet
169Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
Diodes Incorporated
AP131 DIODES-AP131 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731_15 Datasheet
306Kb / 12P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A Datasheet
337Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com