Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS4A210QG8 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # QS4A210QG8
Description  HIGH-PERFORMANCE CMOS TWO CHANNEL SP4T MUX/DEMUX
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

QS4A210QG8 Datasheet(HTML) 1 Page - Integrated Device Technology

  QS4A210QG8 Datasheet HTML 1Page - Integrated Device Technology QS4A210QG8 Datasheet HTML 2Page - Integrated Device Technology QS4A210QG8 Datasheet HTML 3Page - Integrated Device Technology QS4A210QG8 Datasheet HTML 4Page - Integrated Device Technology QS4A210QG8 Datasheet HTML 5Page - Integrated Device Technology QS4A210QG8 Datasheet HTML 6Page - Integrated Device Technology QS4A210QG8 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
IDTQS4A210
HIGH-PERFORMANCECMOSTWO-CHANNELSP4TMUX/DEMUX
INDUSTRIALTEMPERATURERANGE
APRIL 2014
2014 Integrated Device Technology, Inc.
DSC-5550/3
c
INDUSTRIAL TEMPERATURE RANGE
FEATURES:
• Low ON resistance: rDS(ON) = 5
Ω
Ω
Ω
Ω
Ω
• Fast transition time: tTRAN = 6ns
• Wide bandwidth: 700MHz (-3dB point)
• Crosstalk: -110dB at 50KHz, -68dB at 5MHz, -66dB at 30MHz
• Off-isolation: -90dB at 50KHz, -60dB at 5MHz, -50dB at 30MHz
• Single 5V supply
• Can be used as multiplexer or demultiplexer
• TTL-compatible control inputs
• Ultra-low quiescent current: 3
μμμμμA
• Available in QSOP package
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc.
APPLICATIONS:
• High-speed video signal switching/routing
• HDTV-quality video signal multiplexing
• Audio signal switching/routing
• Data acquisition
• ATE systems
• Telecomm routing
• Switch between multiple video sources
• Token Ring transceivers
• High-speed networking
FUNCTIONAL BLOCK DIAGRAM
IDTQS4A210
DESCRIPTION:
The QS4A210 is a high-performance CMOS two-channel SP4T multi-
plexer/demultiplexer with individual enables. The low On-resistance of the
QS4A210allowsinputstobeconnectedtooutputswithlowinsertionlossand
high bandwidth. TTL-compatible control circuitry with “Break-Before-Make”
feature prevents contention.
The QS4A210 with 700MHz bandwidth makes it ideal for high-perfor-
mance video signal switching, audio signal switching, and telecom routing
applications. Low power dissipation makes this device ideal for battery
operated and remote instrumentation applications.
The QS4A210 is offered in the QSOP package which has several
advantages over conventional packages such as PDIP and SOIC, includ-
ing:
• Reduced signal delays due to denser component packaging on circuit
boards
• Reduced system noise due to less pin inductance, resulting in lower
ground bounce
The QS4A210 is characterized for operation at -40°C to +85°C.
QUICKSWITCH® PRODUCTS
HIGH-PERFORMANCE CMOS
TWO CHANNEL SP4T MUX/DEMUX
CO NTRO L
LOGIC
YB
I3B
I2B
I1B
I0B
S0
I3A
I2A
I1A
I0A
YA
S1
EA
EB


Similar Part No. - QS4A210QG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
QS4A215Q1G IDT-QS4A215Q1G Datasheet
127Kb / 7P
   HIGH-PERFORMANCE CMOS SIX CHANNEL SP4T MUX/DEMUX
QS4A215Q1G8 IDT-QS4A215Q1G8 Datasheet
127Kb / 7P
   HIGH-PERFORMANCE CMOS SIX CHANNEL SP4T MUX/DEMUX
More results

Similar Description - QS4A210QG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS4A210 IDT-IDTQS4A210 Datasheet
77Kb / 7P
   QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL SP4T MUX/DEMUX
logo
Renesas Technology Corp
IDTQS4A210 RENESAS-IDTQS4A210 Datasheet
422Kb / 8P
   QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL SP4T MUX/DEMUX
APRIL 2014
logo
Integrated Device Techn...
IDTQS4A215 IDT-IDTQS4A215_15 Datasheet
127Kb / 7P
   HIGH-PERFORMANCE CMOS SIX CHANNEL SP4T MUX/DEMUX
IDTQS4A215 IDT-IDTQS4A215 Datasheet
86Kb / 7P
   QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS SIX CHANNEL SP4T MUX/DEMUX
logo
Renesas Technology Corp
IDTQS4A215 RENESAS-IDTQS4A215 Datasheet
283Kb / 8P
   QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS SIX CHANNEL SP4T MUX/DEMUX
JULY 2015
logo
Integrated Device Techn...
IDTQS4A205 IDT-IDTQS4A205_14 Datasheet
264Kb / 7P
   HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPDT MUX/DEMUX
IDTQS4A205 IDT-IDTQS4A205 Datasheet
88Kb / 7P
   HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPDT MUX/DEMUX
IDTQS4A205 IDT-IDTQS4A205_08 Datasheet
240Kb / 7P
   QUICKSWITCH짰 PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPDT MUX/DEMUX
logo
Renesas Technology Corp
IDTQS4A205 RENESAS-IDTQS4A205 Datasheet
430Kb / 8P
   QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPDT MUX/DEMUX
APRIL 2014
logo
Integrated Device Techn...
QS3253S1G IDT-QS3253S1G Datasheet
223Kb / 5P
   DUAL 4 1 MUX/DEMUX HIGH-SPEED CMOS QUICKSWITCH DUAL 4 1 MUX/DEMUX
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com