Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72V83L20PAG Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 72V83L20PAG
Description  3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V83L20PAG Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 72V83L20PAG Datasheet HTML 4Page - Integrated Device Technology 72V83L20PAG Datasheet HTML 5Page - Integrated Device Technology 72V83L20PAG Datasheet HTML 6Page - Integrated Device Technology 72V83L20PAG Datasheet HTML 7Page - Integrated Device Technology 72V83L20PAG Datasheet HTML 8Page - Integrated Device Technology 72V83L20PAG Datasheet HTML 9Page - Integrated Device Technology 72V83L20PAG Datasheet HTML 10Page - Integrated Device Technology 72V83L20PAG Datasheet HTML 11Page - Integrated Device Technology 72V83L20PAG Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
COMMERCIAL ANDINDUSTRIAL
TEMPERATURERANGES
IDT72V81/72V82/72V83/72V84/72V85 3.3V CMOS DUAL ASYNCHRONOUS FIFO
512 x 9, 1024 x 9, 2048 x 9, 4096 x 9, 8192 x 9
USAGE MODES:
Width Expansion
Word width may be increased simply by connecting the corresponding
input control signals of multiple FIFOs. Status flags (EF, FF and HF) can be
detectedfromanyoneFIFO. Figure13demonstratesan18-bitwordwidthby
usingthetwoFIFOscontainedintheIDT72V81/72V82/72V83/72V84/72V85s.
Any word width can be attained by adding FIFOs (Figure 13).
Bidirectional Operation
Applications which require data buffering between two systems (each
system capable of Read and Write operations) can be achieved by pairing
IDT72V81/72V82/72V83/72V84/72V85sasshowninFigure16.BothDepth
Expansion and Width Expansion may be used in this mode.
Data Flow-Through
Two types of flow-through modes are permitted, a read flow-through
andwriteflow-throughmode.Forthereadflow-throughmode(Figure17),the
FIFO permits a reading of a single word after writing one word of data into an
empty FIFO. The data is enabled on the bus in (tWEF + tA) ns after the rising
edgeofW,calledthefirstwriteedge,anditremainsonthe busuntiltheRline
israisedfromlow-to-high,afterwhichthebuswouldgointoathree-statemode
aftertRHZns.TheEFlinewouldhaveapulseshowingtemporarydeassertion
and then would be asserted.
In the write flow-through mode (Figure 18), the FIFO permits the writing
of a single word of data immediately after reading one word of data from a
full FIFO. The Rline causes the FFto be deasserted but the Wline being low
causesittobeassertedagaininanticipationofanewdataword.Ontherising
edgeofW,thenewwordisloadedintheFIFO.TheWlinemustbetoggledwhen
FFisnotassertedtowritenewdataintheFIFOandtoincrementthewritepointer.
Compound Expansion
The two expansion techniques described above can be applied together
in a straightforward manner to achieve large FIFO arrays (see Figure 15).
Figure 12. Block Diagram of One 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9 FIFO Used in Single Device Mode
Figure 13. Block Diagram of One 512 x 18, 1,024 x 18, 2,048 x 18, 4,096 x 18 and 8,192 x 18 FIFO Memory Used in Width Expansion Mode
XIA
XIB
9
9
18
9
18
HFB
HFA
9
WRITE (
W)
FULL FLAG (
FFA)
RESET (
RS)
READ (
R)
EMPTY FLAG (
EFB)
RETRANSMIT (
RT)
DATA OUT (Q)
3966 drw 15
FIFO A
FIFO B
72V81/72V82/72V83
72V84/72V85
DATA
(D)
IN
WRITE (
W)
DATA IN (D)
FULL FLAG (
FF)
RESET (
RS)
9
READ (
R)
9
DATA OUT (Q)
EMPTY FLAG (
EF)
RETRANSMIT (
RT)
EXPANSION IN (
XI)
(
HF)
IDT
72V81
72V82
72V83
72V84
72V85
(HALF-FULL FLAG)
3966 drw 14
FIFO
A or B


Similar Part No. - 72V83L20PAG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
72V83L20PAG IDT-72V83L20PAG Datasheet
125Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
72V83L20PAG IDT-72V83L20PAG Datasheet
100Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
72V83L20PAG RENESAS-72V83L20PAG Datasheet
274Kb / 13P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
72V83L20PAG8 IDT-72V83L20PAG8 Datasheet
100Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
72V83L20PAG8 RENESAS-72V83L20PAG8 Datasheet
274Kb / 13P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
More results

Similar Description - 72V83L20PAG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V81 RENESAS-IDT72V81 Datasheet
274Kb / 13P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_17 Datasheet
100Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81_06 Datasheet
140Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V01 IDT-IDT72V01_12 Datasheet
301Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V06 IDT-IDT72V06 Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V01 RENESAS-IDT72V01 Datasheet
288Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com