Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS17885-3 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS17885-3
Description  3V/5V Real-Time Clock
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS17885-3 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS17885-3 Datasheet HTML 2Page - Dallas Semiconductor DS17885-3 Datasheet HTML 3Page - Dallas Semiconductor DS17885-3 Datasheet HTML 4Page - Dallas Semiconductor DS17885-3 Datasheet HTML 5Page - Dallas Semiconductor DS17885-3 Datasheet HTML 6Page - Dallas Semiconductor DS17885-3 Datasheet HTML 7Page - Dallas Semiconductor DS17885-3 Datasheet HTML 8Page - Dallas Semiconductor DS17885-3 Datasheet HTML 9Page - Dallas Semiconductor DS17885-3 Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
DS17885/DS17887
6 of 38
DS17885 ONLY
X1, X2 – Connections for a standard 32.768kHz quartz crystal. For greatest accuracy, the DS17885 must
be used with a crystal that has a specified load capacitance of either 6pF or 12.5pF. The crystal select
(CS) bit in extended-control register 4B is used to select operation with a 6pF or 12.5pF crystal. The
crystal is attached directly to the X1 and X2 pins. There is no need for external capacitors or resistors.
Note: X1 and X2 are very high-impedance nodes. It is recommended that they and the crystal be guard-
ringed with ground and that high frequency signals be kept away from the crystal area.
For more information about crystal selection and crystal layout considerations, refer to Application Note
58, “Crystal Considerations with Dallas Real-Time Clocks.” The DS17885 can also be driven by an
external 32.768kHz oscillator. In this configuration, the X1 pin is connected to the external oscillator
signal and the X2 pin is floated.
VBAT – Battery input for any standard 3V lithium cell or other energy source. Battery voltage must be
held between 2.5V and 3.7V for proper operation. UL recognized to ensure against reverse charging
current when used in conjunction with a lithium battery. See “Conditions of Acceptability” at
www.maxim-ic.com/TechSupport/AQ/ntrl.htm.
POWER-DOWN/POWER-UP CONSIDERATIONS
The RTC function continues to operate and all of the RAM, time, calendar, and alarm memory locations
remain nonvolatile regardless of the level of the VCC input. When VCC is applied to the
DS17885/DS17887 and reaches a level of greater than VPF (power-fail trip point), the device becomes
accessible after tREC, provided that the oscillator is running and the oscillator countdown chain is not in
reset (Register A). This time period allows the system to stabilize after power is applied.
The DS17885/DS17887 is available in either a 3V or a 5V device.
The 5V device is fully accessible and data can be written and read only when VCC is greater than 4.5V.
When VCC is below 4.5V, read and writes are inhibited. However, the timekeeping function continues
unaffected by the lower input voltage. As VCC falls below the greater of VBAT and VBAUX, the RAM and
timekeeper are switched over to a lithium battery connected either to the VBAT pin or VBAUX pin.
The 3V device is fully accessible and data can be written or read only when VCC is greater than 2.7V.
When VCC falls below VPF, access to the device is inhibited. If VPF is less than VBAT and VBAUX, the
power supply is switched from VCC to the backup supply (the greater of VBAT and VBAUX) when VCC drops
below VPF. If VPF is greater than VBAT and VBAUX, the power supply is switched from VCC to the backup
supply when VCC drops below the larger of VBAT and VBAUX.
When VCC falls below VPF, the chip is write-protected. With the possible exception of the KS , PWR ,
RCLR
, and SQW pins, all inputs are ignored and all outputs are in a high-impedance state.


Similar Part No. - DS17885-3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS17885-3 MAXIM-DS17885-3 Datasheet
319Kb / 30P
   Real-Time Clocks
Rev 0; 4/06
DS17885-3++ MAXIM-DS17885-3+ Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
More results

Similar Description - DS17885-3

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS17285 DALLAS-DS17285 Datasheet
411Kb / 38P
   3V/5V Real-Time Clock
DS17485 DALLAS-DS17485 Datasheet
427Kb / 38P
   3V/5V Real-Time Clock
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
logo
STMicroelectronics
M48T86 STMICROELECTRONICS-M48T86 Datasheet
163Kb / 23P
   5V PC REAL TIME CLOCK
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com