Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTQS32390 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDTQS32390
Description  QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS32390 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDTQS32390 Datasheet HTML 1Page - Integrated Device Technology IDTQS32390 Datasheet HTML 2Page - Integrated Device Technology IDTQS32390 Datasheet HTML 3Page - Integrated Device Technology IDTQS32390 Datasheet HTML 4Page - Integrated Device Technology IDTQS32390 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
INDUSTRIALTEMPERATURERANGE
IDTQS32390
HIGH-SPEEDCMOSQUICKSWITCH16:8MULTIPLEXER
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
TestConditions(1)
Max.
Unit
ICCQ
Quiescent Power Supply Current
VCC = Max., VIN = GND or Vcc, f = 0
3
μA
ΔICC
Power Supply Current per Control Input HIGH (2)
VCC = Max., VIN = 3.4V, f = 0
1.5
mA
ICCD
Dynamic Power Supply Current per MHz(3)
VCC = Max., A, B, and AB pins open
0.25
mA/MHz
Control Inputs Toggling at 50% Duty Cycle
NOTES:
1. For conditions shown as Min. or Max., use the appropriate values specified under DC Electrical Characteristics.
2. Per TLL driven input (VIN = 3.4V, control inputs only). A, B, and AB pins do not contribute to
ΔIcc.
3. This current applies to the control inputs only and represents the current required to switch internal capacitance at the specified frequency. The A, B, and AB I/Os generate no
significant AC or DC currents as they transition. This parameter is guaranteed but not production tested.
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
TA = -40°C to +85°C, VCC = 5.0V ± 5%;
CLOAD = 50pF, RLOAD = 500
Ω unless otherwise noted.
Symbol
Parameter
Min.(1)
Typ.
Max.
Unit
tPLH
DataPropagationDelay(2,4)
1.25(3)
ns
tPHL
AxBx to CxDx, CxDx to AxBx
tPZH
SwitchTurn-onDelay
1.5
7.5
ns
tPZL
BE to Ax, Bx, Cx, Dx
tPHZ
SwitchTurn-offDelay (2)
5.5
ns
tPLZ
BE to Ax, Bx, Cx, Dx
NOTES:
1. Minimums are guaranteed but not production tested.
2. This parameter is guaranteed but not production tested.
3. The time constant for the switch alone is of the order of 1.25ns for CL = 50pF.
4. The bus switch contributes no propagation delay other than the RC delay of the ON resistance of the switch and the load capacitance. Since this time constant is much smaller
than the rise and fall times of typical driving signals, it adds very little propagation delay to the system. Propagation delay of the bus switch, when used in a system, is determined
by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.


Similar Part No. - IDTQS32390

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS32390 IDT-IDTQS32390 Datasheet
45Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
More results

Similar Description - IDTQS32390

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS32390 IDT-IDTQS32390 Datasheet
45Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
IDTQS3390 IDT-IDTQS3390_14 Datasheet
82Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
IDTQS3390 IDT-IDTQS3390 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
QS32390QG IDT-QS32390QG Datasheet
221Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16 8 MULTIPLEXER
logo
Renesas Technology Corp
QS32390 RENESAS-QS32390 Datasheet
256Kb / 6P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
JUNE 2019
IDTQS3390 RENESAS-IDTQS3390 Datasheet
250Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
OCTOBER 2014
logo
List of Unclassifed Man...
QS32390 ETC1-QS32390 Datasheet
530Kb / 6P
   High-Speed CMOS QuickSwitch 16:8 Multiplexer
logo
Integrated Device Techn...
IDTQS32245 IDT-IDTQS32245 Datasheet
40Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3244 IDT-IDTQS3244 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3245 IDT-IDTQS3245 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com