Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7284L12PAIGI8 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 7284L12PAIGI8
Description  CMOS DUAL ASYNCHRONOUS FIFO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7284L12PAIGI8 Datasheet(HTML) 4 Page - Integrated Device Technology

  7284L12PAIGI8 Datasheet HTML 1Page - Integrated Device Technology 7284L12PAIGI8 Datasheet HTML 2Page - Integrated Device Technology 7284L12PAIGI8 Datasheet HTML 3Page - Integrated Device Technology 7284L12PAIGI8 Datasheet HTML 4Page - Integrated Device Technology 7284L12PAIGI8 Datasheet HTML 5Page - Integrated Device Technology 7284L12PAIGI8 Datasheet HTML 6Page - Integrated Device Technology 7284L12PAIGI8 Datasheet HTML 7Page - Integrated Device Technology 7284L12PAIGI8 Datasheet HTML 8Page - Integrated Device Technology 7284L12PAIGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
COMMERCIALTEMPERATURERANGE
IDT7280/7281/7282/7283/7284/7285 5V ASYNCHRONOUS FIFO
DUAL 256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
JUNE 29, 2012
SIGNAL DESCRIPTIONS
INPUTS:
DATA IN (D0 – D8)
Data inputs for 9-bit wide data.
CONTROLS:
RESET (RS)
ResetisaccomplishedwhenevertheReset(RS)inputistakentoaLOWstate.
During reset, both internal read and write pointers are set to the first location.
Aresetisrequiredafterpowerupbeforeawriteoperationcantakeplace.Both
the Read Enable (R) and Write Enable (W) inputs must be in the HIGH
state during the window shown in Figure 2, (i.e., tRSS before the rising
edge of RS) and should not change until tRSR after the rising edge of
RS. Half-Full Flag (HF) will be reset to HIGH after Reset (RS).
WRITE ENABLE (W)
A write cycle is initiated on the falling edge of this input if the Full Flag (FF)
isnotset.Dataset-upandholdtimesmustbeadheredtowithrespecttotherising
edgeoftheWriteEnable(W).DataisstoredintheRAMarraysequentiallyand
independently of any on-going read operation.
After half of the memory is filled and at the falling edge of the next write
operation,theHalf-FullFlag(HF)willbesettoLOWandwillremainsetuntilthe
difference between the write pointer and read pointer is less than or equal to
onehalfofthetotalmemoryofthedevice.TheHalf-FullFlag(HF)isthenreset
by the rising edge of the read operation.
Topreventdataoverflow,theFullFlag(FF)willgoLOW,inhibitingfurther
write operations. Upon the completion of a valid read operation, the Full Flag
(FF) will go HIGH after tRFF, allowing a valid write to begin. When the FIFO is
full, the internal write pointer is blocked from W, so external changes in Wwill
notaffecttheFIFOwhenitisfull.
READ ENABLE (R)
AreadcycleisinitiatedonthefallingedgeoftheReadEnable(R)provided
theEmptyFlag(EF)isnotset.ThedataisaccessedonaFirst-In/First-Outbasis,
independent of any ongoing write operations. After Read Enable (R) goes
HIGH,theDataOutputs(Q0–Q8)willreturntoahighimpedanceconditionuntil
thenextReadoperation.WhenalldatahasbeenreadfromtheFIFO,theEmpty
Flag (EF) will go LOW, allowing the “final” read cycle but inhibiting further read
operations with the data outputs remaining in a high impedance state. Once a
valid write operation has been accomplished, the Empty Flag (EF)willgoHIGH
aftertWEFandavalidReadcanthenbegin.WhentheFIFOisempty,theinternal
read pointer is blocked from Rso external changes in Rwill not affect the FIFO
when it is empty.
FIRST LOAD/RETRANSMIT (FL/RT)
This is a dual-purpose input. In the Depth Expansion Mode, this pin is
groundedtoindicatethatitisthefirstloaded(seeOperatingModes). IntheSingle
DeviceMode,thispinactsastheretransmitinput.TheSingleDeviceModeis
initiated by grounding the Expansion In (XI).
ThesedevicescanbemadetoretransmitdatawhentheRetransmitEnable
control(RT)inputispulsedLOW. Aretransmitoperationwillsettheinternalread
pointertothefirstlocationandwillnotaffectthewritepointer.ReadEnable(R)
andWriteEnable(W)mustbeintheHIGHstateduringretransmit.Thisfeature
is useful when less than 256/512/1,024/2,048/4,096/8,192 writes are per-
formedbetweenresets.TheretransmitfeatureisnotcompatiblewiththeDepth
Expansion Mode and will affect the Half-Full Flag (HF), depending on the
relative locations of the read and write pointers.
EXPANSION IN (XI)
Thisinputisadual-purposepin. ExpansionIn(XI)isgroundedtoindicate
an operation in the single device mode. Expansion In (XI) is connected to
Expansion Out (XO) of the previous device in the Depth Expansion or Daisy
Chain Mode.
OUTPUTS:
FULL FLAG (FF)
TheFullFlag(FF)willgoLOW,inhibitingfurtherwriteoperation,whenthe
write pointer is one location less than the read pointer, indicating that the
deviceisfull.IfthereadpointerisnotmovedafterReset(RS),theFull-Flag(FF)
will go LOW after 256 writes for IDT7280, 512 writes for the IDT7281, 1,024
writes for the IDT7282, 2,048 writes for the IDT7283, 4,096 writes for the
IDT7284 and 8,192 writes for the IDT7285.
EMPTY FLAG (EF)
TheEmptyFlag(EF)willgoLOW,inhibitingfurtherreadoperations,when
the read pointer is equal to the write pointer, indicating that the device is
empty.
EXPANSION OUT/HALF-FULL FLAG (XO/HF)
This is a dual-purpose output. In the single device mode, when Expan-
sionIn(XI)isgrounded,thisoutputactsasanindicationofahalf-fullmemory.
After half of the memory is filled and at the falling edge of the next write
operation,theHalf-FullFlag(HF)willbesetLOWandwillremainsetuntilthe
difference between the write pointer and read pointer is less than or equal
toonehalfofthetotalmemoryofthedevice.TheHalf-FullFlag(HF)isthenreset
by using rising edge of the read operation.
IntheDepthExpansionMode,ExpansionIn(XI)isconnectedtoExpansion
Out(XO)ofthepreviousdevice.Thisoutputactsasasignaltothenextdevice
in the Daisy Chain by providing a pulse to the next device when the previous
devicereachesthelastlocationofmemory.
DATA OUTPUTS (Q0 – Q8)
Data outputs for 9-bit wide data. This data is in a high impedance
condition whenever Read (R) is in a HIGH state.


Similar Part No. - 7284L12PAIGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7284L12PAG IDT-7284L12PAG Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
7284L12PAG RENESAS-7284L12PAG Datasheet
114Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
7284L12PAG8 IDT-7284L12PAG8 Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
7284L12PAG8 RENESAS-7284L12PAG8 Datasheet
114Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
7284L12PAGI IDT-7284L12PAGI Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
More results

Similar Description - 7284L12PAIGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7280 RENESAS-IDT7280 Datasheet
114Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7203 IDT-IDT7203_17 Datasheet
143Kb / 14P
   CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7203 RENESAS-IDT7203 Datasheet
276Kb / 15P
   CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203_06 Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7200L IDT-IDT7200L_17 Datasheet
139Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81_17 Datasheet
100Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V81 RENESAS-IDT72V81 Datasheet
274Kb / 13P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_12 Datasheet
290Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com