Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

870025174004 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 870025174004
Description  WCAP-PTG5 Aluminum Polymer Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

870025174004 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  870025174004 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 870025174004 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 870025174004 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 870025174004 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 870025174004 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 870025174004 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 870025174004 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1.0
REV
2014-11-11
DATE
SSt
BY
PSL
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WCAP-PTG5 Aluminum Polymer Capacitors
Order.- No.
870025174004
SIZE
A4
Size: 8.0 x 8.0
Component Marking:
Print
1st Line
2nd Line
3rd Line
Description
Capacitance value: 330 µF & Rated voltage: 6.3 V (DC)
WCAP-PTG5 & max. operating temperature +105°C
Datecode: YWW
D2 Multiplier for Ripple Current vs. Frequency:
Frequency
Multiplier
120 Hz ≤ freq. < 1 kHz
0.05
1 kHz ≤ freq. < 10 kHz
0.3
10 kHz ≤ freq. < 100 kHz
0.7
100 kHz ≤ freq. < 300 kHz
1.0
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 870025174004

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
870025174001 WURTH-870025174001 Datasheet
483Kb / 7P
   WCAP-PTG5 Aluminum Polymer Capacitors
870025174002 WURTH-870025174002 Datasheet
483Kb / 7P
   WCAP-PTG5 Aluminum Polymer Capacitors
870025174003 WURTH-870025174003 Datasheet
483Kb / 7P
   WCAP-PTG5 Aluminum Polymer Capacitors
870025174005 WURTH-870025174005 Datasheet
483Kb / 7P
   WCAP-PTG5 Aluminum Polymer Capacitors
870025174006 WURTH-870025174006 Datasheet
483Kb / 7P
   WCAP-PTG5 Aluminum Polymer Capacitors
More results

Similar Description - 870025174004

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
870025174007 WURTH-870025174007 Datasheet
483Kb / 7P
   WCAP-PTG5 Aluminum Polymer Capacitors
870025374005 WURTH-870025374005 Datasheet
483Kb / 7P
   WCAP-PTG5 Aluminum Polymer Capacitors
870025174001 WURTH-870025174001 Datasheet
483Kb / 7P
   WCAP-PTG5 Aluminum Polymer Capacitors
870025174006 WURTH-870025174006 Datasheet
483Kb / 7P
   WCAP-PTG5 Aluminum Polymer Capacitors
870025174009 WURTH-870025174009 Datasheet
483Kb / 7P
   WCAP-PTG5 Aluminum Polymer Capacitors
870025174008 WURTH-870025174008 Datasheet
483Kb / 7P
   WCAP-PTG5 Aluminum Polymer Capacitors
870025174011 WURTH-870025174011 Datasheet
483Kb / 7P
   WCAP-PTG5 Aluminum Polymer Capacitors
870025175012 WURTH-870025175012 Datasheet
483Kb / 7P
   WCAP-PTG5 Aluminum Polymer Capacitors
870025175013 WURTH-870025175013 Datasheet
483Kb / 7P
   WCAP-PTG5 Aluminum Polymer Capacitors
870025374007 WURTH-870025374007 Datasheet
483Kb / 7P
   WCAP-PTG5 Aluminum Polymer Capacitors
870025574003 WURTH-870025574003 Datasheet
483Kb / 7P
   WCAP-PTG5 Aluminum Polymer Capacitors
1.0 2014-11-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com