Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K1S161611A Datasheet(PDF) 7 Page - Samsung semiconductor

Part # K1S161611A
Description  1Mx16 bit Uni-Transistor Random Access Memory
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K1S161611A Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button K1S161611A Datasheet HTML 2Page - Samsung semiconductor K1S161611A Datasheet HTML 3Page - Samsung semiconductor K1S161611A Datasheet HTML 4Page - Samsung semiconductor K1S161611A Datasheet HTML 5Page - Samsung semiconductor K1S161611A Datasheet HTML 6Page - Samsung semiconductor K1S161611A Datasheet HTML 7Page - Samsung semiconductor K1S161611A Datasheet HTML 8Page - Samsung semiconductor K1S161611A Datasheet HTML 9Page - Samsung semiconductor K1S161611A Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Revision 0.1
November 2003
K1S161611A
- 7 -
UtRAM
Preliminary
Address
Data Out
Previous Data Valid
Data Valid
TIMING DIAGRAMS
TIMING WAVEFORM OF READ CYCLE(1) (Address Controlled, CS1=OE=VIL, CS2=WE=VIH, UB or/and LB=VIL)
TIMING WAVEFORM OF READ CYCLE(2) (WE=VIH)
Data Valid
High-Z
tRC
CS1
Address
UB, LB
OE
Data out
tAA
tRC
tOH
tOH
tAA
tCO
tBA
tOE
tOLZ
tBLZ
tLZ
tOHZ
tBHZ
tHZ
NOTES (READ CYCLE)
1.
tHZ and tOHZ are defined as the time at which the outputs achieve the open circuit conditions and are not referenced to output voltage
levels.
2. At any given temperature and voltage condition,
tHZ(Max.) is less than tLZ(Min.) both for a given device and from device to device
interconnection.
3. tOE(max) is met only when
OE becomes enabled after tAA(max).
4. If invalid address signals shorter than min. tRC are continuously repeated for over 4us, the device needs a normal read timing(tRC) or
needs to sustain standby state for min. tRC at least once in every 4us.
CS2


Similar Part No. - K1S161611A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K1S16161CA SAMSUNG-K1S16161CA Datasheet
186Kb / 10P
   1Mx16 bit Page Mode Uni-Transistor Random Access Memory
K1S16161CA-I SAMSUNG-K1S16161CA-I Datasheet
186Kb / 10P
   1Mx16 bit Page Mode Uni-Transistor Random Access Memory
More results

Similar Description - K1S161611A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K1S1616B1A SAMSUNG-K1S1616B1A Datasheet
179Kb / 10P
   1Mx16 bit Uni-Transistor Random Access Memory
K1S16161CA SAMSUNG-K1S16161CA Datasheet
186Kb / 10P
   1Mx16 bit Page Mode Uni-Transistor Random Access Memory
K1S1616BCA SAMSUNG-K1S1616BCA Datasheet
186Kb / 10P
   1Mx16 bit Page Mode Uni-Transistor Random Access Memory
K1S321615M SAMSUNG-K1S321615M Datasheet
239Kb / 12P
   2Mx16 bit Uni-Transistor Random Access Memory
K1S321611C SAMSUNG-K1S321611C Datasheet
179Kb / 10P
   2Mx16 bit Uni-Transistor Random Access Memory
K1S3216B1C SAMSUNG-K1S3216B1C Datasheet
180Kb / 10P
   2Mx16 bit Uni-Transistor Random Access Memory
K1B6416B6C SAMSUNG-K1B6416B6C Datasheet
768Kb / 46P
   4Mx16 bit Synchronous Burst Uni-Transistor Random Access Memory
K1S3216BCD SAMSUNG-K1S3216BCD Datasheet
168Kb / 10P
   2Mx16 bit Page Mode Uni-Transistor Random Access Memory
K1S2816BCM SAMSUNG-K1S2816BCM Datasheet
138Kb / 10P
   8Mx16 bit Page Mode Uni-Transistor Random Access Memory
K1S6416BCC SAMSUNG-K1S6416BCC Datasheet
138Kb / 10P
   4Mx16 bit Page Mode Uni-Transistor Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com