Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS32X245Q2G8 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # QS32X245Q2G8
Description  HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

QS32X245Q2G8 Datasheet(HTML) 1 Page - Integrated Device Technology

  QS32X245Q2G8 Datasheet HTML 1Page - Integrated Device Technology QS32X245Q2G8 Datasheet HTML 2Page - Integrated Device Technology QS32X245Q2G8 Datasheet HTML 3Page - Integrated Device Technology QS32X245Q2G8 Datasheet HTML 4Page - Integrated Device Technology QS32X245Q2G8 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
IDTQS32X245
HIGH-SPEEDCMOSQUICKSWITCHDOUBLE-WIDTHBUSSWITCH
INDUSTRIALTEMPERATURERANGE
FEBRUARY 2011
2011 Integrated Device Technology, Inc.
DSC-5726/5
c
IDTQS32X245
INDUSTRIAL TEMPERATURE RANGE
QUICKSWITCH® PRODUCTS
HIGH-SPEED CMOS
QUICKSWITCH
DOUBLE-WIDTH BUS SWITCH
FUNCTIONAL BLOCK DIAGRAM
IDT and the IDT logo registered trademarks of Integrated Device Technology, Inc.
FEATURES:
• Enhanced N channel FET with no inherent diode to Vcc
•5Ω
Ω
Ω
Ω
Ω bidirectional switches connect inputs to outputs
• Dual '245 function
• Zero propagation delay, zero ground bounce
• Undershoot clamp diodes on all switch and control inputs
• TTL-compatible control inputs
• Available in 40-pin QVSOP package
APPLICATIONS:
• Hot-swapping, hot-docking
• Voltage translation (5V to 3.3V)
• Bus switching and isolation
• Power conservation
• Clock gating
• Logic replacement
B0
OE1
A0
B1
A1
B2
A2
B3
A3
B4
A4
B5
A5
B6
A6
B7
A7
B8
OE2
A8
B9
A9
B10
A10
B11
A11
B12
A12
B13
A13
B14
A14
B15
A15
DESCRIPTION:
The QS32X245 provides a set of 16 high-speed CMOS TTL-compatible
bus switches in a flow-through pinout. The low ON resistance of the
QS32X245 allows inputs to be connected to outputs without adding propa-
gation delay and without generating additional ground bounce noise. The
Output Enable (OEn) signals turn the switches on similar to the OEn signal
of the 74'245.
QuickSwitch devices provide an order of magnitude faster speed than
conventional logic devices.
The QS32X245 is characterized for operation at -40°C to +85°C.


Similar Part No. - QS32X245Q2G8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
QS32X2245Q2G IDT-QS32X2245Q2G Datasheet
223Kb / 5P
   HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
QS32X2245Q2G8 IDT-QS32X2245Q2G8 Datasheet
223Kb / 5P
   HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
QS32X2384Q1G IDT-QS32X2384Q1G Datasheet
222Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH
QS32X2384Q1G8 IDT-QS32X2384Q1G8 Datasheet
222Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH
More results

Similar Description - QS32X245Q2G8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS32X2245 IDT-IDTQS32X2245_11 Datasheet
223Kb / 5P
   HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
IDTQS32X245 IDT-IDTQS32X245 Datasheet
44Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
IDTQS32X2245 IDT-IDTQS32X2245 Datasheet
52Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
IDTQS32X245 IDT-IDTQS32X245 Datasheet
44Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS32X245 RENESAS-IDTQS32X245 Datasheet
377Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
FEBRUARY 2011
IDTQS32X2245 RENESAS-IDTQS32X2245 Datasheet
389Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
FEBRUARY 2011
logo
Integrated Device Techn...
IDTQS32245 IDT-IDTQS32245 Datasheet
40Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3244 IDT-IDTQS3244 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3245 IDT-IDTQS3245 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
logo
Renesas Technology Corp
QS32245 RENESAS-QS32245 Datasheet
254Kb / 6P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
JUNE 2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com