Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1115BY15A Datasheet(PDF) 2 Page - Anachip Corp

Part # AP1115BY15A
Description  0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1115BY15A Datasheet(HTML) 2 Page - Anachip Corp

  AP1115BY15A Datasheet HTML 1Page - Anachip Corp AP1115BY15A Datasheet HTML 2Page - Anachip Corp AP1115BY15A Datasheet HTML 3Page - Anachip Corp AP1115BY15A Datasheet HTML 4Page - Anachip Corp AP1115BY15A Datasheet HTML 5Page - Anachip Corp AP1115BY15A Datasheet HTML 6Page - Anachip Corp AP1115BY15A Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP1115
0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.1.1 Aug.27, 2004
2/7
Ordering Information
AP 1115 X X XX X X
Low Dropout Regulator
Package
Vout
Y : SOT89-3L
V : TO92-3L
Blank : ADJ
15 : 1.5V
18 : 1.8V
25 : 2.5V
28 : 2.8V
30 : 3.0V
33 : 3.3V
35 : 3.5V
50 : 5.0V
Packing
Blank : Tube
A
: Taping
Lead Free
Blank : Normal
L : Lead Free Package
Pin Version
A: Pin1:Vout
2:Adj(GND)
3:Vin
B: Pin1:Adj(GND)
2:Vin
3:Vout
Typical Circuit
C2
100uF
5V
3.3V/0.5A
Vin
Vout
GND
C1
100uF
AP1115A (5V/3.3V fixed output)
)
1
2
REF
o
R
R
(1
V
V
+
=
Note:
Vin
Vout
GND
AP1115B (5V/3.3V fixed output)
5V
C1
100uF
C2
100uF
3.3V/0.5A
R1
121O
R2
121O
C2
100uF
5V
2.5V/0.5A
Vin
Vout
Adj
C1
100uF
V
O
AP1115A (5V/2.5V Adj output)
R2
121O
R1
121O
C2
100uF
5V
2.5V/0.5A
Vin
Vout
Adj
C1
100uF
V
O
AP1115B (5V/2.5V Adj output)


Similar Part No. - AP1115BY15A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1115B15L-13 DIODES-AP1115B15L-13 Datasheet
212Kb / 7P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115 Rev. 1
AP1115B18L-13 DIODES-AP1115B18L-13 Datasheet
212Kb / 7P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115 Rev. 1
AP1115B25L-13 DIODES-AP1115B25L-13 Datasheet
212Kb / 7P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115 Rev. 1
AP1115B28L-13 DIODES-AP1115B28L-13 Datasheet
212Kb / 7P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115 Rev. 1
AP1115B30L-13 DIODES-AP1115B30L-13 Datasheet
212Kb / 7P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115 Rev. 1
More results

Similar Description - AP1115BY15A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1115AY33L-13 DIODES-AP1115AY33L-13 Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
logo
E-Tech Electronics LTD
GL1116 ETL-GL1116 Datasheet
251Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1115 DIODES-AP1115 Datasheet
212Kb / 7P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115 Rev. 1
AP1115AY33G DIODES-AP1115AY33G Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115 DIODES-AP1115_12 Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
logo
E-Tech Electronics LTD
G1116 ETL-G1116 Datasheet
253Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1116 GTM-G1116 Datasheet
248Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GM1116 GTM-GM1116 Datasheet
241Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GL1116 GTM-GL1116 Datasheet
244Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GJ1116 GTM-GJ1116 Datasheet
239Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com