Electronic Components Datasheet Search |
|
K7N321801M Datasheet(PDF) 4 Page - Samsung semiconductor |
|
K7N321801M Datasheet(HTML) 4 Page - Samsung semiconductor |
4 / 24 page 1Mx36 & 2Mx18 Pipelined NtRAMTM - 4 - Rev 2.0 Nov. 2003 K7N321801M K7N323601M PIN CONFIGURATION(TOP VIEW) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 100 Pin TQFP (20mm x 14mm) DQPc DQc0 DQc1 VDDQ VSSQ DQc2 DQc3 DQc4 DQc5 VSSQ VDDQ DQc6 DQc7 VDD VDD VDD VSS DQd0 DQd1 VDDQ VSSQ DQd2 DQd3 DQd4 DQd5 VSSQ VDDQ DQd6 DQd7 DQPd 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 DQPb DQb7 DQb6 VDDQ VSSQ DQb5 DQb4 DQb3 DQb2 VSSQ VDDQ DQb1 DQb0 VSS VDD VDD ZZ DQa7 DQa6 VDDQ VSSQ DQa5 DQa4 DQa3 DQa2 VSSQ VDDQ DQa1 DQa0 DQPa PIN NAME Note : 1. A 0 and A1 are the two least significant bits(LSB) of the address field and set the internal burst counter if burst is desired. SYMBOL PIN NAME TQFP PIN NO. SYMBOL PIN NAME TQFP PIN NO. A0 - A19 ADV WE CLK CKE CS1 CS2 CS2 BWx(x=a,b,c,d) OE ZZ LBO Address Inputs Address Advance/Load Read/Write Control Input Clock Clock Enable Chip Select Chip Select Chip Select Byte Write Inputs Output Enable Power Sleep Mode Burst Mode Control 32,33,34,35,36,37,43, 44,45,46,47,48,49,50, 81,82,83,84,99,100 85 88 89 87 98 97 92 93,94,95,96 86 64 31 V DD V SS N.C. DQa0~a7 DQb0~b7 DQc 0~c 7 DQd0~d7 DQPa~P d V DDQ V SSQ Power Supply(+3.3V) Ground No Connect Data Inputs/Outputs Data Inputs/Outputs Data Inputs/Outputs Data Inputs/Outputs Data Inputs/Outputs Output Power Supply (3.3V or 2.5V) Output Ground 14,15,16,41,65,66,91 17,40,67,90 38,39,42 52,53,56,57,58,59,62,63 68,69,72,73,74,75,78,79 2,3,6,7,8,9,12,13 18,19,22,23,24,25,28,29 51,80,1,30 4,11,20,27,54,61,70,77 5,10,21,26,55,60,71,76 K7N323601M(1Mx36) |
Similar Part No. - K7N321801M |
|
Similar Description - K7N321801M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |