Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7N321801M-QC25 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K7N321801M-QC25
Description  1Mx36 & 2Mx18-Bit Pipelined NtRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7N321801M-QC25 Datasheet(HTML) 5 Page - Samsung semiconductor

  K7N321801M-QC25 Datasheet HTML 1Page - Samsung semiconductor K7N321801M-QC25 Datasheet HTML 2Page - Samsung semiconductor K7N321801M-QC25 Datasheet HTML 3Page - Samsung semiconductor K7N321801M-QC25 Datasheet HTML 4Page - Samsung semiconductor K7N321801M-QC25 Datasheet HTML 5Page - Samsung semiconductor K7N321801M-QC25 Datasheet HTML 6Page - Samsung semiconductor K7N321801M-QC25 Datasheet HTML 7Page - Samsung semiconductor K7N321801M-QC25 Datasheet HTML 8Page - Samsung semiconductor K7N321801M-QC25 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
1Mx36 & 2Mx18 Pipelined NtRAMTM
- 5 -
Rev 2.0
Nov. 2003
K7N321801M
K7N323601M
PIN CONFIGURATION(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
100 Pin TQFP
(20mm x 14mm)
N.C.
N.C.
N.C.
VDDQ
VSSQ
N.C.
N.C.
DQb8
DQb7
VSSQ
VDDQ
DQb6
DQb5
VDD
VDD
VDD
VSS
DQb4
DQb3
VDDQ
VSSQ
DQb2
DQb1
DQb0
N.C.
VSSQ
VDDQ
N.C.
N.C.
N.C.
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
A10
N.C.
N.C.
VDDQ
VSSQ
N.C.
DQa0
DQa1
DQa2
VSSQ
VDDQ
DQa3
DQa4
VSS
VDD
VDD
ZZ
DQa5
DQa6
VDDQ
VSSQ
DQa7
DQa8
N.C.
N.C.
VSSQ
VDDQ
N.C.
N.C.
N.C.
K7N321801M(2Mx18)
PIN NAME
NOTE : A 0 and A1 are the two least significant bits(LSB) of the address field and set the internal burst counter if burst is desired.
SYMBOL
PIN NAME
TQFP PIN NO.
SYMBOL
PIN NAME
TQFP PIN NO.
A 0 - A 20
ADV
WE
CLK
CKE
CS1
CS2
CS2
BW x(x=a,b)
OE
ZZ
LBO
Address Inputs
Address Advance/Load
Read/Write Control Input
Clock
Clock Enable
Chip Select
Chip Select
Chip Select
Byte Write Inputs
Output Enable
Power Sleep Mode
Burst Mode Control
32,33,34,35,36,37,43
44,45,46,47,48,49,50,
80,81,82,83,84,99,100
85
88
89
87
98
97
92
93,94
86
64
31
VDD
VSS
N.C.
DQa0~a 8
DQb0~b 8
VDDQ
VSSQ
Power Supply(+3.3V)
Ground
No Connect
Data Inputs/Outputs
Data Inputs/Outputs
Output Power Supply
(3.3V or 2.5V)
Output Ground
14,15,16,41,65,66,91
17,40,67,90
1,2,3,6,7,25,28,29,30,
38,39,42,51,52,53,
56,57,75,78,79,95,96
58,59,62,63,68,69,72,73,74
8,9,12,13,18,19,22,23,24
4,11,20,27,54,61,70,77
5,10,21,26,55,60,71,76


Similar Part No. - K7N321801M-QC25

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7N321801M-QC25 SAMSUNG-K7N321801M-QC25 Datasheet
211Kb / 18P
   1Mx36 & 2Mx18 Flow-Through NtRAM
K7N321801M-QC25 SAMSUNG-K7N321801M-QC25 Datasheet
275Kb / 24P
   1Mx36 & 2Mx18 Pipelined NtRAM
More results

Similar Description - K7N321801M-QC25

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7N323631C SAMSUNG-K7N323631C Datasheet
553Kb / 25P
   1Mx36 & 2Mx18 Pipelined NtRAM
K7N323645M SAMSUNG-K7N323645M Datasheet
275Kb / 24P
   1Mx36 & 2Mx18 Pipelined NtRAM
DS_K7M323625M SAMSUNG-DS_K7M323625M Datasheet
211Kb / 18P
   1Mx36 & 2Mx18 Flow-Through NtRAM
K7M323635C SAMSUNG-K7M323635C Datasheet
391Kb / 19P
   1Mx36 & 2Mx18 Flow-Through NtRAM
K7D323674C SAMSUNG-K7D323674C Datasheet
462Kb / 18P
   1Mx36 & 2Mx18 SRAM
K7P323674C SAMSUNG-K7P323674C Datasheet
455Kb / 15P
   1Mx36 & 2Mx18 SRAM
K7P323666M SAMSUNG-K7P323666M Datasheet
447Kb / 14P
   1Mx36 & 2Mx18 SRAM
DS_K7N803601B SAMSUNG-DS_K7N803601B Datasheet
378Kb / 18P
   256Kx36 & 512Kx18-Bit Pipelined NtRAM
logo
Integrated Silicon Solu...
IS61QDPB42M18A ISSI-IS61QDPB42M18A Datasheet
874Kb / 33P
   1Mx36 and 2Mx18 configuration available
logo
Samsung semiconductor
K7A323630C SAMSUNG-K7A323630C Datasheet
424Kb / 19P
   1Mx36 and 2Mx18 Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com