Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7N803601B-QC16 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K7N803601B-QC16
Description  256Kx36 & 512Kx18-Bit Pipelined NtRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7N803601B-QC16 Datasheet(HTML) 5 Page - Samsung semiconductor

  K7N803601B-QC16 Datasheet HTML 1Page - Samsung semiconductor K7N803601B-QC16 Datasheet HTML 2Page - Samsung semiconductor K7N803601B-QC16 Datasheet HTML 3Page - Samsung semiconductor K7N803601B-QC16 Datasheet HTML 4Page - Samsung semiconductor K7N803601B-QC16 Datasheet HTML 5Page - Samsung semiconductor K7N803601B-QC16 Datasheet HTML 6Page - Samsung semiconductor K7N803601B-QC16 Datasheet HTML 7Page - Samsung semiconductor K7N803601B-QC16 Datasheet HTML 8Page - Samsung semiconductor K7N803601B-QC16 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
256Kx36 & 512Kx18 Pipelined NtRAMTM
- 5 -
Rev 3.0
Nov. 2003
K7N803601B
K7N801801B
PIN CONFIGURATION(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
100 Pin TQFP
(20mm x 14mm)
N.C.
N.C.
N.C.
VDDQ
VSSQ
N.C.
N.C.
DQb8
DQb7
VSSQ
VDDQ
DQb6
DQb5
VDD
VDD
VDD
VSS
DQb4
DQb3
VDDQ
VSSQ
DQb2
DQb1
DQb0
N.C.
VSSQ
VDDQ
N.C.
N.C.
N.C.
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
A10
N.C.
N.C.
VDDQ
VSSQ
N.C.
DQa0
DQa1
DQa2
VSSQ
VDDQ
DQa3
DQa4
VSS
VDD
VDD
ZZ
DQa5
DQa6
VDDQ
VSSQ
DQa7
DQa8
N.C.
N.C.
VSSQ
VDDQ
N.C.
N.C.
N.C.
K7N801801B(512Kx18)
PIN NAME
Notes : 1. The pin 84 is reserved for address bit for the 16Mb NtRAM.
2. A0 and A1 are the two least significant bits(LSB) of the address field and set the internal burst counter if burst is desired.
SYMBOL
PIN NAME
TQFP PIN NO.
SYMBOL
PIN NAME
TQFP PIN NO.
A0 - A18
ADV
WE
CLK
CKE
CS1
CS2
CS2
BWx(x=a,b)
OE
ZZ
LBO
Address Inputs
Address Advance/Load
Read/Write Control Input
Clock
Clock Enable
Chip Select
Chip Select
Chip Select
Byte Write Inputs
Output Enable
Power Sleep Mode
Burst Mode Control
32,33,34,35,36,37,44
45,46,47,48,49,50,80
81,82,83,99,100
85
88
89
87
98
97
92
93,94
86
64
31
VDD
VSS
N.C.
DQa0~a8
DQb0~b8
VDDQ
VSSQ
Power Supply(+3.3V)
Ground
No Connect
Data Inputs/Outputs
Output Power Supply
(3.3V or 2.5V)
Output Ground
14,15,16,41,65,66,91
17,40,67,90
1,2,3,6,7,25,28,29,30,
38,39,42,43,51,52,53,
56,57,75,78,79,84,95,96
58,59,62,63,68,69,72,73,74
8,9,12,13,18,19,22,23,24
4,11,20,27,54,61,70,77
5,10,21,26,55,60,71,76


Similar Part No. - K7N803601B-QC16

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7N803601B-QC16 SAMSUNG-K7N803601B-QC16 Datasheet
379Kb / 18P
   256Kx36 & 512Kx18-Bit Pipelined NtRAMTM
K7N803601B-QC16/13 SAMSUNG-K7N803601B-QC16/13 Datasheet
375Kb / 18P
   256Kx36 & 512Kx18-Bit Flow Through NtRAM
More results

Similar Description - K7N803601B-QC16

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7N803609B SAMSUNG-K7N803609B Datasheet
399Kb / 19P
   256Kx36 & 512Kx18 Pipelined NtRAM
K7N803649B SAMSUNG-K7N803649B Datasheet
399Kb / 19P
   256Kx36 & 512Kx18 Pipelined NtRAM
K7N803601B SAMSUNG-K7N803601B Datasheet
399Kb / 19P
   256Kx36 & 512Kx18 Pipelined NtRAM
K7N803645B SAMSUNG-K7N803645B Datasheet
400Kb / 19P
   256Kx36 & 512Kx18 Pipelined NtRAM
K7M803625B SAMSUNG-K7M803625B Datasheet
375Kb / 18P
   256Kx36 & 512Kx18-Bit Flow Through NtRAM
K7M803625B SAMSUNG-K7M803625B_06 Datasheet
395Kb / 19P
   256Kx36 & 512Kx18 Flow-Through NtRAM
DS_K7N803645B SAMSUNG-DS_K7N803645B Datasheet
379Kb / 18P
   256Kx36 & 512Kx18-Bit Pipelined NtRAMTM
K7A803600A SAMSUNG-K7A803600A Datasheet
545Kb / 20P
   256Kx36 & 512Kx18-Bit Synchronous Pipelined Burst SRAM
K7M803625A SAMSUNG-K7M803625A Datasheet
319Kb / 20P
   256Kx36 & 512Kx18 Flow-Through NtRAM TM
K7A803609B SAMSUNG-K7A803609B Datasheet
400Kb / 18P
   256Kx36 & 512Kx18-Bit Synchronous Pipelined Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com