Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1T8515A01 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # S1T8515A01
Description  FM IF RECEIVER FOR FLEX PAGER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1T8515A01 Datasheet(HTML) 4 Page - Samsung semiconductor

  S1T8515A01 Datasheet HTML 1Page - Samsung semiconductor S1T8515A01 Datasheet HTML 2Page - Samsung semiconductor S1T8515A01 Datasheet HTML 3Page - Samsung semiconductor S1T8515A01 Datasheet HTML 4Page - Samsung semiconductor S1T8515A01 Datasheet HTML 5Page - Samsung semiconductor S1T8515A01 Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
S1T8515A
FM IF RECEIVER FOR FLEX PAGER
4
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 1.4V ±5%, fIN (2MIX) = 21.4MHz, fDEV = ±4.8kHz, fMOD = 800Hz, Ta = 25°C, FIL_VAR = “H”, unless
otherwise specified)
Characteristic
Symbol
Value
Unit
Supply Voltage
VCC (MAX)
4
V
Power Dissipation
PD
760
mW
Operating Temperature
TOPR
−20 — +70
°C
Storage Temperature
TSTG
−55 — +125
°C
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Operating current
ICCN
No Input Signal
1.5
1.75
mA
ICCS
Battery Saving
0
10
µA
Alarm detection voltage
VAD
1.0
1.05
1.1
V
Alarm low level output voltage
VO (AL)
I = 100
µA
0.4
V
Alarm high level leakage current ILKG (AL)
2
µA
FSK low level output voltage
VL (FSK)
I = 100
µA
0.4
V
FSK high level leakage current
ILKG (FSK)
2
µA
Regulator output voltage
VOREG
0.95
1.0
1.05
V
Quick charge current
IC
50
70
µA
Input for
−3dB sensitivity
VLIM
Mixer Input
2.5
7.5
µVrms
Recovered audio output voltage
VO (RAO)
VIN (2MIX) = 500µVrms
36
54
78
mVrms
Mixer conversion gain
∆G
V (M)
Ceramic Filter loss =
−1dB
8
12
16
dB
Signal to noise ratio
S/N
VIN (MIX1N) = 500µVrms
38
55
dB
Total Harmonic Distortion
THD
VIN (MIX1N) = 500µVrms
2.0
3.5
%
Mixer 3rd order intercept point
3RD
−10
dBm
Mixer input resistance
RI (MIX)
3.5
5
6.5
k
Limiting amp input resistance
RI (LA)
0.9
1.5
2.1
k
AM rejection ratio
AMR
VIN (2MIX) = 500µVrms
(AM = 300%)
25
40
dB
Data shaping output duty
DR
VIN (2MIX) = 500µVrms
40
50
60
%
RSSI output voltage
VRSSI
VIN (2MIX) = 1mVrms
0.49
0.7
0.91
V
RSSI output resistance
RRSSI
90
100
110
k


Similar Part No. - S1T8515A01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1T8515A01-U0B0 SAMSUNG-S1T8515A01-U0B0 Datasheet
85Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
More results

Similar Description - S1T8515A01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1T8515A SAMSUNG-S1T8515A Datasheet
85Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
KA8516 SAMSUNG-KA8516 Datasheet
150Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
KA8515 SAMSUNG-KA8515 Datasheet
146Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
logo
New Japan Radio
NJM2294 NJRC-NJM2294 Datasheet
313Kb / 10P
   FM IF IC FOR PAGER
NJM2294 NJRC-NJM2294_1 Datasheet
193Kb / 9P
   FM IF IC FOR PAGER
logo
Sanyo Semicon Device
LA8615M SANYO-LA8615M Datasheet
305Kb / 11P
   Narrowband FM IF Amplifiers for Pager Receivers
LA8610M SANYO-LA8610M Datasheet
256Kb / 9P
   Pager Narrow-Band FM-IF Circuit
logo
Samsung semiconductor
KA8513B SAMSUNG-KA8513B Datasheet
53Kb / 6P
   FM IF RECEIVER
KA8513BD SAMSUNG-KA8513BD Datasheet
142Kb / 6P
   FM IF RECEIVER
S1T8513A SAMSUNG-S1T8513A Datasheet
57Kb / 6P
   FM IF RECEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com