Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7N323645M-QC20 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K7N323645M-QC20
Description  1Mx36 & 2Mx18-Bit Pipelined NtRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7N323645M-QC20 Datasheet(HTML) 3 Page - Samsung semiconductor

  K7N323645M-QC20 Datasheet HTML 1Page - Samsung semiconductor K7N323645M-QC20 Datasheet HTML 2Page - Samsung semiconductor K7N323645M-QC20 Datasheet HTML 3Page - Samsung semiconductor K7N323645M-QC20 Datasheet HTML 4Page - Samsung semiconductor K7N323645M-QC20 Datasheet HTML 5Page - Samsung semiconductor K7N323645M-QC20 Datasheet HTML 6Page - Samsung semiconductor K7N323645M-QC20 Datasheet HTML 7Page - Samsung semiconductor K7N323645M-QC20 Datasheet HTML 8Page - Samsung semiconductor K7N323645M-QC20 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1Mx36 & 2Mx18 Pipelined NtRAMTM
- 3 -
Rev 2.0
Nov. 2003
K7N321801M
K7N323601M
1Mx36 & 2Mx18-Bit Pipelined NtRAMTM
The K7N323601M and K7N321801M are 37,748,736-bits
Synchronous Static SRAMs.
The N tRAM TM, or No Turnaround Random Access Memory uti-
lizes all the bandwidth in any combination of operating cycles.
Address, data inputs, and all control signals except output
enable and linear burst order are synchronized to input clock.
Burst order control must be tied "High or Low".
Asynchronous inputs include the sleep mode enable(ZZ).
Output Enable controls the outputs at any given time.
Write cycles are internally self-timed and initiated by the rising
edge of the clock input. This feature eliminates complex off-chip
write pulse generation
and provides increased timing flexibility for incoming signals.
For read cycles, pipelined SRAM output data is temporarily
stored by an edge triggered output register and then released
to the output buffers at the next rising edge of clock.
The K7N323601M and K7N321801M are implemented with
SAMSUNG
′s high performance CMOS technology and is avail-
able in 100pin TQFP and 165FBGA packages. Multiple power
and ground pins
minimize ground bounce.
GENERAL DESCRIPTION
FEATURES
LOGIC BLOCK DIAGRAM
• 3.3V+0.165V/-0.165V Power Supply.
• I/O Supply Voltage 3.3V+0.165V/-0.165V for 3.3V I/O
or 2.5V+0.4V/-0.125V for 2.5V I/O.
• Byte Writable Function.
• Enable clock and suspend operation.
• Single READ/WRITE control pin.
• Self-Timed Write Cycle.
• Three Chip Enable for simple depth expansion with no da ta-
contention .
• A interleaved burst or a linear burst mode.
• Asynchronous output enable control.
• Power Down mode.
• 100-TQFP-1420A .
• 165FBGA(11x15 ball aray) with body size of 15mmx17mm.
FAST ACCESS TIMES
PARAMETER
Symbol
-25
-20
-16
-13
Unit
Cycle Time
tCYC
4.0
5.0
6.0
7.5
ns
Clock Access Time
tCD
2.6
3.2
3.5
4.2
ns
Output Enable Access Time
tOE
2.6
3.2
3.5
4.2
ns
WE
BWx
CLK
CKE
CS1
CS2
CS2
ADV
OE
ZZ
DQa0 ~ DQd7 or DQa0 ~ DQb8
ADDRESS
ADDRESS
REGISTER
A
0~A′1
36 or 18
DQPa ~ DQPd
OUTPUT
BUFFER
REGISTER
DATA-IN
REGISTER
DATA-IN
REGISTER
K
K
K
REGISTER
BURST
ADDRESS
COUNTER
WRITE
ADDRESS
REGISTER
WRITE
CONTROL
LOGIC
K
A [0:19]or
A [0:20]
LBO
A2~A 19 or A 2~A 20
A 0~A 1
(x=a,b,c,d or a,b)
1Mx36, 2Mx18
MEMORY
ARRAY
NtRAM TM and No Turnaround Random Access Memory are trademarks of Samsung.


Similar Part No. - K7N323645M-QC20

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7N323645M-QC20 SAMSUNG-K7N323645M-QC20 Datasheet
211Kb / 18P
   1Mx36 & 2Mx18 Flow-Through NtRAM
K7N323645M-QC20 SAMSUNG-K7N323645M-QC20 Datasheet
275Kb / 24P
   1Mx36 & 2Mx18 Pipelined NtRAM
More results

Similar Description - K7N323645M-QC20

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7N323631C SAMSUNG-K7N323631C Datasheet
553Kb / 25P
   1Mx36 & 2Mx18 Pipelined NtRAM
K7N323645M SAMSUNG-K7N323645M Datasheet
275Kb / 24P
   1Mx36 & 2Mx18 Pipelined NtRAM
DS_K7M323625M SAMSUNG-DS_K7M323625M Datasheet
211Kb / 18P
   1Mx36 & 2Mx18 Flow-Through NtRAM
K7M323635C SAMSUNG-K7M323635C Datasheet
391Kb / 19P
   1Mx36 & 2Mx18 Flow-Through NtRAM
K7D323674C SAMSUNG-K7D323674C Datasheet
462Kb / 18P
   1Mx36 & 2Mx18 SRAM
K7P323674C SAMSUNG-K7P323674C Datasheet
455Kb / 15P
   1Mx36 & 2Mx18 SRAM
K7P323666M SAMSUNG-K7P323666M Datasheet
447Kb / 14P
   1Mx36 & 2Mx18 SRAM
DS_K7N803601B SAMSUNG-DS_K7N803601B Datasheet
378Kb / 18P
   256Kx36 & 512Kx18-Bit Pipelined NtRAM
logo
Integrated Silicon Solu...
IS61QDPB42M18A ISSI-IS61QDPB42M18A Datasheet
874Kb / 33P
   1Mx36 and 2Mx18 configuration available
logo
Samsung semiconductor
K7A323630C SAMSUNG-K7A323630C Datasheet
424Kb / 19P
   1Mx36 and 2Mx18 Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com