Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7N801845B-QC13 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K7N801845B-QC13
Description  256Kx36 & 512Kx18-Bit Pipelined NtRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7N801845B-QC13 Datasheet(HTML) 4 Page - Samsung semiconductor

  K7N801845B-QC13 Datasheet HTML 1Page - Samsung semiconductor K7N801845B-QC13 Datasheet HTML 2Page - Samsung semiconductor K7N801845B-QC13 Datasheet HTML 3Page - Samsung semiconductor K7N801845B-QC13 Datasheet HTML 4Page - Samsung semiconductor K7N801845B-QC13 Datasheet HTML 5Page - Samsung semiconductor K7N801845B-QC13 Datasheet HTML 6Page - Samsung semiconductor K7N801845B-QC13 Datasheet HTML 7Page - Samsung semiconductor K7N801845B-QC13 Datasheet HTML 8Page - Samsung semiconductor K7N801845B-QC13 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
256Kx36 & 512Kx18 Pipelined NtRAMTM
- 4 -
Rev 3.0
Nov. 2003
K7N803601B
K7N801801B
PIN CONFIGURATION(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
100 Pin TQFP
(20mm x 14mm)
DQPc
DQc0
DQc1
VDDQ
VSSQ
DQc2
DQc3
DQc4
DQc5
VSSQ
VDDQ
DQc6
DQc7
VDD
VDD
VDD
VSS
DQd0
DQd1
VDDQ
VSSQ
DQd2
DQd3
DQd4
DQd5
VSSQ
VDDQ
DQd6
DQd7
DQPd
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
DQPb
DQb7
DQb6
VDDQ
VSSQ
DQb5
DQb4
DQb3
DQb2
VSSQ
VDDQ
DQb1
DQb0
VSS
VDD
VDD
ZZ
DQa7
DQa6
VDDQ
VSSQ
DQa5
DQa4
DQa3
DQa2
VSSQ
VDDQ
DQa1
DQa0
DQPa
PIN NAME
Notes : 1. The pin 84 is reserved for address bit for the 16Mb NtRAM.
2. A0 and A1 are the two least significant bits(LSB) of the address field and set the internal burst counter if burst is desired.
SYMBOL
PIN NAME
TQFP PIN NO.
SYMBOL
PIN NAME
TQFP PIN NO.
A0 - A17
ADV
WE
CLK
CKE
CS1
CS2
CS2
BWx(x=a,b,c,d)
OE
ZZ
LBO
Address Inputs
Address Advance/Load
Read/Write Control Input
Clock
Clock Enable
Chip Select
Chip Select
Chip Select
Byte Write Inputs
Output Enable
Power Sleep Mode
Burst Mode Control
32,33,34,35,36,37,44
45,46,47,48,49,50,81
82,83,99,100
85
88
89
87
98
97
92
93,94,95,96
86
64
31
VDD
VSS
N.C.
DQa0~a7
DQb0~b7
DQc0~c7
DQd0~d7
DQPa~Pd
VDDQ
VSSQ
Power Supply(+3.3V)
Ground
No Connect
Data Inputs/Outputs
Output Power Supply
(3.3V or 2.5V)
Output Ground
14,15,16,41,65,66,91
17,40,67,90
38,39,42,43,84
52,53,56,57,58,59,62,63
68,69,72,73,74,75,78,79
2,3,6,7,8,9,12,13
18,19,22,23,24,25,28,29
51,80,1,30
4,11,20,27,54,61,70,77
5,10,21,26,55,60,71,76
K7N803601B(256Kx36)
K7N803201B(256Kx32)


Similar Part No. - K7N801845B-QC13

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7N801845B-QC16 SAMSUNG-K7N801845B-QC16 Datasheet
379Kb / 18P
   256Kx36 & 512Kx18-Bit Pipelined NtRAMTM
K7N801845B-QC16/13 SAMSUNG-K7N801845B-QC16/13 Datasheet
375Kb / 18P
   256Kx36 & 512Kx18-Bit Flow Through NtRAM
More results

Similar Description - K7N801845B-QC13

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7N803609B SAMSUNG-K7N803609B Datasheet
399Kb / 19P
   256Kx36 & 512Kx18 Pipelined NtRAM
K7N803649B SAMSUNG-K7N803649B Datasheet
399Kb / 19P
   256Kx36 & 512Kx18 Pipelined NtRAM
K7N803601B SAMSUNG-K7N803601B Datasheet
399Kb / 19P
   256Kx36 & 512Kx18 Pipelined NtRAM
K7N803645B SAMSUNG-K7N803645B Datasheet
400Kb / 19P
   256Kx36 & 512Kx18 Pipelined NtRAM
K7M803625B SAMSUNG-K7M803625B Datasheet
375Kb / 18P
   256Kx36 & 512Kx18-Bit Flow Through NtRAM
K7M803625B SAMSUNG-K7M803625B_06 Datasheet
395Kb / 19P
   256Kx36 & 512Kx18 Flow-Through NtRAM
DS_K7N803645B SAMSUNG-DS_K7N803645B Datasheet
379Kb / 18P
   256Kx36 & 512Kx18-Bit Pipelined NtRAMTM
K7A803600A SAMSUNG-K7A803600A Datasheet
545Kb / 20P
   256Kx36 & 512Kx18-Bit Synchronous Pipelined Burst SRAM
K7M803625A SAMSUNG-K7M803625A Datasheet
319Kb / 20P
   256Kx36 & 512Kx18 Flow-Through NtRAM TM
K7A803609B SAMSUNG-K7A803609B Datasheet
400Kb / 18P
   256Kx36 & 512Kx18-Bit Synchronous Pipelined Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com