Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56002FC40 Datasheet(PDF) 8 Page - Motorola, Inc

Part # DSP56002FC40
Description  24-BIT DIGITAL SIGNAL PROCESSOR
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56002FC40 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button DSP56002FC40 Datasheet HTML 4Page - Motorola, Inc DSP56002FC40 Datasheet HTML 5Page - Motorola, Inc DSP56002FC40 Datasheet HTML 6Page - Motorola, Inc DSP56002FC40 Datasheet HTML 7Page - Motorola, Inc DSP56002FC40 Datasheet HTML 8Page - Motorola, Inc DSP56002FC40 Datasheet HTML 9Page - Motorola, Inc DSP56002FC40 Datasheet HTML 10Page - Motorola, Inc DSP56002FC40 Datasheet HTML 11Page - Motorola, Inc DSP56002FC40 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 110 page
background image
1-2
DSP56002/D, Rev. 3
MOTOROLA
Signal/Pin Descriptions
Introduction
Figure 1-1 Signals Identified by Functional Group
DSP56002
24
16
Synchronous
Serial
Interface (SSI)
Port2
Timer/
Event Counter
OnCE
Port
4
Serial
Communications
Interface (SCI)
Port2
3
2
3
4
5
4
6
2
Interrupt/
Mode
Control
Host
Interface
(HI) Port1
8
3
3
Note:
1.
The Host Interface port signals are multiplexed with the Port B GPIO signals (PB0–PB15).
2.
The SCI and SSI signals are multiplexed with the Port C GPIO signals (PC0–PC8).
3.
Power and Ground lines are indicated for the 144-pin TQFP package.
AA1081G
VCCP
VCCCK
VCCQ
VCCA
VCCD
VCCC
VCCH
VCCS
GNDP
GNDCK
GNDQ
GNDA
GNDD
GNDC
GNDH
GNDS
EXTAL
XTAL
CKOUT
CKP
PCAP
PINIT
PLOCK
A0–A15
D0–D23
PS
DS
X/Y
BS
BR
BG
BN
WT
RD
WR
MODA
MODB
MODC
RESET
H0–H7
HA0–HA2
HR/W
HEN
HREQ
HACK
RXD
TXD
SCLK
SC0–SC2
SCK
SRD
STD
TIO
DSCK
DSI
DSO
DR
Power Inputs:
PLL
Clock Output
Internal Logic
Address Bus
Data Bus
Bus Control
HI
SSI/SCI
Grounds:
PLL
Clock
Internal Logic
Address Bus
Data Bus
Bus Control
HI
SSI/SCI
PLL and
Clock
External
Address Bus
External
Data Bus
External
Bus
Control
PB0–PB7
PB8–PB10
PB11
PB12
PB13
PB14
PC0
PC1
PC2
PC3–PC5
PC6
PC7
PC8
Port B
Port C
OS1
OS0
Status
IRQA
IRQB
NMI
Interrupt


Similar Part No. - DSP56002FC40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP56002FC40 NXP-DSP56002FC40 Datasheet
1Mb / 110P
   24-BIT DIGITAL SIGNAL PROCESSOR
Rev. 3
More results

Similar Description - DSP56002FC40

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56321 FREESCALE-DSP56321 Datasheet
1Mb / 84P
   24-Bit Digital Signal Processor
logo
Motorola, Inc
DSP56309UM MOTOROLA-DSP56309UM Datasheet
4Mb / 424P
   24-Bit Digital Signal Processor
DSP56307 MOTOROLA-DSP56307 Datasheet
947Kb / 156P
   24-BIT DIGITAL SIGNAL PROCESSOR
logo
Freescale Semiconductor...
DSP56301 FREESCALE-DSP56301 Datasheet
2Mb / 124P
   24-Bit Digital Signal Processor
DSP56321VF200R2 FREESCALE-DSP56321VF200R2 Datasheet
1Mb / 84P
   24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56001A NXP-DSP56001A Datasheet
1Mb / 101P
   24-BIT DIGITAL SIGNAL PROCESSOR
Rev. 1
DSP56305 NXP-DSP56305 Datasheet
2Mb / 120P
   24-Bit Digital Signal Processor
Rev. 4, 11/2002
logo
Motorola, Inc
DSP56L307 MOTOROLA-DSP56L307 Datasheet
1Mb / 108P
   24-Bit Digital Signal Processor
logo
Freescale Semiconductor...
DSP56311VL150R2 FREESCALE-DSP56311VL150R2 Datasheet
1Mb / 96P
   24-Bit Digital Signal Processor
DSP56L307 FREESCALE-DSP56L307 Datasheet
1Mb / 104P
   24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56301 NXP-DSP56301 Datasheet
2Mb / 124P
   24-Bit Digital Signal Processor
Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com