Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLV17SZ02DFT2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NLV17SZ02DFT2G
Description  2-Input NOR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLV17SZ02DFT2G Datasheet(HTML) 2 Page - ON Semiconductor

  NLV17SZ02DFT2G Datasheet HTML 1Page - ON Semiconductor NLV17SZ02DFT2G Datasheet HTML 2Page - ON Semiconductor NLV17SZ02DFT2G Datasheet HTML 3Page - ON Semiconductor NLV17SZ02DFT2G Datasheet HTML 4Page - ON Semiconductor NLV17SZ02DFT2G Datasheet HTML 5Page - ON Semiconductor NLV17SZ02DFT2G Datasheet HTML 6Page - ON Semiconductor NLV17SZ02DFT2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NL17SZ02
http://onsemi.com
2
PIN ASSIGNMENT
(SOT−353/SC70−5/SC−88A/SOT−553)
Pin
1
2
3
4
5
Function
A
B
GND
Y
VCC
Input
FUNCTION TABLE
B
L
H
L
H
Output
Y = A + B
Y
H
L
L
L
A
L
L
H
H
PIN ASSIGNMENT (SOT−953)
Pin
1
2
3
4
5
Function
IN A
GND
IN B
OUT Y
VCC
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
−0.5 to )7.0
V
VIN
DC Input Voltage
−0.5 to )7.0
V
VOUT
DC Output Voltage (SOT−353/SC70−5/SC−88A/SOT−553 Packages)
−0.5 to VCC + 0.5
V
VOUT
DC Output Voltage
Output at High or Low State
(SOT−953 Package)
Power−Down Mode (VCC = 0 V)
−0.5 to VCC + 0.5
−0.5 to + 0.5
V
IIK
DC Input Diode Current
−50
mA
IOK
DC Output Diode Current
VOUT < GND, VOUT > VCC
(SOT−353/SC70−5/SC−88A/SOT−553 Packages)
±50
mA
IOK
DC Output Diode Current (SOT−953 Package)
VOUT < GND
−50
mA
IOUT
DC Output Sink Current
±50
mA
ICC
DC Supply Current per Supply Pin
±100
mA
TSTG
Storage Temperature Range
−65 to )150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction Temperature Under Bias
+150
°C
qJA
Thermal Resistance
SOT−353 (Note 1)
SOT−553
350
496
°C/W
PD
Power Dissipation in Still Air at 85°CSOT−353
SOT−553
186
135
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
ESD
ESD Classification
Human Body Model (Note 2)
Machine Model (Note 3)
Charged Device Model (Note 4)
Class 2
Class A
N/A
ILATCHUP
Latchup Performance Above VCC and Below GND at 125°C (Note 5)
±100
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2−ounce copper trace with no air flow.
2. Tested to EIA/JESD22−A114−A, rated to EIA/JESD22−A114−B.
3. Tested to EIA/JESD22−A115−A, rated to EIA/JESD22−A115−A.
4. Tested to JESD22−C101−A.
5. Tested to EIA/JESD78.


Similar Part No. - NLV17SZ02DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLV17SZ02DFT2G ONSEMI-NLV17SZ02DFT2G Datasheet
190Kb / 13P
   2-Input NOR Gate
November, 2018 ??Rev. 9
NLV17SZ02DFT2G ONSEMI-NLV17SZ02DFT2G Datasheet
161Kb / 13P
   2-Input NOR Gate
May, 2022 - Rev. 12
More results

Similar Description - NLV17SZ02DFT2G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SG02FE TOSHIBA-TC7SG02FE Datasheet
166Kb / 6P
   2 Input NOR Gate
logo
Renesas Technology Corp
HD74LV1G02A RENESAS-HD74LV1G02A_08 Datasheet
106Kb / 8P
   2-input NOR Gate
HD74ALVC1G02 RENESAS-HD74ALVC1G02 Datasheet
78Kb / 10P
   2-input NOR Gate
HD74UH02 RENESAS-HD74UH02 Datasheet
142Kb / 7P
   2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02 Datasheet
96Kb / 5P
   2-INPUT NOR GATE
logo
Toshiba Semiconductor
TC7SET02F TOSHIBA-TC7SET02F Datasheet
165Kb / 5P
   2-INPUT NOR GATE
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02_15 Datasheet
151Kb / 5P
   2-INPUT NOR GATE
logo
Nexperia B.V. All right...
74AHC1G02-Q100 NEXPERIA-74AHC1G02-Q100 Datasheet
680Kb / 12P
   2-input NOR gate
XC7SH02 NEXPERIA-XC7SH02 Datasheet
202Kb / 11P
   2-input NOR gate
Rev. 2 - 12 January 2022
logo
Toshiba Semiconductor
TC7S02F TOSHIBA-TC7S02F Datasheet
212Kb / 5P
   2-INPUT NOR GATE
TC7SH02F TOSHIBA-TC7SH02F Datasheet
197Kb / 5P
   2-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com