Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC03ADTR2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC74HC03ADTR2G
Description  Quad 2-Input NAND Gate with Open-Drain Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC03ADTR2G Datasheet(HTML) 2 Page - ON Semiconductor

  MC74HC03ADTR2G Datasheet HTML 1Page - ON Semiconductor MC74HC03ADTR2G Datasheet HTML 2Page - ON Semiconductor MC74HC03ADTR2G Datasheet HTML 3Page - ON Semiconductor MC74HC03ADTR2G Datasheet HTML 4Page - ON Semiconductor MC74HC03ADTR2G Datasheet HTML 5Page - ON Semiconductor MC74HC03ADTR2G Datasheet HTML 6Page - ON Semiconductor MC74HC03ADTR2G Datasheet HTML 7Page - ON Semiconductor MC74HC03ADTR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC74HC03A
http://onsemi.com
2
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
– 0.5 to + 7.0
V
Vin
DC Input Voltage (Referenced to GND)
– 0.5 to VCC + 0.5
V
Vout
DC Output Voltage (Referenced to GND)
– 0.5 to VCC + 0.5
V
Iin
DC Input Current, per Pin
± 20
mA
Iout
DC Output Current, per Pin
± 25
mA
ICC
DC Supply Current, VCC and GND Pins
± 50
mA
PD
Power Dissipation in Still Air
SOIC Package
TSSOP Package
500
450
mW
Tstg
Storage Temperature
–65 to + 150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
SOIC or TSSOP Package
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress
ratings only. Functional operation above the Recommended Operating Conditions is not implied.
Extended exposure to stresses above the Recommended Operating Conditions may affect device
reliability.
†Derating − SOIC Package: – 7 mW/°C from 65° to 125°C
TSSOP Package: − 6.1 mW/°C from 65° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
2.0
6.0
V
Vin, Vout DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
–55
+125
°C
tr, tf
Input Rise and Fall Time
VCC = 2.0 V
(Figure 1)
VCC = 4.5 V
VCC = 6.0 V
0
0
0
1000
500
400
ns
DESIGN GUIDE
Criteria
Value
Unit
Internal Gate Count*
7.0
ea
Internal Gate Propagation Delay
1.5
ns
Internal Gate Power Dissipation
5.0
mW
Speed Power Product
0.0075
pJ
*Equivalent to a two−input NAND gate
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high−impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.


Similar Part No. - MC74HC03ADTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC03ADTR2G ONSEMI-MC74HC03ADTR2G Datasheet
147Kb / 9P
   Quad 2?묲nput NAND Gate with Open?묭rain Outputs High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 10
More results

Similar Description - MC74HC03ADTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC03A ONSEMI-MC74HC03A Datasheet
151Kb / 8P
   Quad 2-Input NAND Gate with Open-Drain Outputs
March, 2000 ??Rev. 8
logo
System Logic Semiconduc...
SL74HC03 SLS-SL74HC03 Datasheet
35Kb / 5P
   Quad 2-Input NAND Gate with Open-Drain Outputs
logo
ON Semiconductor
MC74HCO3A ONSEMI-MC74HCO3A Datasheet
154Kb / 8P
   QUAD 2-INPUT NAND GATE WITH OPEN-DRAIN OUTPUTS
March, 2000 ??Rev. 8
logo
STMicroelectronics
74VHC03 STMICROELECTRONICS-74VHC03 Datasheet
54Kb / 7P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
June 1999
logo
Toshiba Semiconductor
TC74HC03AP TOSHIBA-TC74HC03AP_12 Datasheet
208Kb / 7P
   Quad 2-Input NAND Gate (open drain)
logo
NXP Semiconductors
74LVC38A PHILIPS-74LVC38A Datasheet
99Kb / 14P
   Quad 2-input NAND gate (open drain)
2004 Mar 22
logo
Toshiba Semiconductor
TC74VHC03F TOSHIBA-TC74VHC03F_07 Datasheet
276Kb / 9P
   Quad 2-Input NAND Gate (open drain)
logo
National Semiconductor ...
MM74HCT03 NSC-MM74HCT03 Datasheet
113Kb / 4P
   Quad 2-Input NAND Gate (Open Drain)
logo
STMicroelectronics
74VHCT03A STMICROELECTRONICS-74VHCT03A Datasheet
158Kb / 8P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
June 2001
M54HC03 STMICROELECTRONICS-M54HC03 Datasheet
232Kb / 9P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
January 1993
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com