Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLV74HC03ADG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLV74HC03ADG
Description  Quad 2-Input NAND Gate with Open-Drain Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLV74HC03ADG Datasheet(HTML) 4 Page - ON Semiconductor

  NLV74HC03ADG Datasheet HTML 1Page - ON Semiconductor NLV74HC03ADG Datasheet HTML 2Page - ON Semiconductor NLV74HC03ADG Datasheet HTML 3Page - ON Semiconductor NLV74HC03ADG Datasheet HTML 4Page - ON Semiconductor NLV74HC03ADG Datasheet HTML 5Page - ON Semiconductor NLV74HC03ADG Datasheet HTML 6Page - ON Semiconductor NLV74HC03ADG Datasheet HTML 7Page - ON Semiconductor NLV74HC03ADG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74HC03A
http://onsemi.com
4
Figure 1. Switching Waveforms
CL*
*Includes all probe and jig capacitance
TEST
POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 2. Test Circuit
1k
W
Rpd
VCC
INPUT A
90%
50%
10%
tf
tr
GND
VCC
OUTPUT Y
tPZL
tTHL
HIGH
IMPEDANCE
VOL
10%
tPLZ
90%
50%
10%
VO, OUTPUT VOLTAGE (VOLTS)
012345
0
5
10
15
20
25
Figure 3. Open−Drain Output Characteristics
A1
B1
A2
B2
An
Bn
1/4
HC03
1/4
HC03
1/4
HC03
Y1
Y2
Yn
TYPICAL
T=25
°C
T=25
°C
T=85
°C
T=125
°C
EXPECTED MINIMUM*
VCC=5V
*The expected minimum curves are not guarantees, but are design aids.
VCC
PULLUP
RESISTOR
OUTPUT
OUTPUT = Y1
• Y2 • . . . • Yn
= A1B1
• A2B2 • . . . • AnBn
Figure 4. Wired AND
LED1
1/4
HC03
LED2
LED
ENABLE
VCC
+
VR
-
+
VF
-
1/4
HC03
VCC
DESIGN EXAMPLE
CONDITIONS: ID^10mA
TYPICAL CURVE, at ID=10mA,
VDS^0.4V
NR +
VCC * VF * VO
ID
+ 5V * 1.7V * 0.4V
10mA
USE R = 270
W
+ 290W
Figure 5. LED Driver With Blanking


Similar Part No. - NLV74HC03ADG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLV74HC00ADG ONSEMI-NLV74HC00ADG Datasheet
125Kb / 7P
   Quad 2-Input NAND Gate
October, 2013 ??Rev. 14
NLV74HC00ADR2G ONSEMI-NLV74HC00ADR2G Datasheet
125Kb / 7P
   Quad 2-Input NAND Gate
October, 2013 ??Rev. 14
NLV74HC00ADTR2G ONSEMI-NLV74HC00ADTR2G Datasheet
125Kb / 7P
   Quad 2-Input NAND Gate
October, 2013 ??Rev. 14
NLV74HC02ADR2G ONSEMI-NLV74HC02ADR2G Datasheet
128Kb / 7P
   Quad 2-Input NOR Gate
October, 2013 ??Rev. 14
NLV74HC02ADTR2G ONSEMI-NLV74HC02ADTR2G Datasheet
128Kb / 7P
   Quad 2-Input NOR Gate
October, 2013 ??Rev. 14
More results

Similar Description - NLV74HC03ADG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC03A ONSEMI-MC74HC03A Datasheet
151Kb / 8P
   Quad 2-Input NAND Gate with Open-Drain Outputs
March, 2000 ??Rev. 8
logo
System Logic Semiconduc...
SL74HC03 SLS-SL74HC03 Datasheet
35Kb / 5P
   Quad 2-Input NAND Gate with Open-Drain Outputs
logo
ON Semiconductor
MC74HCO3A ONSEMI-MC74HCO3A Datasheet
154Kb / 8P
   QUAD 2-INPUT NAND GATE WITH OPEN-DRAIN OUTPUTS
March, 2000 ??Rev. 8
logo
STMicroelectronics
74VHC03 STMICROELECTRONICS-74VHC03 Datasheet
54Kb / 7P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
June 1999
logo
Toshiba Semiconductor
TC74HC03AP TOSHIBA-TC74HC03AP_12 Datasheet
208Kb / 7P
   Quad 2-Input NAND Gate (open drain)
logo
NXP Semiconductors
74LVC38A PHILIPS-74LVC38A Datasheet
99Kb / 14P
   Quad 2-input NAND gate (open drain)
2004 Mar 22
logo
Toshiba Semiconductor
TC74VHC03F TOSHIBA-TC74VHC03F_07 Datasheet
276Kb / 9P
   Quad 2-Input NAND Gate (open drain)
logo
National Semiconductor ...
MM74HCT03 NSC-MM74HCT03 Datasheet
113Kb / 4P
   Quad 2-Input NAND Gate (Open Drain)
logo
STMicroelectronics
74VHCT03A STMICROELECTRONICS-74VHCT03A Datasheet
158Kb / 8P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
June 2001
M54HC03 STMICROELECTRONICS-M54HC03 Datasheet
232Kb / 9P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
January 1993
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com