Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLV74HC02ADR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLV74HC02ADR2G
Description  Quad 2-Input NOR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLV74HC02ADR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NLV74HC02ADR2G Datasheet HTML 1Page - ON Semiconductor NLV74HC02ADR2G Datasheet HTML 2Page - ON Semiconductor NLV74HC02ADR2G Datasheet HTML 3Page - ON Semiconductor NLV74HC02ADR2G Datasheet HTML 4Page - ON Semiconductor NLV74HC02ADR2G Datasheet HTML 5Page - ON Semiconductor NLV74HC02ADR2G Datasheet HTML 6Page - ON Semiconductor NLV74HC02ADR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2013
October, 2013 − Rev. 14
1
Publication Order Number:
MC74HC02A/D
MC74HC02A
Quad 2-Input NOR Gate
High−Performance Silicon−Gate CMOS
The MC74HC02A is identical in pinout to the LS02. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LSTTL outputs.
Features
Output Drive Capability: 10 LSTTL Loads
Outputs Directly Interface to CMOS, NMOS, and TTL
Operating Voltage Range: 2.0 to 6.0 V
Low Input Current: 1.0 mA
High Noise Immunity Characteristic of CMOS Devices
In Compliance with the Requirements Defined by JEDEC Standard
No. 7.0 A
Chip Complexity: 40 FETs or 10 Equivalent Gates
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free and are RoHS Compliant
LOGIC DIAGRAM
1
Y1
2
A1
PIN 14 = VCC
PIN 7 = GND
3
B1
Y4
Y = A + B
4
Y2
5
A2
6
B2
10
Y3
8
A3
9
B3
13
11
A4
12
B4
PIN ASSIGNMENT
11
12
13
14
8
9
10
5
4
3
2
1
7
6
Y3
A4
B4
Y4
VCC
A3
B3
Y2
B1
A1
Y1
GND
B2
A2
FUNCTION TABLE
A
L
L
H
H
Inputs
Output
B
L
H
L
H
Y
H
L
L
L
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
MARKING
DIAGRAMS
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW = Work Week
G or G
= Pb−Free Package
TSSOP−14
DT SUFFIX
CASE 948G
14
1
SOIC−14
D SUFFIX
CASE 751A
14
1
HC02AG
AWLYWW
1
14
HC
02A
ALYWG
G
1
14
(Note: Microdot may be in either location)


Similar Part No. - NLV74HC02ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLV74HC00ADG ONSEMI-NLV74HC00ADG Datasheet
125Kb / 7P
   Quad 2-Input NAND Gate
October, 2013 ??Rev. 14
NLV74HC00ADR2G ONSEMI-NLV74HC00ADR2G Datasheet
125Kb / 7P
   Quad 2-Input NAND Gate
October, 2013 ??Rev. 14
NLV74HC00ADTR2G ONSEMI-NLV74HC00ADTR2G Datasheet
125Kb / 7P
   Quad 2-Input NAND Gate
October, 2013 ??Rev. 14
NLV74HC03ADG ONSEMI-NLV74HC03ADG Datasheet
133Kb / 8P
   Quad 2-Input NAND Gate with Open-Drain Outputs
October, 2013 ??Rev. 13
NLV74HC03ADR2G ONSEMI-NLV74HC03ADR2G Datasheet
133Kb / 8P
   Quad 2-Input NAND Gate with Open-Drain Outputs
October, 2013 ??Rev. 13
More results

Similar Description - NLV74HC02ADR2G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
   Quad 2-input NOR gate
1990 Oct 04
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com