Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14511BFELG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC14511BFELG
Description  BCD-to-Seven Segment Latch/Decoder/Drive
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14511BFELG Datasheet(HTML) 4 Page - ON Semiconductor

  MC14511BFELG Datasheet HTML 1Page - ON Semiconductor MC14511BFELG Datasheet HTML 2Page - ON Semiconductor MC14511BFELG Datasheet HTML 3Page - ON Semiconductor MC14511BFELG Datasheet HTML 4Page - ON Semiconductor MC14511BFELG Datasheet HTML 5Page - ON Semiconductor MC14511BFELG Datasheet HTML 6Page - ON Semiconductor MC14511BFELG Datasheet HTML 7Page - ON Semiconductor MC14511BFELG Datasheet HTML 8Page - ON Semiconductor MC14511BFELG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MC14511B
http://onsemi.com
4
SWITCHING CHARACTERISTICS (Note 7) (CL = 50 pF, TA = 25°C)
Characteristic
Symbol
VDD
Vdc
Min
Typ
Max
Unit
Output Rise Time
tTLH = (0.40 ns/pF) CL + 20 ns
tTLH = (0.25 ns/pF) CL + 17.5 ns
tTLH = (0.20 ns/pF) CL + 15 ns
tTLH
5.0
10
15
40
30
25
80
60
50
ns
Output Fall Time
tTHL = (1.5 ns/pF) CL + 50 ns
tTHL = (0.75 ns/pF) CL + 37.5 ns
tTHL = (0.55 ns/pF) CL + 37.5 ns
tTHL
5.0
10
15
125
75
65
250
150
130
ns
Data Propagation Delay Time
tPLH = (0.40 ns/pF) CL + 620 ns
tPLH = (0.25 ns/pF) CL + 237.5 ns
tPLH = (0.20 ns/pF) CL + 165 ns
tPHL = (1.3 ns/pF) CL + 655 ns
tPHL = (0.60 ns/pF) CL + 260 ns
tPHL = (0.35 ns/pF) CL + 182.5 ns
tPLH
5.0
10
15
640
250
175
1280
500
350
ns
tPHL
5.0
10
15
720
290
200
1440
580
400
Blank Propagation Delay Time
tPLH = (0.30 ns/pF) CL + 585 ns
tPLH = (0.25 ns/pF) CL + 187.5 ns
tPLH = (0.15 ns/pF) CL + 142.5 ns
tPHL = (0.85 ns/pF) CL + 442.5 ns
tPHL = (0.45 ns/pF) CL + 177.5 ns
tPHL = (0.35 ns/pF) CL + 142.5 ns
tPLH
5.0
10
15
600
200
150
750
300
220
ns
tPHL
5.0
10
15
485
200
160
970
400
320
Lamp Test Propagation Delay Time
tPLH = (0.45 ns/pF) CL + 290.5 ns
tPLH = (0.25 ns/pF) CL + 112.5 ns
tPLH = (0.20 ns/pF) CL + 80 ns
tPHL = (1.3 ns/pF) CL + 248 ns
tPHL = (0.45 ns/pF) CL + 102.5 ns
tPHL = (0.35 ns/pF) CL + 72.5 ns
tPLH
5.0
10
15
313
125
90
625
250
180
ns
tPHL
5.0
10
15
313
125
90
625
250
180
Setup Time
tsu
5.0
10
15
100
40
30
ns
Hold Time
th
5.0
10
15
60
40
30
ns
Latch Enable Pulse Width
tWL
5.0
10
15
520
220
130
260
110
65
ns
7. The formulas given are for the typical characteristics only.


Similar Part No. - MC14511BFELG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14511BFELG ONSEMI-MC14511BFELG Datasheet
203Kb / 10P
   BCD?뭈o?뭆even Segment Latch/Decoder/Driver
September, 2006 ??Rev. 8
More results

Similar Description - MC14511BFELG

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14511B HITACHI-HD14511B Datasheet
98Kb / 6P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4543P RENESAS-HD74HC4543P Datasheet
118Kb / 9P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511_18 Datasheet
236Kb / 8P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
STMicroelectronics
HCF4511B STMICROELECTRONICS-HCF4511B Datasheet
498Kb / 13P
   BCD TO SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
Hitachi Semiconductor
HD74HC4543 HITACHI-HD74HC4543 Datasheet
68Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4511 RENESAS-HD74HC4511 Datasheet
107Kb / 8P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Toshiba Semiconductor
TC4511BP TOSHIBA-TC4511BP_07 Datasheet
401Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511 Datasheet
145Kb / 9P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
List of Unclassifed Man...
SCL4543B ETC1-SCL4543B Datasheet
624Kb / 3P
   BCD - TO SEVEN SEGMENT LATCH/DECODER DRIVER
logo
Renesas Technology Corp
HD74HC4543 RENESAS-HD74HC4543 Datasheet
296Kb / 11P
   BCD-to-Seven Segment Latch/Decoder/Driver
Mar 30, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com