Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56374 Datasheet(PDF) 2 Page - Motorola, Inc

Part # DSP56374
Description  high density CMOS device with 3.3 V inputs and outputs
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56374 Datasheet(HTML) 2 Page - Motorola, Inc

  DSP56374 Datasheet HTML 1Page - Motorola, Inc DSP56374 Datasheet HTML 2Page - Motorola, Inc DSP56374 Datasheet HTML 3Page - Motorola, Inc DSP56374 Datasheet HTML 4Page - Motorola, Inc DSP56374 Datasheet HTML 5Page - Motorola, Inc DSP56374 Datasheet HTML 6Page - Motorola, Inc DSP56374 Datasheet HTML 7Page - Motorola, Inc DSP56374 Datasheet HTML 8Page - Motorola, Inc DSP56374 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 128 page
background image
2
PRELIMINARY
Freescale Semiconductor
Features
Figure 1.
DSP56374 Block Diagram
1Features
1.1
DSP56300 Modular Chassis
150 Million Instructions Per Second (MIPS) with a 150 MHz clock at an internal logic supply (QVDDL) of 1.25 V.
Object Code Compatible with the 56K core.
Data ALU with a 24 x 24 bit multiplier-accumulator and a 56-bit barrel shifter;16 bit arithmatic support.
Program Control with position independent code support.
Six-channel DMA controller.
Provides a wide range of frequency multiplications (1 to 255), predivider factors (1 to 31), PLL feedback multiplier (2 or
4), Output divide factor (1, 2 or 4) and a power-saving clock divider (2i: i = 0 to 7) to reduce clock noise
Internal address tracing support and OnCE for Hardware/Software debugging.
JTAG port, supporting boundary scan, compliant to IEEE 1149.1.
Very low-power CMOS design, fully static design with operating frequencies down to DC.
STOP and WAIT low-power standby modes.
PLL
OnCE
Clock
Gen.
YAB
XAB
PAB
YDB
XDB
PDB
GDB
MODB/IRQB/GPIO
MODC/IRQC/GPIO
DSP56300
12
24-Bit
DDB
DAB
Peripheral
Core
Expansion Area
JTAG
4
5
RESET
MODA/IRQA/GPIO
PINIT/NMI
EXTAL
Address
Generation
Unit
Six Channel
DMA Unit
Program
Interrupt
Controller
Program
Decode
Controller
Program
Address
Generator
Data ALU
24
× 24+56→56-bit MAC
Two 56-bit Accumulators
56-bit Barrel Shifter
Power
Mgmt.
Memory Expansion Area
X Data
RAM
6k
× 24
Y Data
RAM
6k
× 24
Bootstrap
ROM
Internal
Data
Bus
Switch
SHI
GPIO
ESAI
ESAI_1
Interface
Interface
Interface
12*
15*
Triple
3
ROM
4k
× 24
ROM
4k
× 24
Program
RAM
6k
× 24
ROM
20k
× 24
XTAL
MODD/IRQD/GPIO
Timer
Watch
dog
Timer
* ESAI_1 and dedicated GPIO pins are not available in the 52-pin package.


Similar Part No. - DSP56374

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56374 FREESCALE-DSP56374 Datasheet
1Mb / 64P
   a high-density CMOS device
DSP56374 FREESCALE-DSP56374 Datasheet
1Mb / 64P
   The DSP56374 is a high-density CMOS device with 3.3 V inputs and outputs.
logo
NXP Semiconductors
DSP56374 NXP-DSP56374 Datasheet
1Mb / 64P
   The DSP56374 is a high-density CMOS device with 3.3 V inputs and outputs.
Rev. 4.2, 1/2007
logo
Freescale Semiconductor...
DSP56374PB/D FREESCALE-DSP56374PB/D Datasheet
1Mb / 64P
   a high-density CMOS device
DSP56374UM/D FREESCALE-DSP56374UM/D Datasheet
1Mb / 64P
   a high-density CMOS device
More results

Similar Description - DSP56374

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP56374 NXP-DSP56374 Datasheet
1Mb / 64P
   The DSP56374 is a high-density CMOS device with 3.3 V inputs and outputs.
Rev. 4.2, 1/2007
logo
Freescale Semiconductor...
DSPB56374AE FREESCALE-DSPB56374AE Datasheet
1Mb / 64P
   The DSP56374 is a high-density CMOS device with 3.3 V inputs and outputs.
logo
NXP Semiconductors
DSP56371 NXP-DSP56371 Datasheet
1Mb / 68P
   The DSP56371 is a high density CMOS device with 5.0-V compatible inputs and outputs
Rev. 4.1, 1/2007
logo
Freescale Semiconductor...
DSPA56371 FREESCALE-DSPA56371 Datasheet
1Mb / 124P
   The DSP56371 is a high density CMOS device with 5.0-volt compatible inputs and outputs.
logo
Motorola, Inc
DSP56371 MOTOROLA-DSP56371 Datasheet
1Mb / 102P
   high density CMOS device
logo
Freescale Semiconductor...
DSP56371 FREESCALE-DSP56371 Datasheet
954Kb / 68P
   high density CMOS device
DSP56374 FREESCALE-DSP56374 Datasheet
1Mb / 64P
   a high-density CMOS device
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
logo
ON Semiconductor
MC74LCX240 ONSEMI-MC74LCX240_06 Datasheet
91Kb / 7P
   Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
March, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com