Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SEC1110I-A5-02NC-TR Datasheet(PDF) 6 Page - Microchip Technology

Part # SEC1110I-A5-02NC-TR
Description  Smart Card Bridge to USB and UART Interfaces
Download  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1110I-A5-02NC-TR Datasheet(HTML) 6 Page - Microchip Technology

Back Button SEC1110I-A5-02NC-TR Datasheet HTML 2Page - Microchip Technology SEC1110I-A5-02NC-TR Datasheet HTML 3Page - Microchip Technology SEC1110I-A5-02NC-TR Datasheet HTML 4Page - Microchip Technology SEC1110I-A5-02NC-TR Datasheet HTML 5Page - Microchip Technology SEC1110I-A5-02NC-TR Datasheet HTML 6Page - Microchip Technology SEC1110I-A5-02NC-TR Datasheet HTML 7Page - Microchip Technology SEC1110I-A5-02NC-TR Datasheet HTML 8Page - Microchip Technology SEC1110I-A5-02NC-TR Datasheet HTML 9Page - Microchip Technology SEC1110I-A5-02NC-TR Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 218 page
background image
SEC1110/SEC1210
DS00001561C-page 6
 2013 - 2016 Microchip Technology Inc.
1.3
USB Subsystem
The USB Subsystem is made up of the following 3 functional blocks
• FS USB PHY
• USB Device Controller (UDC)
• Interface Bridge with USB endpoint buffers
1.3.1
FS USB PHY AND DEVICE CONTROLLER
The FS USB PHY contains the D+ pull-up resistor and handles the reception of USB data. The D+ and D- signals are
passed through the differential receiver (which is external to the device controller core) to get a single-ended bit stream.
The device controller has a digital phase-locked loop (DPLL) to extract the clock and data information. The clock and
data are passed to the SIE (serial interface engine) block to identify the sync pattern and for NRZI-NRZ conversion. This
NRZ data is then passed through a bit-stripper which strips off excessive inserted zeros. The data stream is passed
through a PID decoder and checker to identify different PID’s. The SIE block handles the protocol according to the type
of PID and the endpoint to which the current transaction is addressed. If it is a data PID, the serial data is assembled
into byte format and the received data is CRC is checked, then put into a one-byte buffer. The protocol layer takes the
data from the buffer and forwards it to the Interface Bridge. On control transfers to endpoint 0, the protocol layer forwards
the transfers to the endpoint block. If the application violates the data transfer protocol during the transfer of data from
the buffer to the application bus, the protocol layer controls the SIE to recover from this error.
1.3.2
INTERFACE BRIDGE AND ENDPOINT BUFFERS
These act as the interface between the 8051 micro controller and the USB device controller. The USB endpoint buffers
are memory mapped on the 8051 XDATA bus. A simple buffer scheme is employed, which assigns a single/ping-pong
buffer to each USB endpoint for ease of software control. Each buffer must be cleared before the next data transfer can
be started.
When USB OUT data is received, it is placed into the appropriate OUT endpoint buffer and the 8051 is signaled with an
interrupt (polling is also available)
When an IN request is received, the 8051 is signaled with an interrupt and the 8051 will transfer data to the appropriate
IN endpoint buffer and set a ready flag. The data will automatically be encoded for transfer over the USB bus.
1.4
Power Management Unit
The programmable clock divider supports division of the 48 MHz main clock. Additionally it enables power down under
program or hardware control. Exit from power down is accomplished through a single input pin. The power management
methods employed will enable a USB Suspend current of 200
A typical (400 A typical including Rpu current). In STOP
Mode, 1
A is the maximum current for a bare bones design.
FIGURE 1-1:
USB SUBSYSTEM BLOCK
USB
FS
PHY
USB 1.1
Device Controller
Interface
Bridge
+
Endpoint
Buffers
USB D+
USB D-
XDATA
Interrupt


Similar Part No. - SEC1110I-A5-02NC-TR

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEC1101C SANKEN-SEC1101C Datasheet
24Kb / 1P
   3x1.5 Surface Mount LED (Flat Lens)
SEC1101C SANKEN-SEC1101C Datasheet
427Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Flat Lens Type)
SEC1101C SANKEN-SEC1101C Datasheet
194Kb / 10P
   3.0*1.5 Surface Mount LED
More results

Similar Description - SEC1110I-A5-02NC-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-PCC018V1 STMICROELECTRONICS-STEVAL-PCC018V1 Datasheet
631Kb / 5P
   UART to USB bridge
February 2014 Rev 1
logo
ATMEL Corporation
AT83C5122 ATMEL-AT83C5122 Datasheet
2Mb / 213P
   MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
AT83C5127 ATMEL-AT83C5127 Datasheet
236Kb / 9P
   MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
logo
Cypress Semiconductor
CY7C64225 CYPRESS-CY7C64225 Datasheet
343Kb / 19P
   USB-to-UART Bridge Controller
logo
Holtek Semiconductor In...
HT42B534-X HOLTEK-HT42B534-X Datasheet
2Mb / 16P
   USB to UART Bridge IC
HT42B534-1 HOLTEK-HT42B534-1 Datasheet
2Mb / 16P
   USB to UART Bridge IC
logo
Megawin Technology Co.,...
MA100 MEGAWIN-MA100 Datasheet
276Kb / 9P
   UART-to- USB Bridge Controller
logo
ATMEL Corporation
AT83C5122 ATMEL-AT83C5122_08 Datasheet
2Mb / 208P
   C51 Microcontroller with USB and Smart Card Reader Interfaces
logo
List of Unclassifed Man...
CP2101 ETC-CP2101 Datasheet
348Kb / 14P
   Single-Chip USB to UART Bridge
CP2103 ETC1-CP2103 Datasheet
399Kb / 18P
   SINGLE-CHIP USB TO UART BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com