Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56300FM Datasheet(PDF) 7 Page - Motorola, Inc

Part # DSP56300FM
Description  high density CMOS device with 3.3 V inputs and outputs
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56300FM Datasheet(HTML) 7 Page - Motorola, Inc

Back Button DSP56300FM Datasheet HTML 3Page - Motorola, Inc DSP56300FM Datasheet HTML 4Page - Motorola, Inc DSP56300FM Datasheet HTML 5Page - Motorola, Inc DSP56300FM Datasheet HTML 6Page - Motorola, Inc DSP56300FM Datasheet HTML 7Page - Motorola, Inc DSP56300FM Datasheet HTML 8Page - Motorola, Inc DSP56300FM Datasheet HTML 9Page - Motorola, Inc DSP56300FM Datasheet HTML 10Page - Motorola, Inc DSP56300FM Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 128 page
background image
Signal Groupings
Freescale Semiconductor
PRELIMINARY
7
PH0
Input, output,
or
disconnected
Port H0—When the MODA/IRQA is configured as GPIO, this signal is
individually programmable as input, output, or internally disconnected.
MODB/IRQB
Input
MODB
Input
Mode Select B/External Interrupt Request B—MODB/IRQB is an
active-low Schmitt-trigger input, internally synchronized to the DSP
clock. MODB/IRQB selects the initial chip operating mode during
hardware reset and becomes a level-sensitive or negative-edge-
triggered, maskable interrupt request input during normal instruction
processing. This pin can also be programmed as GPIO. MODA, MODB,
MODC, and MODD select one of 16 initial chip operating modes,
latched into OMR when the RESET signal is de-asserted.
This pin has an internal pull up resistor.
This input is 5 V tolerant.
PH1
Input, output,
or
disconnected
Port H1—When the MODB/IRQB is configured as GPIO, this signal is
individually programmable as input, output, or internally disconnected.
MODC/IRQC
Input
MODC
Input
Mode Select C/External Interrupt Request C—MODC/IRQC is an
active-low Schmitt-trigger input, internally synchronized to the DSP
clock. MODC/IRQC selects the initial chip operating mode during
hardware reset and becomes a level-sensitive or negative-edge-
triggered, maskable interrupt request input during normal instruction
processing. This pin can also be programmed as GPIO. MODA, MODB,
MODC, and MODD select one of 16 initial chip operating modes,
latched into OMR when the RESET signal is de-asserted.
This pin has an internal pull up resistor.
This input is 5 V tolerant.
PH2
Input, output,
or
disconnected
Port H2—When the MODC/IRQC is configured as GPIO, this signal is
individually programmable as input, output, or internally disconnected.
MODD/IRQD
Input
MODD
Input
Mode Select D/External Interrupt Request D—MODD/IRQD is an
active-low Schmitt-trigger input, internally synchronized to the DSP
clock. MODD/IRQD selects the initial chip operating mode during
hardware reset and becomes a level-sensitive or negative-edge-
triggered, maskable interrupt request input during normal instruction
processing. This pin can also be programmed as GPIO. MODA, MODB,
MODC, and MODD select one of 16 initial chip operating modes,
latched into OMR when the RESET signal is de-asserted.
This pin has an internal pull up resistor.
This input is 5 V tolerant.
PH3
Input, output,
or
disconnected
Port H3—When the MODD/IRQD is configured as GPIO, this signal is
individually programmable as input, output, or internally disconnected.
Table 8. Interrupt and Mode Control (Continued)
Signal Name
Type
State
during
Reset
Signal Description


Similar Part No. - DSP56300FM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56300FM MOTOROLA-DSP56300FM Datasheet
2Mb / 168P
   24-Bit Audio Digital Signal Processor
logo
NXP Semiconductors
DSP56300FM NXP-DSP56300FM Datasheet
3Mb / 152P
   24-Bit Audio Digital Signal Processor
Rev. 4, 08/2006
logo
Motorola, Inc
DSP56300FM MOTOROLA-DSP56300FM Datasheet
1Mb / 108P
   24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56300FM NXP-DSP56300FM Datasheet
2Mb / 110P
   24-Bit Audio Digital Signal Processor
Rev. 3.1, 1/2007
logo
Freescale Semiconductor...
DSP56300FM FREESCALE-DSP56300FM Datasheet
1Mb / 100P
   24-Bit Audio Digital Signal Processor
More results

Similar Description - DSP56300FM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP56374 NXP-DSP56374 Datasheet
1Mb / 64P
   The DSP56374 is a high-density CMOS device with 3.3 V inputs and outputs.
Rev. 4.2, 1/2007
logo
Freescale Semiconductor...
DSPB56374AE FREESCALE-DSPB56374AE Datasheet
1Mb / 64P
   The DSP56374 is a high-density CMOS device with 3.3 V inputs and outputs.
logo
NXP Semiconductors
DSP56371 NXP-DSP56371 Datasheet
1Mb / 68P
   The DSP56371 is a high density CMOS device with 5.0-V compatible inputs and outputs
Rev. 4.1, 1/2007
logo
Freescale Semiconductor...
DSPA56371 FREESCALE-DSPA56371 Datasheet
1Mb / 124P
   The DSP56371 is a high density CMOS device with 5.0-volt compatible inputs and outputs.
logo
Motorola, Inc
DSP56371 MOTOROLA-DSP56371 Datasheet
1Mb / 102P
   high density CMOS device
logo
Freescale Semiconductor...
DSP56371 FREESCALE-DSP56371 Datasheet
954Kb / 68P
   high density CMOS device
DSP56374 FREESCALE-DSP56374 Datasheet
1Mb / 64P
   a high-density CMOS device
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
logo
ON Semiconductor
MC74LCX240 ONSEMI-MC74LCX240_06 Datasheet
91Kb / 7P
   Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
March, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com