Electronic Components Datasheet Search |
|
SEC1210I-CN-02-TR Datasheet(PDF) 1 Page - Microchip Technology |
|
SEC1210I-CN-02-TR Datasheet(HTML) 1 Page - Microchip Technology |
1 / 218 page 2013 - 2016 Microchip Technology Inc. DS00001561C-page 1 General Description The SEC1110 and SEC1210 provide a single-chip solution for a Smart Card bridge to USB and UART interfaces. These bridges are controlled by an enhanced 8051 micro controller and all chip peripher- als are accessed and controlled through the SFR or XDATA register space. TrustSpanTM Technology enables digital systems to securely communicate, pro- cess, move and store information on system boards, across networks and through the cloud. Feature Highlights • Smart Card - The SEC1110 provides one Smart Card inter- face and the SEC1210 provides two - Fully compliant with ISO/IEC 7816, EMV 4.2/ 4.3, ETSI TS 102 221 and PC/SC standards - Versatile ETU rate generation, supporting current and proposed rates (up to 826 Kbps) - Full support of both T=0 and T=1 protocols - Full-packet FIFO (261 bytes), for transmit and receive - Half-duplex operation (no software interven- tion required between transmit and receive phases of exchange) - Loose real-time response required of soft- ware (approximately 180 ms) - Dynamically programmable FIFO threshold with byte granularity - Time-out FIFO flush interrupt, independent of threshold - Programmable Smart Card clock frequency - UART-like register file structure - Supports Class A, Class B, Class C, or Class AB Smart Cards (1.8 V, 3.0 V and 5.0 V cards) - Automatic character repetition for T=0 proto- col parity error recovery - Automatic card deactivation on card removal and on other system events, including per- sistent parity errors - Internal procedure byte filtering for T=0 proto- col - Protocol timers (Guard, Timeout, and CWT) for EMV-defined timing parameters –Detection of an unresponsive card –Activation/deactivation sequences –Cold/warm resets –Monitoring for all EMV timing constraints –16-bit general purpose down counter for software timing use - Fully compliant ESD protection on card pins •USB - 12 Mbps USB operation compliant to the USB 2.0 Specification - Integrated USB 1.5 K pull-up resistor and Dp,Dm series termination resistors - Integrated USB devices controller with: –8/16/32/64 byte control buffer –Five 8/16/32/64 byte programmable (bulk/ interrupt) endpoint buffers • 8051 Processor - Reduced instruction cycle time (approxi- mately 9 times 80C51) - 9.6 MHz max clock speed - Enhanced peripherals; three 16-bit timers, watchdog timer, interrupt controller, JTAG - OTP (One Time Programmable) ROM : 16 KB RAM : 1.5 KB • Boot ROM : 16 KB UART (SEC1210 only) — Standard PC baud rates supported — 3 M baud high-speed rate (not PC standard) • SPI (SEC1210 only) - Master capability with 12 MHz max perfor- mance • General - 5.0 V tolerance on user accessible IO pins - Self-clocking internal oscillator, no external crystal required - 3.6 V - 5.5 V supply input –Internal 4.8 V comparator disables Class A card support if the input voltage is too low - Available in commercial (0ºC to +70ºC) and industrial (-40ºC to +85ºC) temperature ranges Applications • USB Smart Card reader • UART-based Smart Card reader • Dual Smart Card reader SEC1110/SEC1210 Smart Card Bridge to USB and UART Interfaces |
Similar Part No. - SEC1210I-CN-02-TR |
|
Similar Description - SEC1210I-CN-02-TR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |