Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1643917-1 Datasheet(PDF) 8 Page - TE Connectivity Ltd

Part # 1643917-1
Description  ELCON* Drawer Series Connectors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1643917-1 Datasheet(HTML) 8 Page - TE Connectivity Ltd

Back Button 1643917-1 Datasheet HTML 4Page - TE Connectivity Ltd 1643917-1 Datasheet HTML 5Page - TE Connectivity Ltd 1643917-1 Datasheet HTML 6Page - TE Connectivity Ltd 1643917-1 Datasheet HTML 7Page - TE Connectivity Ltd 1643917-1 Datasheet HTML 8Page - TE Connectivity Ltd 1643917-1 Datasheet HTML 9Page - TE Connectivity Ltd 1643917-1 Datasheet HTML 10Page - TE Connectivity Ltd 1643917-1 Datasheet HTML 11Page - TE Connectivity Ltd 1643917-1 Datasheet HTML 12Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
114-13206
8 of 17
Rev E
D. PC Board Layout
The mounting holes and contact holes in the pc board must be precisely located to ensure proper placement
and optimum performance of the connector. Design the pc board using the dimensions provided in Figure 8.
Figure 8 (Cont’d)


Similar Part No. - 1643917-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1643 ETC2-1643 Datasheet
230Kb / 1P
   FEMALE THREADED STANDOFFS
logo
RAF ELECTRONIC HARDWARE
1643-440-SS RAF-1643-440-SS Datasheet
98Kb / 1P
   3/16 ROUND FEMALE STANDOFFS
logo
Heyco.
16430 HEYCO-16430 Datasheet
150Kb / 2P
   Hook and Loop – Ties
logo
PHOENIX CONTACT
1643000 PHOENIX-1643000 Datasheet
172Kb / 6P
   Panel feed-through - Q 1,5/4FL/24-M20KU-ESA BK
logo
Turck, Inc.
1643201 TURCK-1643201 Datasheet
1Mb / 3P
   Inductive Sensor – With Increased Switching Distance
11/07/2023
More results

Similar Description - 1643917-1

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
DD-2363 BUD-DD-2363 Datasheet
61Kb / 1P
   DESKTOP DRAWER
logo
Kendall Howard
5200-3-205-00 KENDALLHOWARD-5200-3-205-00 Datasheet
362Kb / 2P
   LAN STATION UTILITY DRAWER
1922-3-100-03 KENDALLHOWARD-1922-3-100-03 Datasheet
58Kb / 1P
   3U RACK MOUNTABLE DRAWER
logo
PANDUIT CORP.
D-1722 PANDUIT-D-1722 Datasheet
93Kb / 1P
   ADJUSTABLE SLIDE DRAWER
logo
Advantech Co., Ltd.
RK-1 ADVANTECH-RK-1 Datasheet
426Kb / 2P
   Keyboard Drawer & KVM Benefits
logo
Kendall Howard
1922-3-100-04 KENDALLHOWARD-1922-3-100-04 Datasheet
59Kb / 1P
   4U RACK MOUNTABLE DRAWER
logo
Advantech Co., Ltd.
96KVM-R19V8C-XX ADVANTECH-96KVM-R19V8C-XX Datasheet
216Kb / 1P
   1U 19 LCD KVM Drawer
96KVM-R17V1C-XX ADVANTECH-96KVM-R17V1C-XX Datasheet
96Kb / 1P
   1U 17 LCD Console Drawer
logo
Littelfuse
03540521Z LITTELFUSE-03540521Z Datasheet
240Kb / 1P
   Storage Module/Drawer Insert
logo
Advantech Co., Ltd.
96KBM-1C ADVANTECH-96KBM-1C Datasheet
557Kb / 1P
   1U Short Depth Keyboard Drawer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com