Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SO-16 Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # SO-16
Description  Packaging for Automatic Handling
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

SO-16 Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  SO-16 Datasheet HTML 1Page - Advanced Monolithic Systems SO-16 Datasheet HTML 2Page - Advanced Monolithic Systems SO-16 Datasheet HTML 3Page - Advanced Monolithic Systems SO-16 Datasheet HTML 4Page - Advanced Monolithic Systems SO-16 Datasheet HTML 5Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
TAPE AND REEL SPECIFICATIONS
EMBOSSED TAPE – CONSTANT DIMEMSIONS
Tape Size
D
E
P0
t (Max.)
A0 B0 K0
12mm
16mm
24mm
1.5
+0.10
–0.0
(0.059) +0.004
-0.0
1.75± 0.10
(0.069± 0.004)
4.0± 0.10
(0.157± 0.004)
(0.024)
0.600
See Note 1
EMBOSSED TAPE – VARIABLE DIMEMSIONS
Tape Size
B1 Max.
D1 Max.
F
K Max.
P2
R Min
W
12mm
8.2
(0.323)
1.5
(0.059)
5.5
± 0. 05
(0.217
± 0.002)
6.5
(0.256)
2.0
± 0. 05
(0.079
± 0.002)
30
(1.181)
12.0
± 0. 30
(0.472
± 0.012)
16mm
12.1
(0.476)
7.5
± 0. 10
(0.295
± 0.004)
2.0
± 0. 10
(0.079
± 0.004)
40
(1.575)
16
± 0. 30
(0.630
± 0.012)
24mm
20.1
(0.791)
11.5
± 0. 10
(0.453
± 0.004)
50
(1.969)
24
± 0. 30
(0.945
± 0.012)
Note1: A0 B0 K0 are determined by component size. The clearance between the component and the cavity must be within 0.05(0.002) min. to 0.65 (0.026)
max. for 12mm tape and 0.05(0.002) min. to 0.90 (0.035) max. for 16mm tape. The component cannot rotate more than 10
° witin the determined cavity.
Note 2: Tape and components shall pass around radius “R” without damage.
Note 3: Dimensions are in millimeters (inches) unless otherwise noted.
BENDING RADIUS
BENDING RADIUS
SEE NOTE 2
R MIN
SMTR AMS DRW# 040202


Similar Part No. - SO-16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SO-16 TI1-SO-16 Datasheet
551Kb / 30P
[Old version datasheet]   STAR STAR Surface Mount Tape-and-Reel Specification
More results

Similar Description - SO-16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS15AACP4CF ETC2-IS15AACP4CF Datasheet
682Kb / 8P
   PRECAUTIONS FOR HANDLING & STORAGE
logo
Wolfson Microelectronic...
WAN-0164 WOLFSON-WAN-0164 Datasheet
93Kb / 5P
   Safe Handling and Packaging of Tray Product to be Returned
logo
ATMEL Corporation
TSS461E ATMEL-TSS461E_14 Datasheet
611Kb / 57P
   DMA Capabilities for Message Handling
logo
STMicroelectronics
AN1776 STMICROELECTRONICS-AN1776 Datasheet
83Kb / 13P
   INTERRUPT HANDLING FOR STR7 MICROCONTROLLERS
logo
Wolfson Microelectronic...
WAN-0165 WOLFSON-WAN-0165 Datasheet
80Kb / 4P
   Safe Handling and Packaging of Tape and Reel Product to be Returned
logo
List of Unclassifed Man...
CXD5602PWBCAM1 ETC-CXD5602PWBCAM1 Datasheet
507Kb / 3P
   Handling Manual
logo
Ohmite Mfg. Co.
RES-FCSL OHMITE-RES-FCSL Datasheet
526Kb / 2P
   Designed for automatic insertion
RES-HVF OHMITE-RES-HVF Datasheet
404Kb / 2P
   Designed for automatic insertion
logo
Samsung semiconductor
SLD65018 SAMSUNG-SLD65018 Datasheet
2Mb / 29P
   General handling precautions
logo
Micross Components
HMC130 MICROSS-HMC130 Datasheet
842Kb / 9P
   Die handling consultancy
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com