Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TO-252 Datasheet(PDF) 5 Page - Advanced Monolithic Systems

Part # TO-252
Description  Packaging for Automatic Handling
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

TO-252 Datasheet(HTML) 5 Page - Advanced Monolithic Systems

  TO-252 Datasheet HTML 1Page - Advanced Monolithic Systems TO-252 Datasheet HTML 2Page - Advanced Monolithic Systems TO-252 Datasheet HTML 3Page - Advanced Monolithic Systems TO-252 Datasheet HTML 4Page - Advanced Monolithic Systems TO-252 Datasheet HTML 5Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
TAPE AND REEL SPECIFICATIONS
TO-92 TAPE DIMENSIONS
P
P2
P1
S
F2
F1
P0
D
W1
W
H1
H
H4
TO92TR AMS DRW# 050201
TO-92 REEL DIMENSIONS
SYMBOL
DESCRIPTION
DIMENSIONS
D
Sprocket Hole Diameter
4
± 0.2
H
Length from Seating Plane
16
± 0.5
H1
Sprocket Hole Location
9
± 0.5
H4
Component Base Height
20 Max
P
Sprocket Hole Pitch
12.7
± 0.2
P0
Pitch of Component
12.7
± 0.5
P1
Lead Location
3.85
± 0.5
P2
Center of Seating Plane Location
6.35
± 0.4
S
Component Lead Spacing
5 + 8, -0.2
W
Carrier Tape Width
18 + 1, -0.5
W1
Adhesive Tape Width
6.0
± 1.0
F1, F2
Lead-to-Lead Distance
2.5 + 0.4, -0.1
PACKAGE ORIENTATION
TO92TR AMS DRW# 050203
TO92TR AMS DRW# 050204
STYLE S : Standard
(Flat Side of Package Faces Toward the Adhesive Tape)
STYLE R: Reverse
(Rounded Side of Package Faces Toward the Adhesive Tape)
30.5mm
TYP
TO92TR AMS DRW# 050202
356mm
TYP


Similar Part No. - TO-252

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TO-252 ETC-TO-252 Datasheet
6Kb / 1P
   TO-252 (MP-3Z)
logo
ZP Semiconductor
TO-252 ZPSEMI-TO-252 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
TO-252 ETC-TO-252 Datasheet
109Kb / 6P
   3.0 AMP POSITIVE VOLTAGE REGULATOR
logo
ZP Semiconductor
TO-252 ZPSEMI-TO-252 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Analog Microelectronics
TO-252 AME-TO-252 Datasheet
47Kb / 1P
   Carrier Width (W) 16.0-0.1 mm Pitch (P) 4.0-0.1 mm
More results

Similar Description - TO-252

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS15AACP4CF ETC2-IS15AACP4CF Datasheet
682Kb / 8P
   PRECAUTIONS FOR HANDLING & STORAGE
logo
Wolfson Microelectronic...
WAN-0164 WOLFSON-WAN-0164 Datasheet
93Kb / 5P
   Safe Handling and Packaging of Tray Product to be Returned
logo
ATMEL Corporation
TSS461E ATMEL-TSS461E_14 Datasheet
611Kb / 57P
   DMA Capabilities for Message Handling
logo
STMicroelectronics
AN1776 STMICROELECTRONICS-AN1776 Datasheet
83Kb / 13P
   INTERRUPT HANDLING FOR STR7 MICROCONTROLLERS
logo
Wolfson Microelectronic...
WAN-0165 WOLFSON-WAN-0165 Datasheet
80Kb / 4P
   Safe Handling and Packaging of Tape and Reel Product to be Returned
logo
List of Unclassifed Man...
CXD5602PWBCAM1 ETC-CXD5602PWBCAM1 Datasheet
507Kb / 3P
   Handling Manual
logo
Ohmite Mfg. Co.
RES-FCSL OHMITE-RES-FCSL Datasheet
526Kb / 2P
   Designed for automatic insertion
RES-HVF OHMITE-RES-HVF Datasheet
404Kb / 2P
   Designed for automatic insertion
logo
Samsung semiconductor
SLD65018 SAMSUNG-SLD65018 Datasheet
2Mb / 29P
   General handling precautions
logo
Micross Components
HMC130 MICROSS-HMC130 Datasheet
842Kb / 9P
   Die handling consultancy
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com