Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDP158I Datasheet(PDF) 6 Page - Texas Instruments

Part # TDP158I
Description  6-Gbps, AC-Coupled to TMDS or HDMI Redriver
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP158I Datasheet(HTML) 6 Page - Texas Instruments

Back Button TDP158I Datasheet HTML 2Page - Texas Instruments TDP158I Datasheet HTML 3Page - Texas Instruments TDP158I Datasheet HTML 4Page - Texas Instruments TDP158I Datasheet HTML 5Page - Texas Instruments TDP158I Datasheet HTML 6Page - Texas Instruments TDP158I Datasheet HTML 7Page - Texas Instruments TDP158I Datasheet HTML 8Page - Texas Instruments TDP158I Datasheet HTML 9Page - Texas Instruments TDP158I Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
6
TDP158
SLLSEX2 – DECEMBER 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Recommended Operating Conditions (continued)
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIH
High-level input voltage at OE, A1/EQ2, A0/EQ1, TERM, I2C_EN, SLEW
pins only
2.2
V
High-level input voltage at SDA_SRC, SCL_SRC, SDA_CTL/PRE,
SCL_CTL/SWAP
0.7 x VCC
V
High-level input voltage at SDA_SNK, SCL_SNK
2.9
V
High-level input voltage at HPD
2
V
VOL
Low-level output voltage
0.4
V
VOH
High-level output voltage
2.4
V
fSCL
SCL clock frequency fast I2C mode for local I2C control
400
kHz
C(bus,DDC)
Total capacitive load for each bus line supporting 400 kHz (DDC
terminals)
400
pF
C(bus,I2C)
Total capacitive load for each bus line (local I2C terminals)
100
pF
dR(DDC)
DDC Data rate
400
kbps
IIH
High level input current
–30
30
µA
IIM
Mid level input current
–20
20
µA
IIL
Low level input current
–10
10
µA
IOZ
High impedance outpupt current
10
µA
R(OEPU)
Pull up resistance on OE pin
150
250
K
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
TDP158
UNIT
RSB (WQFN)
40 PINS
RθJA
Junction-to-ambient thermal resistance
3.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
23.1
°C/W
RθJB
Junction-to-board thermal resistance
9.9
°C/W
ψJT
Junction-to-top characterization parameter
0.3
°C/W
ψJB
Junction-to-board characterization parameter
3.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.2
°C/W


Similar Part No. - TDP158I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDP1500 ETC2-TDP1500 Datasheet
258Kb / 8P
   Differential Probes
logo
TEKTRONIX, INC.
TDP1500 TEKTRONIX-TDP1500 Datasheet
3Mb / 28P
   Digital Phosphor Oscilloscopes
TDP1500 TEKTRONIX-TDP1500 Datasheet
2Mb / 46P
   Mixed Domain Oscilloscopes
TDP1500 TEKTRONIX-TDP1500 Datasheet
2Mb / 40P
   Mixed Domain Oscilloscopes
More results

Similar Description - TDP158I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS1204 TI-TMDS1204 Datasheet
2Mb / 75P
[Old version datasheet]   TMDS1204 12-Gbps, DC or AC-Coupled to TMDS® and FRL HDMI™ Hybrid Redriver
AUGUST 2022
TDP0604 TI-TDP0604 Datasheet
1Mb / 58P
[Old version datasheet]   TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
DECEMBER 2021
TDP0604 TI-TDP0604_V01 Datasheet
2Mb / 65P
[Old version datasheet]   TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
DECEMBER 2021
TDP1204 TI-TDP1204 Datasheet
2Mb / 79P
[Old version datasheet]   TDP1204 12-Gbps, DC/AC-Coupled to HDMI™ 2.1 Level Shifter Hybrid Redriver
JULY 2022
TMDS181 TI1-TMDS181_16 Datasheet
1Mb / 59P
[Old version datasheet]   6 Gbps TMDS Retimer
TMDS181 TI1-TMDS181 Datasheet
1Mb / 58P
[Old version datasheet]   TMDS181x 6 Gbps TMDS Retimer
logo
STMicroelectronics
STDVE001A STMICROELECTRONICS-STDVE001A Datasheet
789Kb / 49P
   Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
STDVE003A STMICROELECTRONICS-STDVE003A_08 Datasheet
702Kb / 41P
   Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
STDVE103A STMICROELECTRONICS-STDVE103A Datasheet
685Kb / 43P
   Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
logo
Texas Instruments
SN65DP159 TI1-SN65DP159_16 Datasheet
2Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com