Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5202-3.3YM Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC5202-3.3YM
Description  Dual 100 mA Low-Dropout Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5202-3.3YM Datasheet(HTML) 3 Page - Microchip Technology

  MIC5202-3.3YM Datasheet HTML 1Page - Microchip Technology MIC5202-3.3YM Datasheet HTML 2Page - Microchip Technology MIC5202-3.3YM Datasheet HTML 3Page - Microchip Technology MIC5202-3.3YM Datasheet HTML 4Page - Microchip Technology MIC5202-3.3YM Datasheet HTML 5Page - Microchip Technology MIC5202-3.3YM Datasheet HTML 6Page - Microchip Technology MIC5202-3.3YM Datasheet HTML 7Page - Microchip Technology MIC5202-3.3YM Datasheet HTML 8Page - Microchip Technology MIC5202-3.3YM Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
 2016 Microchip Technology Inc.
DS20005614A-page 3
MIC5202
TABLE 1-1:
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: VIN = VOUT + 1V, COUT = 10 µF; IOUT = 1 mA; TJ = 25°C, bold values indicate –40°C ≤
TJ ≤ +125°C; unless noted. Specifications are for one LDO. (Note 1).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Output Voltage Accuracy
VOUT
–1
1
%—
–2
2
Output Voltage Temperature
Coefficient (Note 2)
∆VOUT/∆T
—40
150
ppm/°C
Line Regulation
∆VOUT/
VOUT
0.004
0.10
%VIN = VOUT + 1V to 26V
——
0.40
Load Regulation (Note 3)
∆VOUT/
VOUT
0.04
0.16
%IOUT = 0.1 mA to 100 mA
——
0.30
Dropout Voltage (Note 4)
VIN
VOUT
—17—
mV
IOUT = 100 µA
—130
IOUT = 20 mA
—150
IOUT = 30 mA
—180
IOUT = 50 mA
—225
350
IOUT = 100 mA
Ground Pin Current Shutdown
ISHUT-
DOWN
—0.01—
µA
VEN ≤ 0.7V (shutdown)
Ground Pin Current (Note 5)IGND
—170
µA
VEN ≥ 2.0V, IOUT = 100 µA
—270
IOUT = 20 mA
—330
IOUT = 30 mA
—500
IOUT = 50 mA
1200
1500
IOUT = 100 mA
Ground Pin Current in Dropout
IGNDDO
—270
330
µA
VIN = 0.5V less than VOUT,
IOUT = 100 µA
Power Supply Rejection Ratio
PSRR
75
dB
Short Circuit Current Limit
ILIMIT
—280
mA
VOUT = 0V
Thermal Regulation (Note 6)
∆VOUT/
∆PD
—0.05—
%/W
Output Noise
en
—100
µV
Note 1: Specification for packaged product only.
2: Output voltage temperature coefficient is defined as the worst case voltage change divided by the tem-
perature range.
3: Load regulation is measured at a constant junction temperature using low duty cycle pulse testing. Parts
are tested for load regulation in the load range from 0.1 mA to 100 mA. Changes in output voltage caused
by heating effects are covered by the thermal regulation specification.
4: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its
nominal value measured at 1V differential.
5: Ground pin current is the regulator quiescent current plus pass transistor base current. The total current
drawn from the supply is the sum of the load current plus the ground pin current.
6: Thermal regulation is defined as the change in output voltage at a time “t” after a change in power dissipa-
tion is applied, excluding load or line regulation effects. Specifications are for a 100 mA load pulse at
VIN = 26V for t = 10 ms.


Similar Part No. - MIC5202-3.3YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5202-3.3YM MICREL-MIC5202-3.3YM Datasheet
135Kb / 7P
   Dual 100mA Low-Dropout Regulator
MIC5202-3.3YM MICREL-MIC5202-3.3YM Datasheet
1Mb / 10P
   Dual, 100mA Low-Dropout Regulator
More results

Similar Description - MIC5202-3.3YM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5200 MICROCHIP-MIC5200 Datasheet
320Kb / 24P
   100 mA Low-Dropout Regulator
06/23/16
logo
E-Tech Electronics LTD
LP2950-2951 ETL-LP2950-2951 Datasheet
294Kb / 7P
   100 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
AMC2951 ETC-AMC2951 Datasheet
226Kb / 8P
   100 MA LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LP2950 UTC-LP2950_05 Datasheet
95Kb / 7P
   100 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL2950 BELLING-BL2950 Datasheet
711Kb / 9P
   100 mA Low-Dropout Voltage Regulator
logo
Unisonic Technologies
LP2950 UTC-LP2950_09 Datasheet
294Kb / 7P
   100 mA LOW-DROPOUT VOLTAGE REGULATOR
UTCLP2950 UTC-UTCLP2950 Datasheet
159Kb / 7P
   100 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Analog Devices
ADP3307 AD-ADP3307_15 Datasheet
1Mb / 8P
   100 mA Low Dropout Linear Regulator
REV. A
logo
Microchip Technology
LP2951 MICROCHIP-LP2951 Datasheet
2Mb / 30P
   100 mA Low-Dropout Voltage Regulator
09/14/21
logo
National Semiconductor ...
LP2981 NSC-LP2981 Datasheet
406Kb / 16P
   Micropower 100 mA Ultra Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com