Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4930YFL Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC4930YFL
Description  Hyper Speed Control짰 3A Buck Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4930YFL Datasheet(HTML) 5 Page - Microchip Technology

  MIC4930YFL Datasheet HTML 1Page - Microchip Technology MIC4930YFL Datasheet HTML 2Page - Microchip Technology MIC4930YFL Datasheet HTML 3Page - Microchip Technology MIC4930YFL Datasheet HTML 4Page - Microchip Technology MIC4930YFL Datasheet HTML 5Page - Microchip Technology MIC4930YFL Datasheet HTML 6Page - Microchip Technology MIC4930YFL Datasheet HTML 7Page - Microchip Technology MIC4930YFL Datasheet HTML 8Page - Microchip Technology MIC4930YFL Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
 2016 Microchip Technology Inc.
DS20005669A-page 5
MIC4930
TEMPERATURE SPECIFICATIONS (Note 1)
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Storage Temperature
TS
–65
+150
°C
Junction Operating Temperature
TJ
–40
+125
°C
Package Thermal Resistances
Thermal Resistance, DFN-10Ld
JA
35
°C/W
Note 1:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation will cause the device operating junction temperature to exceed the
maximum +125°C rating. Sustained junction temperatures above +125°C can impact the device reliability.


Similar Part No. - MIC4930YFL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4930YFL MICREL-MIC4930YFL Datasheet
1Mb / 17P
   Hyper Speed Control 3A Buck Regulator
More results

Similar Description - MIC4930YFL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4930 MICREL-MIC4930 Datasheet
1Mb / 17P
   Hyper Speed Control 3A Buck Regulator
logo
Microchip Technology
MIC261201 MICROCHIP-MIC261201 Datasheet
2Mb / 40P
   28V, 12A Hyper Speed Control짰 Synchronous DC/DC Buck Regulator
09/14/21
logo
Micrel Semiconductor
MIC4950 MICREL-MIC4950 Datasheet
1Mb / 18P
   Hyper Speed Control 5A Buck Regulator
MIC26950 MICREL-MIC26950_11 Datasheet
776Kb / 28P
   12A Hyper Speed ControlTM Synchronous DC-DC Buck Regulator
MIC26600_1107 MICREL-MIC26600_1107 Datasheet
1Mb / 28P
   7A Hyper Speed ControlTM Synchronous DC-DC Buck Regulator
MIC26950 MICREL-MIC26950 Datasheet
683Kb / 27P
   12A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC26600 MICREL-MIC26600 Datasheet
961Kb / 28P
   7A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC26400 MICREL-MIC26400 Datasheet
1Mb / 27P
   5A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC26400 MICREL-MIC26400_11 Datasheet
1Mb / 27P
   5A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC261203ZA MICREL-MIC261203ZA Datasheet
1Mb / 28P
   28V, 12A Hyper Speed Control Synchronous DC/DC Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com