Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4600 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC4600
Description  28V Half-Bridge MOSFET Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4600 Datasheet(HTML) 3 Page - Microchip Technology

  MIC4600 Datasheet HTML 1Page - Microchip Technology MIC4600 Datasheet HTML 2Page - Microchip Technology MIC4600 Datasheet HTML 3Page - Microchip Technology MIC4600 Datasheet HTML 4Page - Microchip Technology MIC4600 Datasheet HTML 5Page - Microchip Technology MIC4600 Datasheet HTML 6Page - Microchip Technology MIC4600 Datasheet HTML 7Page - Microchip Technology MIC4600 Datasheet HTML 8Page - Microchip Technology MIC4600 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
 2016 Microchip Technology Inc.
DS20005584A-page 3
MIC4600
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
VIN to PGND .............................................................................................................................................. –0.3V to +29V
VDD to PGND ............................................................................................................................................... –0.3V to +6V
VSW to PGND................................................................................................................................... –0.3V to (VIN +0.3V)
VBST to VSW ................................................................................................................................................. –0.3V to +6V
VBST to PGND............................................................................................................................................ –0.3V to +34V
VHSI, VLSI to PGND ......................................................................................................................... –0.3V to (VDD +0.3V)
VFAULT to AGND........................................................................................................................................... –0.3V to +6V
VEN to PGND ................................................................................................................................... –0.3V to (VIN +0.3V)
PGND to AGND......................................................................................................................................... –0.3V to +0.3V
ESD Protection On All Pins ......................................................................................................... ±2 kV HBM, ±200V MM
Operating Ratings ††
Supply Voltage, VIN.................................................................................................................................... +4.5V to +28V
VDD Supply Voltage, VDD ......................................................................................................................... +4.5V to +5.5V
Enable Input, VEN............................................................................................................................................... 0V to VIN
Maximum Power Dissipation................................................................................................................................ (Note 1)
† Notice:
Exceeding the absolute maximum ratings may damage the device.
†† Notice:
The device is not guaranteed to function outside its operating ratings.
Note 1:
Specification for packaged product only.
DC CHARACTERISTICS
Electrical Characteristics:
Unless otherwise indicated, VIN = VEN = 12V, VBST – VSW = 5V; TA = 25°C,
CVIN = CVDD = 1 μF. Bold values indicate –40°C ≤ TJ +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Power Supply Input
Input Voltage Range (VIN)
4.5
28
V
Quiescent Supply Current
450
750
μA
HSI = VDD, LSI = 0V,
RDELAY = 124 kΩ,
non-switching
Shutdown Supply Current
920
μAVEN = 0V
VDD Supply Voltage
VDD Output Voltage
4.8
5
5.4
V
VIN = 7V to 26V, IDD = 25 mA
VDD UVLO Threshold
3.6
4.2
4.3
V
VDD Rising
VDD UVLO Hysteresis
400
mV
Dropout Voltage
(VIN – VDD)
380
mV
IDD = 25 mA, VIN= 5V
VDD Load Regulation
1.23
%
IDD = 0 to 25 mA
Enable Control
EN Logic Threshold
0.65
1.25
1.4
V
Rising
EN Hysteresis
69
mV
EN Input Bias Current
——
2
μAVEN = 12V
Note 1:
Specified for packaged product only.


Similar Part No. - MIC4600

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC4600 MICROCHIP-MIC4600 Datasheet
1Mb / 26P
   28V Half-Bridge MOSFET Driver
Revision B November 2020
MIC4600YML-T5 MICROCHIP-MIC4600YML-T5 Datasheet
1Mb / 26P
   28V Half-Bridge MOSFET Driver
Revision B November 2020
MIC4600YML-TR MICROCHIP-MIC4600YML-TR Datasheet
1Mb / 26P
   28V Half-Bridge MOSFET Driver
Revision B November 2020
MIC4600 MICROCHIP-MIC4600_V01 Datasheet
1Mb / 26P
   28V Half-Bridge MOSFET Driver
Revision B November 2020
More results

Similar Description - MIC4600

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC4600 MICROCHIP-MIC4600_V01 Datasheet
1Mb / 26P
   28V Half-Bridge MOSFET Driver
Revision B November 2020
logo
Micrel Semiconductor
MIC5022 MICREL-MIC5022_05 Datasheet
198Kb / 10P
   Half-Bridge MOSFET Driver
MIC5022 MICREL-MIC5022 Datasheet
130Kb / 9P
   Half-Bridge MOSFET Driver
logo
Monolithic Power System...
EVQ6523-R-00A MPS-EVQ6523-R-00A Datasheet
483Kb / 5P
   0.9A, 28V Three half-bridge Motor Driver Evaluation Board
EVQ6526-R-00A MPS-EVQ6526-R-00A Datasheet
653Kb / 6P
   0.9A, 28V Six Half-Bridge Motor Driver Evaluation Board
EVQ6526-U-00A MPS-EVQ6526-U-00A Datasheet
614Kb / 6P
   0.9A, 28V Six Half-Bridge Motor Driver Evaluation Board
logo
Allegro MicroSystems
A4926 ALLEGRO-A4926 Datasheet
785Kb / 36P
   Automotive Half-Bridge MOSFET Driver
A4928 ALLEGRO-A4928 Datasheet
1Mb / 41P
   Automotive Half-Bridge MOSFET Driver
A4927 ALLEGRO-A4927 Datasheet
857Kb / 40P
   Automotive Half-Bridge MOSFET Driver
logo
AiT Semiconductor Inc.
AG2104 AITSEMI-AG2104 Datasheet
557Kb / 9P
   MOSFET/IGBT GATE DRIVER HALF-BRIDGE DRIVER
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com