Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2505 Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC2505
Description  Single 2A/Dual 1A High-Side Switches
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2505 Datasheet(HTML) 2 Page - Microchip Technology

  MIC2505 Datasheet HTML 1Page - Microchip Technology MIC2505 Datasheet HTML 2Page - Microchip Technology MIC2505 Datasheet HTML 3Page - Microchip Technology MIC2505 Datasheet HTML 4Page - Microchip Technology MIC2505 Datasheet HTML 5Page - Microchip Technology MIC2505 Datasheet HTML 6Page - Microchip Technology MIC2505 Datasheet HTML 7Page - Microchip Technology MIC2505 Datasheet HTML 8Page - Microchip Technology MIC2505 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
MIC2505/6
DS20005579A-page 2
 2016 Microchip Technology Inc.
Package Types
Typical Application Schematics
MIC2505/-1/-2
8-Pin SOIC (M)
(Top View)
MIC2506
8-Pin SOIC (M)
(Top View)
1
2
3
4
8
7
6
5
OUT
IN
OUT
IN
CTL
FLG
GND
GATE
MIC2505/-1/-2
1
2
3
4
8
7
6
5
OUT A
IN
GND
OUT B
CTL A
FLG A
FLG B
CTL B
MIC2506
Single and Dual Switch/Circuit Breakers with Open-Load Detection and Fault Output
ON
OFF
MIC2505YM
CTL
OUT
FLG
GND
OUT
GATE
IN
Optional
Output Delay
Capacitor
100
IN
FAULT
3.0V to 7.5V
Pull-up
Resistor
8
1
7
2
6
3
5
4
Optional
Open Load
Detect Resistor
(MIC2505YN or
MIC2505YM
onl
0.1μF
A ON
A OFF
MIC2506YM
CTL A OUT A
FLG A
FLG B
GND
CTL B OUT B
IN
FAULT A
3.0V to 7.5V
Pull-up
Resistors
8
1
7
2
6
3
5
4
Optional
Open Load
Dete
Resistors
0.1μF
B ON
B OFF
FAULT B


Similar Part No. - MIC2505

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2505 MICREL-MIC2505 Datasheet
147Kb / 12P
   Single 2A / Dual 1A / High-Side Switches
MIC2505 MICREL-MIC2505 Datasheet
626Kb / 12P
   Single 2A / Dual 1A / High-Side Switches
MIC2505-1BM MICREL-MIC2505-1BM Datasheet
147Kb / 12P
   Single 2A / Dual 1A / High-Side Switches
MIC2505-1BM MICREL-MIC2505-1BM Datasheet
626Kb / 12P
   Single 2A / Dual 1A / High-Side Switches
MIC2505-1BN MICREL-MIC2505-1BN Datasheet
147Kb / 12P
   Single 2A / Dual 1A / High-Side Switches
More results

Similar Description - MIC2505

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2505 MICREL-MIC2505_04 Datasheet
626Kb / 12P
   Single 2A / Dual 1A / High-Side Switches
MIC2505 MICREL-MIC2505 Datasheet
147Kb / 12P
   Single 2A / Dual 1A / High-Side Switches
logo
Anpec Electronics Corop...
APL3513 ANPEC-APL3513 Datasheet
248Kb / 16P
   2A High Side Load Switches
logo
Linear Technology
LTC1477 LINER-LTC1477_15 Datasheet
209Kb / 8P
   Single and Dual Protected High Side Switches
LTC1477 LINER-LTC1477 Datasheet
224Kb / 8P
   Single and Dual Protected High Side Switches
logo
Richtek Technology Corp...
RT9712 RICHTEK-RT9712 Datasheet
315Kb / 14P
   90m廓, 1A/1.5A High-Side Dual Power Switches with Flag
logo
Micrel Semiconductor
MIC94066-69 MICREL-MIC94066-69 Datasheet
876Kb / 10P
   Dual High Side Power Switches
logo
STMicroelectronics
IPS160HF STMICROELECTRONICS-IPS160HF Datasheet
840Kb / 27P
   Single channel high-side switches
Rev 2 - June 2020
logo
Micrel Semiconductor
MIC94066 MICREL-MIC94066_11 Datasheet
877Kb / 10P
   Dual High Side Power Switches
logo
National Semiconductor ...
LM5100B NSC-LM5100B Datasheet
812Kb / 15P
   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com