Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS1870 Datasheet(PDF) 9 Page - Microchip Technology

Part # IS1870
Description  Bluetooth짰 Low Energy (BLE) SoC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS1870 Datasheet(HTML) 9 Page - Microchip Technology

Back Button IS1870 Datasheet HTML 5Page - Microchip Technology IS1870 Datasheet HTML 6Page - Microchip Technology IS1870 Datasheet HTML 7Page - Microchip Technology IS1870 Datasheet HTML 8Page - Microchip Technology IS1870 Datasheet HTML 9Page - Microchip Technology IS1870 Datasheet HTML 10Page - Microchip Technology IS1870 Datasheet HTML 11Page - Microchip Technology IS1870 Datasheet HTML 12Page - Microchip Technology IS1870 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
 2015-2016 Microchip Technology Inc.
DS60001371C-Page 9
IS1870/71
TABLE 1-2:
PIN DESCRIPTION
IS1870
Pin No.
IS1871
Pin No.
Pin Name
Type
Description
132
P1_0
DIO
AI
GPIO: P1_0
ADC input: AD8
TX_CLS1: Class 1 RF TX Control
2—
P1_1
DIO
AI
DI
GPIO: P1_1
ADC input: AD9
SPI bus: MISO2: second SPI bus (Master Mode)
31
P1_2
DIO
AI
I/O
GPIO: P1_2
ADC input: AD10
I2C SCL
42
P1_3
DIO
AI
DIO
GPIO: P1_3
ADC input: AD11
I2C SDA
5—
P1_4
DIO
AI
DI
GPIO: P1_4
ADC input: AD12
Event Counter
6—
P1_5
DIO
AI
DI
GPIO: P1_5
ADC input: AD13
Event Counter
73
P1_7
DIO
AO
GPIO: P1_7
External 32.768 KHz Crystal Output: XO32K
84
P1_6
DIO
AI
GPIO: P1_6
External 32.768 KHz Crystal Input: XI32K
95
IOA
HCI_TXD
DIO
DO
GPIO
HCI UART TXD
10
6
IOB
HCI_RXD
DIO
DI
GPIO
HCI UART RXD
11
P3_0
DIO
GPIO: P3_0
12
7
P3_1
DIO
DO
GPIO: P3_1
SPI bus: NCS, SPI Flash: CSN
13
8
P3_2
DIO
DI
GPIO: P3_2
SPI bus: MISO, SPI Flash: SDO
14
9
P3_3
DIO
DO
GPIO: P3_3
SPI bus: MOSI, SPI Flash: SDI
15
10
P3_4
DIO
DO
GPIO: P3_4
SPI bus: SCLK, SPI Flash: SCK
16
P3_5
DIO
AI
GPIO: P3_5
LED1
17
11
P3_6
DIO
DO
DO
GPIO: P3_6
UART flow-control RTS
PWM0
18
12
RST_N
DI
External Reset
19
13
P0_0
DIO
AI
DI
GPIO: P0_0
ADC input: AD0
UART flow-control CTS
20
P0_1
DIO
AI
GPIO: P0_1
ADC input: AD1
Legend:
A = Analog
D = Digital
I = Input
O = Output
P = Power
IS1870SF_IS1871SF.book Page 9 Thursday, March 31, 2016 10:29 AM


Similar Part No. - IS1870

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
IS180 ISOCOM-IS180 Datasheet
749Kb / 4P
   IS180 Input (Compact Range)
IS180 ISOCOM-IS180 Datasheet
861Kb / 10P
   AC Isolation Voltage 3750VRMS
logo
PAIRUI GROUP INC.
IS180-24 PAIRUI-IS180-24 Datasheet
744Kb / 19P
   AC-DC Din Rail Mounted Power Supply
IS180-24 PAIRUI-IS180-24 Datasheet
1Mb / 19P
   AC-DC Din Rail Mounted Power Supply
IS180-48 PAIRUI-IS180-48 Datasheet
744Kb / 19P
   AC-DC Din Rail Mounted Power Supply
More results

Similar Description - IS1870

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
BM70 MICROCHIP-BM70 Datasheet
3Mb / 64P
   Bluetooth짰 Low Energy (BLE) Module
07/14/15
logo
Cypress Semiconductor
CY8CKIT-042-BLE CYPRESS-CY8CKIT-042-BLE Datasheet
9Mb / 162P
   Bluetooth짰 Low Energy (BLE) Pioneer Kit Guide
logo
STMicroelectronics
BLUENRG-LP STMICROELECTRONICS-BLUENRG-LP Datasheet
4Mb / 72P
   Programmable Bluetooth짰 Low Energy wireless SoC
Rev 2 - September 2020
logo
Dialog Semiconductor
DA14680 DIALOG-DA14680 Datasheet
576Kb / 5P
   The most integrated and flexible Bluetooth짰 low energy SoC
logo
Silicon Laboratories
EFR32BG13 SILABS-EFR32BG13 Datasheet
2Mb / 176P
   EFR32BG13 Blue Gecko Bluetooth짰 Low Energy SoC Family Data Sheet
logo
List of Unclassifed Man...
BR-LE4.0-S2 ETC-BR-LE4.0-S2 Datasheet
274Kb / 7P
   Bluetooth짰 4.0 Low Energy Single Mode Class 1 SoC Module
logo
Pepperl+Fuchs Inc.
LOC01SC PF-LOC01SC Datasheet
1Mb / 2P
   Bluetooth짰 Low Energy Beacon
2021-12-07
LOC-EX01 PF-LOC-EX01 Datasheet
959Kb / 2P
   Bluetooth짰 Low Energy Beacon
2021-06-28
logo
Mitsumi Electronics, Co...
WML-C75 MITSUMI-WML-C75 Datasheet
86Kb / 2P
   Bluetooth짰 Low Energy Module
logo
Pepperl+Fuchs Inc.
LOC01HC PF-LOC01HC Datasheet
1Mb / 2P
   Bluetooth짰 Low Energy Beacon
2021-12-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com