Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2505YM Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC2505YM
Description  Single 2A/Dual 1A High-Side Switches
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2505YM Datasheet(HTML) 4 Page - Microchip Technology

  MIC2505YM Datasheet HTML 1Page - Microchip Technology MIC2505YM Datasheet HTML 2Page - Microchip Technology MIC2505YM Datasheet HTML 3Page - Microchip Technology MIC2505YM Datasheet HTML 4Page - Microchip Technology MIC2505YM Datasheet HTML 5Page - Microchip Technology MIC2505YM Datasheet HTML 6Page - Microchip Technology MIC2505YM Datasheet HTML 7Page - Microchip Technology MIC2505YM Datasheet HTML 8Page - Microchip Technology MIC2505YM Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MIC2505/6
DS20005579A-page 4
 2016 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage (VIN).................................................................................................................................................+8.0V
Fault Flag Voltage (VFLG).........................................................................................................................................+7.5V
Fault Flag Current (IFLG) .........................................................................................................................................50 mA
Output Voltage (VOUT)................................................................................................................................................7.5V
Output Current (IOUT) .............................................................................................................................Internally Limited
Gate Voltage (VGATE) ........................................................................................................................................ VIN + 15V
Control Input (VCTL) ................................................................................................................................... –0.3V to +15V
Operating Ratings ‡
Supply Voltage (VIN).................................................................................................................................. +3.0V to +7.5V
† Notice:
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
‡ Notice:
The device is not guaranteed to function outside its operating ratings.


Similar Part No. - MIC2505YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2505YM MICREL-MIC2505YM Datasheet
626Kb / 12P
   Single 2A / Dual 1A / High-Side Switches
More results

Similar Description - MIC2505YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2505 MICREL-MIC2505_04 Datasheet
626Kb / 12P
   Single 2A / Dual 1A / High-Side Switches
MIC2505 MICREL-MIC2505 Datasheet
147Kb / 12P
   Single 2A / Dual 1A / High-Side Switches
logo
Anpec Electronics Corop...
APL3513 ANPEC-APL3513 Datasheet
248Kb / 16P
   2A High Side Load Switches
logo
Linear Technology
LTC1477 LINER-LTC1477_15 Datasheet
209Kb / 8P
   Single and Dual Protected High Side Switches
LTC1477 LINER-LTC1477 Datasheet
224Kb / 8P
   Single and Dual Protected High Side Switches
logo
Richtek Technology Corp...
RT9712 RICHTEK-RT9712 Datasheet
315Kb / 14P
   90m廓, 1A/1.5A High-Side Dual Power Switches with Flag
logo
Micrel Semiconductor
MIC94066-69 MICREL-MIC94066-69 Datasheet
876Kb / 10P
   Dual High Side Power Switches
logo
STMicroelectronics
IPS160HF STMICROELECTRONICS-IPS160HF Datasheet
840Kb / 27P
   Single channel high-side switches
Rev 2 - June 2020
logo
Micrel Semiconductor
MIC94066 MICREL-MIC94066_11 Datasheet
877Kb / 10P
   Dual High Side Power Switches
logo
National Semiconductor ...
LM5100B NSC-LM5100B Datasheet
812Kb / 15P
   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com