Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2316-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2316-Q1
Description  10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2316-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TLV2316-Q1 Datasheet HTML 1Page - Texas Instruments TLV2316-Q1 Datasheet HTML 2Page - Texas Instruments TLV2316-Q1 Datasheet HTML 3Page - Texas Instruments TLV2316-Q1 Datasheet HTML 4Page - Texas Instruments TLV2316-Q1 Datasheet HTML 5Page - Texas Instruments TLV2316-Q1 Datasheet HTML 6Page - Texas Instruments TLV2316-Q1 Datasheet HTML 7Page - Texas Instruments TLV2316-Q1 Datasheet HTML 8Page - Texas Instruments TLV2316-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
R
G
R
F
R
1
C
1
V
IN
V
OUT
= 1 +
V
V
OUT
IN
R
R
F
G
1
1 + sR C
1
1
(
((
(
1
2pR C
1
1
f
=
-
3 dB
-45
0
45
90
135
180
225
270
±20
0
20
40
60
80
100
120
1
10
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
VS = “2.75 V
VS = “0.9 V
C006
Phase
Gain
V
S = “2.75 V
V
S = “0.9 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV316-Q1, TLV2316-Q1, TLV4316-Q1
SBOS845A – NOVEMBER 2016 – REVISED DECEMBER 2016
TLVx316-Q1
10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 With the Following Results:
Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
Range
Device HBM ESD Classification Level 3A
Device CDM ESD Classification Level C5
Unity-Gain Bandwidth: 10 MHz
Low IQ: 400 µA/ch
Excellent Power-to-Bandwidth Ratio
Stable IQ Overtemperature and Supply Range
Wide Supply Range: 1.8 V to 5.5 V
Low Noise: 12 nV/
√Hz at 1 kHz
Low Input Bias Current: ±10 pA
Offset Voltage: ±0.75 mV
Unity-Gain Stable
Internal RFI and EMI Filter
Number of Channels:
TLV314-Q1: 1
TLV2314-Q1: 2
TLV4314-Q1: 4
Extended Temperature Range: –40°C to +125°C
2 Applications
Automotive Applications:
ADAS
Body Electronics and Lighting
Current Sensing
Battery Management Systems
3 Description
The TLV316-Q1 (single), TLV2316-Q1 (dual), and
TLV4316-Q1 (quad) devices comprise a family of
general-purpose, low-power operational amplifiers.
Features such as rail-to-rail input and output swings,
low quiescent current (400 μA/ch typical) combined
with a wide bandwidth of 10 MHz, and very-low noise
(12 nV/
√Hz at 1 kHz) make this family suitable for a
circuits requiring a good speed and power ratio. The
low input bias current supports operational amplifiers
that are used in applications with megaohm source
impedances. The low-input bias current of the
TLVx316-Q1 yields a very-low current noise to make
the family attractive for high impedance sensor
interfaces.
The robust design of the TLVx316-Q1 provides ease-
of-use to the circuit designer: a unity-gain stable,
integrated RFI and EMI rejection filter, no phase
reversal in overdrive condition, and high electrostatic
discharge (ESD) protection (4-kV HBM).
These
devices
are
optimized
for
low-voltage
operation as low as 1.8 V (±0.9 V) and up to 5.5 V
(±2.75 V). This latest addition of low-voltage CMOS
operational amplifiers to the portfolio, in conjunction
with the TLVx313-Q1 and TLVx314-Q1 series, offer a
family of bandwidth, noise, and power options to
meet the needs of a wide variety of applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV316-Q1
SOT-23 (5)
1.60 mm × 2.90 mm
TLV2316-Q1
VSSOP (8)
3.00 mm × 3.00 mm
TLV4316-Q1
TSSOP (14)
4.40 mm × 5.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Single-Pole, Low-Pass Filter
Low Supply Current (400 µA/Ch) for 10-MHz
Bandwidth


Similar Part No. - TLV2316-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2316 TI1-TLV2316 Datasheet
1Mb / 35P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage
TLV2316 TI1-TLV2316 Datasheet
1Mb / 37P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
TLV2316IDGKR TI1-TLV2316IDGKR Datasheet
1Mb / 35P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage
TLV2316IDGKR TI1-TLV2316IDGKR Datasheet
1Mb / 37P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
TLV2316IDGKT TI1-TLV2316IDGKT Datasheet
1Mb / 35P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage
More results

Similar Description - TLV2316-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV316 TI1-TLV316_16 Datasheet
1Mb / 37P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
OPA316-Q1 TI1-OPA316-Q1 Datasheet
2Mb / 39P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
TS187X STMICROELECTRONICS-TS187X Datasheet
1Mb / 25P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
November 2012 Rev 7
logo
Texas Instruments
LMV931-Q1 TI1-LMV931-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931IDBVRG4 TI-LMV931IDBVRG4 Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931 TI-LMV931 Datasheet
725Kb / 26P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
logo
Analog Devices
AD8515 AD-AD8515 Datasheet
242Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. B
logo
Texas Instruments
TLV341 TI1-TLV341 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers
logo
Analog Devices
AD8515 AD-AD8515_07 Datasheet
370Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com