Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4552IRTWT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS4552IRTWT
Description  Dual-Channel, Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4552IRTWT Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS4552IRTWT Datasheet HTML 2Page - Texas Instruments THS4552IRTWT Datasheet HTML 3Page - Texas Instruments THS4552IRTWT Datasheet HTML 4Page - Texas Instruments THS4552IRTWT Datasheet HTML 5Page - Texas Instruments THS4552IRTWT Datasheet HTML 6Page - Texas Instruments THS4552IRTWT Datasheet HTML 7Page - Texas Instruments THS4552IRTWT Datasheet HTML 8Page - Texas Instruments THS4552IRTWT Datasheet HTML 9Page - Texas Instruments THS4552IRTWT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 71 page
background image
6
THS4552
SBOS831 – DECEMBER 2016
www.ti.com
Product Folder Links: THS4552
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Test levels (all values set by characterization and simulation): (A) 100% tested at TA ≈ 25°C. (B) Not tested in production; limits set by
characterization and simulation. (C) Typical value only for information.
(2)
This slew rate is the average of the rising and falling time estimated from the sinusoidal large-signal bandwidth as: (VP / √2) × 2π × f–3dB.
(3)
Currents out of pin are treated as a positive polarity (with the exception of the power-supply pins).
(4)
Input offset voltage drift, input bias current drift, and input offset current drift are the mean ±1-sigma values calculated by taking
measurements at the maximum-range ambient temperature end points, computing the difference, and dividing by the temperature
range. Maximum drift specifications are set by mean ±4 σ on the device distributions tested over a –40°̊C to +125°̊C ambient
temperature range. Drift is not specified by final ATE testing or QA sample test.
7.5 Electrical Characteristics: (VS+) – (VS–) = 5 V
at TA ≈ 25°C, VOCM pin = open, RF = 1 kΩ, RL = 1 kΩ, VOUT = 2 VPP, 50-Ω input match, G = 1 V/V, PD = VS+, single-ended
input, differential output, and input and output referenced to default midsupply for ac-coupled tests (unless otherwise noted);
specifications are per channel; see Figure 61 for a gain of 1-V/V test circuit
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL(1)
AC PERFORMANCE
SSBW
Small-signal bandwidth
VOUT = 20 mVPP, G = 1, peaking (< 1.0 dB)
150
MHz
C
VOUT = 20 mVPP, G = 2
75
C
VOUT = 20 mVPP, G = 10
15
C
GBP
Gain-bandwidth product
VOUT = 20 mVPP, G = 100
135
MHz
C
LSBW
Large-signal bandwidth
VOUT = 2 VPP, G = 1
37
MHz
C
Bandwidth for 0.1-dB flatness
VOUT = 2 VPP, G = 1
15
MHz
C
SR
Slew rate(2)
VOUT = 4 VPP, full-power bandwidth (FPBW),
RL = 1 kΩ
220
V/µs
C
tR, tF
Rise and fall time
VOUT = 0.5-V step, G = 1, input tR = 2 ns
6
ns
C
tSETTLE
Settling time
To 0.1%, VOUT = 0.5-V step, input tR = 2 ns, G = 1
30
ns
C
To 0.01%,VOUT = 0.5-V step, input tR = 2 ns, G = 1
50
C
Overshoot and undershoot
VOUT = 0.5-V step G = 1, input tR = 2 ns
8%
C
HD2
Second-order harmonic distortion
f = 100 kHz, VOUT = 2 VPP, G = 1, RL = 1 kΩ
–128
dBc
C
f = 100 kHz, VOUT = 8 VPP, G = 1, RL = 1 kΩ
–124
C
HD3
Third-order harmonic distortion
f = 100 kHz, VOUT = 2 VPP, G = 1, RL = 1 kΩ
–139
dBc
C
f = 100 kHz, VOUT = 8 VPP, G = 1, RL = 1 kΩ
–131
C
Input voltage noise
f > 500 Hz, 1/f < 150 Hz
3.3
nV/
√Hz
C
Input current noise
f > 20 kHz, 1/f <10 kHz
0.5
pA/
√Hz
C
Overdrive recovery time
G = 2, 2X output overdrive, dc coupled
50
ns
C
Closed-loop output impedance
f = 100 kHz (differential), G = 1
0.02
Ω
C
Channel-to-channel crosstalk
2-VPP output on one channel, 1 MHz
–80
dBc
C
DC PERFORMANCE(3)
AOL
Open-loop voltage gain
±3-V differential-to-differential, 1-kΩ load
105
125
dB
A
VIO
Input-referred offset voltage
TA = 25°C
–175
±50
175
µV
A
TA = 0°C to +70°C
–225
265
B
TA = –40°C to +85°C
–295
295
B
TA = –40°C to +125°C
–295
375
B
Input offset voltage drift(4)
TA = –40°C to +125°C (PW package)
–2.0
±0.45
2.0
µV/°C
B
Channel-to-channel input offset
voltage mismatch
TA = 25°C (PW package)
–250
250
µV
A
Input offset voltage drift mismatch
TA = –40°C to +125°C (PW package)
–2.7
2.7
µV/°C
B
IIB
Input bias current
(positive current out-of-node)
TA = 25°C
0.35
1.0
1.5
µA
A
TA = 0°C to +70°C
0.42
1.73
B
TA = –40°C to +85°C
0.22
1.80
B
TA = –40°C to +125°C
0.22
2.0
B
Input bias current drift(4)
TA = –40°C to +125°C
2
3.3
5.0
nA/°C
B


Similar Part No. - THS4552IRTWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4552 TI-THS4552 Datasheet
3Mb / 51P
[Old version datasheet]   THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
More results

Similar Description - THS4552IRTWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4551 TI1-THS4551 Datasheet
2Mb / 70P
[Old version datasheet]   Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
LMH3404 TI1-LMH3404 Datasheet
181Kb / 8P
[Old version datasheet]   Dual, 7-GHz, Low-Noise, Low-Power, Fully-Differential Amplifier
logo
Microchip Technology
MCP6D11 MICROCHIP-MCP6D11 Datasheet
2Mb / 60P
   Low-Noise, Precision, 90 MHz Differential I/O Amplifier
08/15/18
logo
Texas Instruments
THP210 TI1-THP210 Datasheet
617Kb / 20P
[Old version datasheet]   THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
THP210 TI1-THP210_V01 Datasheet
1Mb / 40P
[Old version datasheet]   THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
THP210 TI-THP210_V02 Datasheet
2Mb / 41P
[Old version datasheet]   THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com