Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP709AQDBVRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMP709AQDBVRQ1
Description  Automotive, Resistor-Programmable Temperature Switch in SOT Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP709AQDBVRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP709AQDBVRQ1 Datasheet HTML 5Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 6Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 7Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 8Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 9Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 10Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 11Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 12Page - Texas Instruments TMP709AQDBVRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
150
TMP709
VCC
GND
HYST
SET
OT
Microprocessor
VCC
GND
RSET
470 k
2.7 V to 5.5 V
0.1 …F
Copyright © 2016, Texas Instruments Incorporated
9
TMP709-Q1
www.ti.com
SBOS829 – DECEMBER 2016
Product Folder Links: TMP709-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TMP709-Q1 device is simple to configure. The only external components that the device requires are a
bypass capacitor and pullup resistor. Power-supply bypassing is strongly recommended. Use a 0.1-µF capacitor
placed as close as possible to the VCC supply pin. To minimize the internal power dissipation of the TMP709-Q1
family of devices, use a pullup resistor value greater than 10 kΩ from the OT pin to the VCC pin. See the
Hysteresis Input section for hysteresis configuration, and the Set-Point Resistor (RSET) section for configuring the
temperature threshold.
8.2 Typical Application
Figure 5. Overtemperature Protection for a 60°C Trip Point
8.2.1 Design Requirements
For this design example, a 2.7-V to 5.5-V power supply, 60°C trip point, and 10°C hysteresis are used.


Similar Part No. - TMP709AQDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP709AIDBVR TI1-TMP709AIDBVR Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP709AIDBVT TI1-TMP709AIDBVT Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
More results

Similar Description - TMP709AQDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP708-Q1 TI1-TMP708-Q1 Datasheet
780Kb / 18P
[Old version datasheet]   Automotive, Resistor-Programmable Temperature Switch in SOT Package
TMP709 TI1-TMP709_15 Datasheet
704Kb / 15P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP709 TI1-TMP709 Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP708 TI1-TMP708 Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509_03 Datasheet
199Kb / 8P
   Resistor-Programmable SOT Temperature Switches
Rev 2; 11/03
MAX6509 MAXIM-MAX6509 Datasheet
141Kb / 8P
   Resistor-Programmable SOT Temperature Switches
Rev 0; 1/00
logo
Global Mixed-mode Techn...
G708 GMT-G708 Datasheet
76Kb / 1P
   Resistor-Programmable SOT Temperature Switches
G709 GMT-G709 Datasheet
40Kb / 1P
   Resistor-Programmable SOT Temperature Switches
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509_V01 Datasheet
1Mb / 9P
   Resistor-Programmable SOT Temperature Switches
2021
logo
Global Mixed-mode Techn...
G705 GMT-G705 Datasheet
84Kb / 1P
   Resistor-Programmable SOT Temperature Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com