Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC7705M Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC7705M
Description  MICROPOWER SUPPLY VOLTAGE SUPERVISORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC7705M Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC7705M Datasheet HTML 2Page - Texas Instruments TLC7705M Datasheet HTML 3Page - Texas Instruments TLC7705M Datasheet HTML 4Page - Texas Instruments TLC7705M Datasheet HTML 5Page - Texas Instruments TLC7705M Datasheet HTML 6Page - Texas Instruments TLC7705M Datasheet HTML 7Page - Texas Instruments TLC7705M Datasheet HTML 8Page - Texas Instruments TLC7705M Datasheet HTML 9Page - Texas Instruments TLC7705M Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TLC7701-EP, TLC7705-EP, TLC7733-EP
SGLS013E
– MARCH 2003 – REVISED NOVEMBER 2011
www.ti.com
SWITCHING CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
MEASURED
TA = -40°C to 125°C
TA = -55°C to 125°C
PARAMETER
TEST CONDITIONS
UNIT
FROM
TO
MIN
TYP
MAX
MIN
TYP
MAX
(INPUT)
(OUTPUT)
RESIN = 0.7
× VDD,
ms
CONTROL = 0.2
×
td
Delay time
VDD,CT = 100 nF,
1.1
2.1
4.2
2.1
TA = Full range, See
timing diagram
Propagation delay
tPLH
time, low-to-high level
20
20
output
RESET
Propagation delay
VIH = VIT+max + 0.2 V,
tPLH
time, high-to-low level
5
5
VIL = VIT-min - 0.2 V,
output
SENSE
RESIN = 0.7
×
μs
Propagation delay
VDD,CONTROL = 0.2 × VDD,
tPLH
time, low-to-high level
5
5
CT = NC
(1)
output
RESET
Propagation delay
tPLH
time, high-to-low level
20
20
output
Propagation delay
μs
tPLH
time, low-to-high level
20
20
output
RESET
Propagation delay
VIH = 0.7 × VDD,
tPLH
time, high-to-low level
60
60
VIL = 0.2 × VDD,SENSE =
output
RESIN
VIT+max + 0.2 V,
ns
Propagation delay
CONTROL = 0.2
× VDD,
tPLH
time, low-to-high level
65
65
CT = NC
(1)
output
RESET
Propagation delay
μs
tPLH
time, high-to-low level
20
20
output
Propagation delay
VIH = 0.7 × VDD,
ns
tPLH
time, low-to-high level
VIL = 0.2 × VDD,SENSE =
58
58
output
VIT+max + 0.2 V,
CONTR
RESET
RESIN = 0.7
× VDD,
OL
Propagation delay
ns
CT = NC
(1)
tPLH
time, high-to-low level
58
58
output
VIH = VIT+max + 0.2 V,
SENSE
3
4
Low-level minimum
VIL = VIT-min - 0.2 V
pulse duration to switch
μs
VIL = 0.2 × VDD,
RESET and RESET
RESIN
1
1
VIH = 0.7 × VDD
tr
Rise time
RESET
10% to 90%
8
8
and
ns/V
90% to 10%
tf
Fall time
4
4
RESET
(1)
NC = No capacitor, and includes up to 100-pF probe and jig capacitance.
6
Submit Documentation Feedback
Copyright
© 2003–2011, Texas Instruments Incorporated
Product Folder Link(s): TLC7701-EP TLC7705-EP TLC7733-EP


Similar Part No. - TLC7705M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7705M TI1-TLC7705M Datasheet
1Mb / 38P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7705MFK TI-TLC7705MFK Datasheet
304Kb / 19P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7705MFKB TI-TLC7705MFKB Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7705MFKB TI1-TLC7705MFKB Datasheet
1Mb / 37P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7705MFKB TI1-TLC7705MFKB Datasheet
1Mb / 32P
[Old version datasheet]   Micropower Supply Voltage Supervisors
More results

Similar Description - TLC7705M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7725IDR TI-TLC7725IDR Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701MDREP TI1-TLC7701MDREP Datasheet
621Kb / 18P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701-Q1 TI1-TLC7701-Q1 Datasheet
217Kb / 14P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_17 Datasheet
1Mb / 37P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701IPWG4 TI-TLC7701IPWG4 Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7705MJGB TI1-TLC7705MJGB Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701 TI1-TLC7701_12 Datasheet
1Mb / 32P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701-Q1 TI1-TLC7701-Q1_16 Datasheet
1Mb / 18P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701-EP TI-TLC7701-EP Datasheet
214Kb / 11P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_16 Datasheet
1Mb / 38P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701 TI-TLC7701 Datasheet
304Kb / 19P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com