Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404889 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD404889
Description  Low-Voltage AS Microcomputers with On-Chip LCD Circuit
Download  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404889 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD404889 Datasheet HTML 5Page - Renesas Technology Corp HD404889 Datasheet HTML 6Page - Renesas Technology Corp HD404889 Datasheet HTML 7Page - Renesas Technology Corp HD404889 Datasheet HTML 8Page - Renesas Technology Corp HD404889 Datasheet HTML 9Page - Renesas Technology Corp HD404889 Datasheet HTML 10Page - Renesas Technology Corp HD404889 Datasheet HTML 11Page - Renesas Technology Corp HD404889 Datasheet HTML 12Page - Renesas Technology Corp HD404889 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 202 page
background image
HD404889/HD404899/HD404878/HD404868 Series
7
Product Name
HD4074889
HD404898
HD4048912
HD404899
ROM (words)
16,384PROM
8,192
12,288
16,384
RAM (digit)
1,344
I/O
46 (max)
Large-current I/O pins
4 (source, 10 mA max), 8 (sink, 15 mA max)
LCD segment multiplexed pins
16
Analog input multiplexed pins
6
Timer/counter
16-bit timer: 1 (Can also be used as two 8-bit timer),
8-bit timer: 2
Input capture
8 bit
× 1
Timer output
2 (PWM output possible)
Event input
2 (edge selection possible)
Serial interface
1 (8-bit synchronous)
A/D converter
8 bits
× 6
channels
10 bits
× 6 channels
LCD circuit
Max. 32 seg
× 4 com
Interrupt sources
External
3 (edge selection possible for 1)
Internal
6
Low-power modes
4
Stop mode
O
Watch mode
O
Standby mode
O
Subactive mode
O
Module standby
O
System clock division software switching
O
Main oscillator
Ceramic oscillation
O
Crystal oscillation
O
Sub-oscillator
Crystal oscillation
O (32.768kHz)
Minimum instruction execution time
0.89
µs(f
OSC=4.5MHz)
Operating voltage (V)
2.0 to 5.5
1.8 to 5.5
Package
80-pin plastic QFP (FP-80A) 80-pin plastic TQFP (TFP-80C)
Guaranteed operation temperature(
°C)
–20 to +75


Similar Part No. - HD404889

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD404889 RENESAS-HD404889 Datasheet
1Mb / 197P
   Low-Voltage AS Microcomputers with On-Chip LCD Circuit
HD404889H RENESAS-HD404889H Datasheet
1Mb / 197P
   Low-Voltage AS Microcomputers with On-Chip LCD Circuit
HD404889TE RENESAS-HD404889TE Datasheet
1Mb / 197P
   Low-Voltage AS Microcomputers with On-Chip LCD Circuit
HD404889 RENESAS-HD404889_03 Datasheet
1Mb / 197P
   Low-Voltage AS Microcomputers with On-Chip LCD Circuit
More results

Similar Description - HD404889

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD404889 RENESAS-HD404889_03 Datasheet
1Mb / 197P
   Low-Voltage AS Microcomputers with On-Chip LCD Circuit
HD404669 RENESAS-HD404669 Datasheet
680Kb / 146P
   Low-Voltage AS Microcomputers with On-Chip DTMF Generation Circuit
Sept. 1999
logo
Hitachi Semiconductor
HD404669 HITACHI-HD404669 Datasheet
455Kb / 142P
   Low-Voltage AS Microcomputers with On-Chip DTMF Generation Circuit
logo
Renesas Technology Corp
HD404374 RENESAS-HD404374 Datasheet
868Kb / 161P
   Low-Voltage AS Microcomputers with On-Chip A/D Converter
logo
Sanyo Semicon Device
LC72348G SANYO-LC72348G Datasheet
119Kb / 14P
   Low-Voltage ETR Controller with On-Chip LCD Driver
LC72341G SANYO-LC72341G Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
LC723461W SANYO-LC723461W Datasheet
105Kb / 13P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72314W SANYO-LC72314W Datasheet
129Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72346W SANYO-LC72346W Datasheet
95Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
logo
Siemens Semiconductor G...
C505L SIEMENS-C505L Datasheet
31Kb / 2P
   First 8051Microcontroller with On-Chip LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com