Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3600x20PW Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS3600x20PW
Description  BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3600x20PW Datasheet(HTML) 2 Page - Texas Instruments

  TPS3600x20PW Datasheet HTML 1Page - Texas Instruments TPS3600x20PW Datasheet HTML 2Page - Texas Instruments TPS3600x20PW Datasheet HTML 3Page - Texas Instruments TPS3600x20PW Datasheet HTML 4Page - Texas Instruments TPS3600x20PW Datasheet HTML 5Page - Texas Instruments TPS3600x20PW Datasheet HTML 6Page - Texas Instruments TPS3600x20PW Datasheet HTML 7Page - Texas Instruments TPS3600x20PW Datasheet HTML 8Page - Texas Instruments TPS3600x20PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
TPS3600D20, TPS3600D25, TPS3600D33, TPS3600D50
BATTERY BACKUP SUPERVISORS FOR LOW POWER PROCESSORS
SLVS336B − DECEMBER 2000 − REVISED JANUARY 2007
2
description
The TPS3600 family of supervisory circuits monitor and control processor activity. In case of power-fail or
brownout conditions, the backup-battery switchover function of TPS3600 allows to run a low-power processor
and its peripherals from the installed backup battery without asserting a reset beforehand.
During power on, RESET is asserted when the supply voltage (VDD or VBAT) becomes higher than Vres.
Thereafter, the supply voltage supervisor monitors VOUT and keeps RESET output active as long as VOUT
remains below the threshold voltage (VIT). An internal timer delays the return of the output to the inactive state
(high) to ensure proper system reset. This delay timer starts its time-out, after VOUT has risen above the
threshold voltage (VIT). In case of a brownout or power failure of both supply sources, a voltage drop below the
threshold voltage (VIT) get detected and the output becomes active (low) again.
The product spectrum is designed for supply voltages of 2 V, 2.5 V, 3.3 V, and 5 V. The circuits are available
in a 14-pin TSSOP package. They are characterized for operation over a temperature range of −40
°C to 85°C.
PACKAGE INFORMATION
TA
DEVICE NAME
TPS3600D20
−40
°C to 85°C
TPS3600D25
−40
°C to 85°C
TPS3600D33
TPS3600D50
ordering information application specific versions (see Note)
TPS360
0
D
PW
R
Reel
Package
20
Nominal Supply Voltage
Nominal BATTOK Threshold Voltage
Functionality
Family
DEVICE NAME
NOMINAL VOLTAGE, VNOM
TPS3600x20 PW
2.0 V
TPS3600x25 PW
2.5 V
TPS3600x33 PW
3.3 V
TPS3600x50 PW
5.0 V
NOMINAL BATTOK
DEVICE NAME
THRESHOLD VOLTAGE, VBOK
TPS3600Dxx PW
VIT + 7%
TPS3600Fxx PW{
VIT + 6%
TPS3600Hxx PW{
VIT + 8%
TPS3600Jxx PW{
VIT + 10%
† For the application specific versions, please contact the local TI sales
office for availability and lead time.
www.ti.com


Similar Part No. - TPS3600x20PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3600X20PW TI-TPS3600X20PW Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600X20PWR TI-TPS3600X20PWR Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
More results

Similar Description - TPS3600x20PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3600D20 TI-TPS3600D20 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3606-33 TI-TPS3606-33 Datasheet
388Kb / 18P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR LOW-POWER PROCESSORS
TPS3619-33 TI1-TPS3619-33_16 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI-TPS3610U18 Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI-TPS3619-33 Datasheet
337Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610T50 TI1-TPS3610T50 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP Datasheet
618Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI1-TPS3610U18_16 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
logo
Linear Technology
LTC4040 LINER-LTC4040_15 Datasheet
1Mb / 26P
   2.5A Battery Backup Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com