Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3600D25PW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3600D25PW
Description  BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3600D25PW Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS3600D25PW Datasheet HTML 5Page - Texas Instruments TPS3600D25PW Datasheet HTML 6Page - Texas Instruments TPS3600D25PW Datasheet HTML 7Page - Texas Instruments TPS3600D25PW Datasheet HTML 8Page - Texas Instruments TPS3600D25PW Datasheet HTML 9Page - Texas Instruments TPS3600D25PW Datasheet HTML 10Page - Texas Instruments TPS3600D25PW Datasheet HTML 11Page - Texas Instruments TPS3600D25PW Datasheet HTML 12Page - Texas Instruments TPS3600D25PW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
TPS3600D20, TPS3600D25, TPS3600D33, TPS3600D50
BATTERY BACKUP SUPERVISORS FOR LOW POWER PROCESSORS
SLVS336B − DECEMBER 2000 − REVISED JANUARY 2007
9
detailed description (continued)
manual switchover (MSWITCH)
While operating in the normal mode from VDD, the device can be manually forced to operate in the
battery-backup mode by connecting MSWITCH to VDD. The table below shows the different switchover modes.
MSWITCH
STATUS
VDD mode
GND
VDD mode
VDD mode
VDD
Switch to battery-backup mode
Battery-backup mode
GND
Battery-backup mode
Battery-backup mode
VDD
Battery-backup mode
If the manual switchover feature is not used, MSWITCH must be connected to ground.
watchdog
In a microprocessor- or DSP-based system, it is not only important to supervise the supply voltage, it is also
important to ensure the correct program execution. The task of a watchdog is to ensure that the program is not
stalled in an indefinite loop. The microprocessor, microcontroller, or the DSP have to toggle the watchdog input
within typically 0.8 s to avoid a time-out from occurring. Either a low-to-high or a high-to-low transition resets
the internal watchdog timer. If the input is unconnected the watchdog is disabled and will be retriggered
internally.
saving current while using the watchdog
The watchdog input is internally driven low during the first 7/8 of the watchdog time-out period, then momentarily
pulses high, resetting the watchdog counter. For minimum watchdog input current (minimum overall power
consumption), leave WDI low for the majority of the watchdog time-out period, pulsing it low-high-low once
within 7/8 of the watchdog time-out period to reset the watchdog timer. If instead, WDI is externally driven high
for the majority of the time-out period, a current of e.g. 5 V/40 k
Ω ≈ 125 µA can flow into WDI.
VIT
WDI
RESET
td
td
t(tout)
VOUT
td
Undefined
Figure 4. Watchdog Timing
www.ti.com


Similar Part No. - TPS3600D25PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3600D25PW TI-TPS3600D25PW Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D25PWG4 TI-TPS3600D25PWG4 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D25PWR TI-TPS3600D25PWR Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D25PWRG4 TI-TPS3600D25PWRG4 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
More results

Similar Description - TPS3600D25PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3600D20 TI-TPS3600D20 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3606-33 TI-TPS3606-33 Datasheet
388Kb / 18P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR LOW-POWER PROCESSORS
TPS3619-33 TI1-TPS3619-33_16 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI-TPS3610U18 Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI-TPS3619-33 Datasheet
337Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610T50 TI1-TPS3610T50 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP Datasheet
618Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI1-TPS3610U18_16 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
logo
Linear Technology
LTC4040 LINER-LTC4040_15 Datasheet
1Mb / 26P
   2.5A Battery Backup Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com