Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJQ7328 Datasheet(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJQ7328
Description  Dual P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJQ7328 Datasheet(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJQ7328 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJQ7328 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJQ7328 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJQ7328 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJQ7328 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
-0
-2
-4
-6
-8
-10
0
5
10
15
20
25
30
35
40
-0
-5
-10
-15
-20
1E-3
0.01
0.1
1
10
-2
-4
-6
-8
10
15
20
25
30
-0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-0
-1
-2
-3
-4
-400
-600
-800
-1000
-1E-4
-1E-3
-0.01
-0.1
-1
-10
25
50
75
100
125
-1.0
-1.2
-1.4
-1.6
-10V
-4.0V
-3.5V
-3.0V
DRAIN TO SOURCE VOLTAGE V
DS
(V)
Pulsed
V
GS=-2.5V
GATE TO SOURCE VOLTAGE V
GS
(V)
I
D=-8A
T
a=25
Pulsed
V
GS
——
R
DS(ON)
T
a=25
Pulsed
V
GS=-10V
V
GS=-4.5V
DRAIN CURRENT I
D
(A)
I
D
——
R
DS(ON)
-0.5
GATE TO SOURCE VOLTAGE V
GS
(V)
V
DS=-24V
Pulsed
T
a=100
T
a=25
Transfer Characteristics
SOURCE TO DRAIN VOLTAGE V
SD
(mV)
T
a=25
Pulsed
V
SD
I
S
——
Output Characteristics
JUNCTION TEMPERATURE T
J
( )
I
D=-250uA
Threshold Voltage
www.cj-elec.com
3
E,Mar,2016


Similar Part No. - CJQ7328

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJQ7328 ZPSEMI-CJQ7328 Datasheet
1Mb / 3P
   Plastic-Encapsulate MOSFETS
More results

Similar Description - CJQ7328

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO6801A-HF KEXIN-AO6801A-HF Datasheet
1Mb / 4P
   Dual P-Channel MOSFET
logo
ELM Electronics
ELM57801GA-S ELM-ELM57801GA-S Datasheet
1Mb / 5P
   Dual P-channel MOSFET
ELM34803AA-N ELM-ELM34803AA-N Datasheet
1Mb / 4P
   Dual P-channel MOSFET
logo
ELM Technology Corporat...
ELM18807BA-S ELM-TECH-ELM18807BA-S Datasheet
393Kb / 4P
   Dual P-channel MOSFET
ELM14813AA-N ELM-TECH-ELM14813AA-N Datasheet
96Kb / 4P
   Dual P-channel MOSFET
logo
Guangdong Kexin Industr...
AO4817-HF KEXIN-AO4817-HF Datasheet
1Mb / 4P
   Dual P-Channel MOSFET
AO4821 KEXIN-AO4821 Datasheet
1Mb / 4P
   Dual P-Channel MOSFET
AO4807 KEXIN-AO4807 Datasheet
2Mb / 5P
   Dual P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM680P06D TSC-TSM680P06D Datasheet
461Kb / 6P
   Dual P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4801A-HF KEXIN-AO4801A-HF Datasheet
1Mb / 4P
   Dual P-Channel MOSFET
logo
Guangdong Youtai Semico...
AO4805 UMW-AO4805 Datasheet
508Kb / 6P
   Dual P-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com