Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB413 Datasheet(PDF) 2 Page - Motorola, Inc

Part # EB413
Description  Resetting MCUs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

EB413 Datasheet(HTML) 2 Page - Motorola, Inc

  EB413 Datasheet HTML 1Page - Motorola, Inc EB413 Datasheet HTML 2Page - Motorola, Inc EB413 Datasheet HTML 3Page - Motorola, Inc EB413 Datasheet HTML 4Page - Motorola, Inc EB413 Datasheet HTML 5Page - Motorola, Inc EB413 Datasheet HTML 6Page - Motorola, Inc EB413 Datasheet HTML 7Page - Motorola, Inc EB413 Datasheet HTML 8Page - Motorola, Inc EB413 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Engineering Bulletin
EB413
2
MOTOROLA
Factors which affect reset are:
1. External components attached to the RESET pin
2. Low-voltage reset (LVR) on chip
3. Power-on reset (POR) detection
4. System power-up sequence
5. Watchdog operation
6. Electrically erasable, programmable read-only memory
(EEPROM) on chip
7. Battery backup
8. Device controls to its own power off
9. Partial power loss
10. HC05 clock source
11. Power applied resets
These factors are explained in detail later in this application note. In most
applications several factors apply and so it may be a combination of
these elements of reset functionality that must be considered for the safe
operation of the MCU application.
Almost all HC05 and HC11 devices have an external 4-MHz or 8-MHz
crystal and so it is assumed that the device will have a stable oscillator
within 10 ms of VDD reaching 4 V (5-V VDD is also assumed, unless
stated otherwise). Other possibilities for clock sources are discussed in
HC05 Clock Source.
External Components Attached to the RESET Pin
At the simplest level, a battery connection is connected to the VDD pin of
the HC05 device and the VDD reaches 4.5 V within 1 ms. This assumes
a relatively small reservoir capacitor (for instance, 1
µF). In this case, the
crystal oscillator will usually start between 5 ms and 10 ms after power
on and the VDD supply will be above the minimum allowed for the system
clock. Remember that the 3-V specification normally includes reduced
operating frequency.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - EB413

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB413R10 VISHAY-EB413R10 Datasheet
158Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.100" [2.54mm] C-C, Standard and Right Angle Terminals
Revision 14-Aug-02
EB413R10SGX15 VISHAY-EB413R10SGX15 Datasheet
166Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.100" (2.54 mm) C-C, Standard and Right Angle Terminals
Revision: 16-Feb-09
EB413R12 VISHAY-EB413R12 Datasheet
158Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.100" [2.54mm] C-C, Standard and Right Angle Terminals
Revision 14-Aug-02
EB413R12SGX15 VISHAY-EB413R12SGX15 Datasheet
166Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.100" (2.54 mm) C-C, Standard and Right Angle Terminals
Revision: 16-Feb-09
EB413R15 VISHAY-EB413R15 Datasheet
158Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.100" [2.54mm] C-C, Standard and Right Angle Terminals
Revision 14-Aug-02
More results

Similar Description - EB413

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX64M RENESAS-RX64M Datasheet
451Kb / 67P
   MCUs
RX62T RENESAS-RX62T Datasheet
640Kb / 25P
   MCUs
RX71M RENESAS-RX71M_15 Datasheet
1Mb / 228P
   Renesas MCUs
logo
ATMEL Corporation
AT83C51RB2 ATMEL-AT83C51RB2_08 Datasheet
72Kb / 4P
   80C51 MCUs
T89C51CC01UA ATMEL-T89C51CC01UA Datasheet
136Kb / 8P
   80C51 MCUs
logo
Renesas Technology Corp
RX13T RENESAS-RX13T Datasheet
1Mb / 65P
   Renesas MCUs
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
   Renesas MCUs
R5F52108ADFP RENESAS-R5F52108ADFP_11 Datasheet
1Mb / 146P
   Renesas MCUs
R5F56307CDFN RENESAS-R5F56307CDFN Datasheet
1Mb / 165P
   Renesas MCUs
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
   Renesas MCUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com