Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS1084CD-5.0 Datasheet(PDF) 5 Page - Advanced Monolithic Systems

Part # AMS1084CD-5.0
Description  High Efficiency Linear Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1084CD-5.0 Datasheet(HTML) 5 Page - Advanced Monolithic Systems

  AMS1084CD-5.0 Datasheet HTML 1Page - Advanced Monolithic Systems AMS1084CD-5.0 Datasheet HTML 2Page - Advanced Monolithic Systems AMS1084CD-5.0 Datasheet HTML 3Page - Advanced Monolithic Systems AMS1084CD-5.0 Datasheet HTML 4Page - Advanced Monolithic Systems AMS1084CD-5.0 Datasheet HTML 5Page - Advanced Monolithic Systems AMS1084CD-5.0 Datasheet HTML 6Page - Advanced Monolithic Systems AMS1084CD-5.0 Datasheet HTML 7Page - Advanced Monolithic Systems AMS1084CD-5.0 Datasheet HTML 8Page - Advanced Monolithic Systems AMS1084CD-5.0 Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS1084
APPLICATION HINTS
This current is normally the specified minimum load current of
10mA. Because IADJ is very small and constant it represents a small
error and it can usually be ignored.
AMS1084
IN
OUT
ADJ
R1
R2
V
OUT
V
REF
V
IN
I
ADJ
50µA
VOUT = VREF (1+ R2/R1)+IADJR2
Figure 1. Basic Adjustable Regulator
Load Regulation
True remote load sensing it is not possible to provide, because the
AMS1084 is a three terminal device. The resistance of the wire
connecting the regulator to the load will limit the load regulation.
The data sheet specification for load regulation is measured at the
bottom of the package. Negative side sensing is a true Kelvin
connection, with the bottom of the output divider returned to the
negative side of the load.
The best load regulation is obtained when the top of the resistor
divider R1 is connected directly to the case not to the load. If R1
were connected to the load, the effective resistance between the
regulator and the load would be:
RP x ( R2+R1 ) ,
RP = Parasitic Line Resistance
R1
AMS1084
IN
OUT
ADJ
R
L
R1*
R2*
V
IN
R
P
PARASITIC
LINE RESISTANCE
*CONNECT R1 TO CASE
CONNECT R2 TO LOAD
Figure 2. Connections for Best Load Regulation
Connected as shown, RP is not multiplied by the divider ratio.
Using 16-gauge wire the parasitic line resistance is about 0.004Ω
per foot, translating to 4mV/ft at 1A load current. It is important to
keep the positive lead between regulator and load as short as
possible and use large wire or PC board traces.
Thermal Considerations
The AMS1084 series have internal power and thermal limiting
circuitry designed to protect the device under overload conditions.
However maximum junction temperature ratings should not be
exceeded under continuous normal load conditions. Careful
consideration must be given to all sources of thermal resistance
from junction to ambient, including junction-to-case, case-to-heat
sink interface and heat sink resistance itself. To ensure safe
operating temperatures and reflect more accurately the device
temperature, new thermal resistance specifications have been
developed. Unlike older regulators with a single junction-to-case
thermal resistance specification, the data section for these new
regulators provides a separate thermal resistance and maximum
junction temperature for both the Control Section and the Power
Transistor. Calculations for both temperatures under certain
conditions of ambient temperature and heat sink resistance and to
ensure that both thermal limits are met.
Junction-to-case thermal resistance is specified from the IC
junction to the bottom of the case directly below the die. This is
the lowest resistance path for the heat flow. In order to ensure the
best possible thermal flow from this area of the package to the
heat sink proper mounting is required. Thermal compound at the
case-to-heat
sink
interface
is
recommended.
A
thermally
conductive spacer can be used, if the case of the device must be
electrically isolated, but its added contribution to thermal
resistance has to be considered.


Similar Part No. - AMS1084CD-5.0

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1084CD-5.0 ADMOS-AMS1084CD-5.0 Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS1084CD-5.0

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB1085-12 TOREX-XB1085-12 Datasheet
178Kb / 11P
   High efficiency linear regulators
XB1086-12 TOREX-XB1086-12 Datasheet
178Kb / 11P
   High efficiency linear regulators
logo
Shenzhen Huazhimei Semi...
HM2940 HMSEMI-HM2940 Datasheet
266Kb / 4P
   High Efficiency Linear Regulators
logo
Texas Instruments
UC1834-DIE TI-UC1834-DIE_15 Datasheet
199Kb / 6P
[Old version datasheet]   High Efficiency Linear Regulator
logo
Linear Technology
LT1271 LINER-LT1271_15 Datasheet
203Kb / 8P
   4A High Efficiency Switching Regulators
logo
Allegro MicroSystems
8405 ALLEGRO-8405 Datasheet
118Kb / 8P
   LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
logo
Texas Instruments
UC1834 TI-UC1834 Datasheet
676Kb / 9P
[Old version datasheet]   High Efficiency Linear Regulator
UC1834J TI-UC1834J Datasheet
1Mb / 12P
[Old version datasheet]   High Efficiency Linear Regulator
logo
Allegro MicroSystems
8220 ALLEGRO-8220 Datasheet
137Kb / 8P
   LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
January 18, 2000
8188 ALLEGRO-8188 Datasheet
163Kb / 12P
   LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
July 13, 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com