Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS2951CP-X Datasheet(PDF) 5 Page - Advanced Monolithic Systems

Part # AMS2951CP-X
Description  Battery Powered Systems
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2951CP-X Datasheet(HTML) 5 Page - Advanced Monolithic Systems

  AMS2951CP-X Datasheet HTML 1Page - Advanced Monolithic Systems AMS2951CP-X Datasheet HTML 2Page - Advanced Monolithic Systems AMS2951CP-X Datasheet HTML 3Page - Advanced Monolithic Systems AMS2951CP-X Datasheet HTML 4Page - Advanced Monolithic Systems AMS2951CP-X Datasheet HTML 5Page - Advanced Monolithic Systems AMS2951CP-X Datasheet HTML 6Page - Advanced Monolithic Systems AMS2951CP-X Datasheet HTML 7Page - Advanced Monolithic Systems AMS2951CP-X Datasheet HTML 8Page - Advanced Monolithic Systems AMS2951CP-X Datasheet HTML 9Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS2950/AMS2951
TYPICAL PERFORMANCE CHARACTERISTICS
0
40
100
60
160
01
2
3
4
567
8
INPUT VOLTAGE (V)
Quiescent Current
125
250
Input Current
25
50
75
100
150
175
200
225
INPUT VOLTAGE (V)
5V OUTPUT
-75
0
25 50 75 100 125
5.06
5.0
150
Temperature Drift of 3
Representative Units
TEMPERATURE (° C)
5.04
4.98
4.94
-50 -25
0.1
1
10
150
LOAD CURRENT (mA)
0.01
0.1
1
10
Quiescent Current
Dropout Characteristics
INPUT VOLTAGE (V)
R
L= 50 kΩ
0
90
270
Input Current
15
30
45
75
120
150
180
210
INPUT VOLTAGE (V)
-75
0
25 50 75 100 125
120
90
150
Quiescent Current
TEMPERATURE (° C)
100
70
60
-50 -25
I
L= 100µA
-75
0
25 50 75 100 125
10
150
Quiescent Current
TEMPERATURE (° C)
9
8
7
-50 -25
I
L= 150mA
50
80
110
20
80
140
120
0
2
5
3
8
0
1
2
3
456
78
INPUT VOLTAGE (V)
Quiescent Current
1
4
7
6
0
1
2
3
4
5
6
1
2
3
4
56
78
9 10
0
0
1
2
3
4
5
6
0
1
2
3
4
56
78
9 10
0
60
240
5.02
4.96
5V OUTPUT
5V OUTPUT
5V OUTPUT
5V OUTPUT
5V OUTPUT
5V OUTPUT
5V OUTPUT
I
L= 1 mA
I
L= 150mA
R
L= 50Ω
R
L= 50 kΩ
I
L= 0
V
IN= 6V
V
IN= 6V
R
L= 50Ω
0.2%
R
L= ∞


Similar Part No. - AMS2951CP-X

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2951CP-X ADMOS-AMS2951CP-X Datasheet
144Kb / 14P
   150mA LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS2951CP-X

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2930AN-X ADMOS-AMS2930AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
AMS3100-2.5AM ADMOS-AMS3100-2.5AM Datasheet
70Kb / 6P
   Battery Powered Systems
AMS2931AN-X ADMOS-AMS2931AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
AMS116N-X ADMOS-AMS116N-X Datasheet
117Kb / 7P
   Battery Powered Systems
AMS3100-1.2AM ADMOS-AMS3100-1.2AM Datasheet
77Kb / 6P
   Battery Powered Systems
LP2950ACN-X ADMOS-LP2950ACN-X Datasheet
142Kb / 14P
   Battery Powered Systems
AMS285-2.5AN ADMOS-AMS285-2.5AN Datasheet
172Kb / 8P
   Battery Powered Systems
logo
Silicon Laboratories
TS1108 SILABS-TS1108 Datasheet
1Mb / 23P
   Portable/Battery-Powered Systems
logo
Rohm
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
   System PMIC for Battery Powered Systems
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
[Old version datasheet]   Programmable PMIC for Battery-Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com